Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VS-112CNQ030APBF Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VS-112CNQ030APBF
Description  High Performance Schottky Rectifier New Generation 3, D-61 Package, 2 x 55 A
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-112CNQ030APBF Datasheet(HTML) 3 Page - Vishay Siliconix

  VS-112CNQ030APBF_15 Datasheet HTML 1Page - Vishay Siliconix VS-112CNQ030APBF_15 Datasheet HTML 2Page - Vishay Siliconix VS-112CNQ030APBF_15 Datasheet HTML 3Page - Vishay Siliconix VS-112CNQ030APBF_15 Datasheet HTML 4Page - Vishay Siliconix VS-112CNQ030APBF_15 Datasheet HTML 5Page - Vishay Siliconix VS-112CNQ030APBF_15 Datasheet HTML 6Page - Vishay Siliconix VS-112CNQ030APBF_15 Datasheet HTML 7Page - Vishay Siliconix VS-112CNQ030APBF_15 Datasheet HTML 8Page - Vishay Siliconix VS-112CNQ030APBF_15 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
VS-112CNQ030APbF Series
www.vishay.com
Vishay Semiconductors
Revision: 21-May-14
3
Document Number: 94124
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 1 - Maximum Forward Voltage Drop Characteristics
(Per Leg)
Fig. 2 - Typical Values of Reverse Current vs.
Reverse Voltage (Per Leg)
Fig. 3 - Typical Junction Capacitance vs. Reverse Voltage (Per Leg)
Fig. 4 - Maximum Thermal Impedance ZthJC Characteristics (Per Leg)
100
10
1
VFM - Forward Voltage Drop (V)
0
0.8
1.2
1.4
0.4
1000
T
J = 25 °C
T
J = 150 °C
T
J = 125 °C
0.2
0.6
1.0
VR - Reverse Voltage (V)
0.01
0.1
1
05
15
25
30
10
1000
10
20
100
T
J = 150 °C
T
J = 125 °C
T
J = 100 °C
T
J = 75 °C
T
J = 50 °C
T
J = 25 °C
10 000
VR - Reverse Voltage (V)
0
1000
20
30
10
515
25
T
J = 25 °C
t1 - Rectangular Pulse Duration (s)
0.001
0.01
0.1
1
0.00001
0.0001
0.001
0.01
0.1
110
Single pulse
(thermal resistance)
.
.
P
DM
t
1
t
2
Notes:
1. Duty factor D = t
1/t2
2. Peak T
J = PDM x ZthJC + TC
D = 0.75
D = 0.50
D = 0.33
D = 0.25
D = 0.20


Similar Part No. - VS-112CNQ030APBF_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-112CNQ030APBF VISHAY-VS-112CNQ030APBF Datasheet
196Kb / 9P
   High Performance Schottky Rectifier New Generation 3, D-61 Package, 2 x 55 A
Revision: 21-May-14
More results

Similar Description - VS-112CNQ030APBF_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-112CNQ030APBF VISHAY-VS-112CNQ030APBF Datasheet
196Kb / 9P
   High Performance Schottky Rectifier New Generation 3, D-61 Package, 2 x 55 A
Revision: 21-May-14
VS-115CNQ015APBF VISHAY-VS-115CNQ015APBF Datasheet
196Kb / 9P
   High Performance Schottky Rectifier New Generation 3, D-61 Package, 2 x 55 A
Revision: 23-May-14
VS-110CNQ045APBF VISHAY-VS-110CNQ045APBF_15 Datasheet
181Kb / 9P
   High Performance Schottky Rectifier New Generation 3 D-61 Package, 2 x 55 A
Revision: 21-May-14
VS-111CNQ045APBF VISHAY-VS-111CNQ045APBF_17 Datasheet
933Kb / 9P
   High Performance Schottky Rectifier New Generation 3 D-61 Package, 2 x 55 A
Revision: 07-Feb-14
VS-115CNQ015APBF VISHAY-VS-115CNQ015APBF_15 Datasheet
181Kb / 9P
   High Performance Schottky Rectifier New Generation 3,D-61 Package, 2 x 55 A
Revision: 23-May-14
VS-112CNQ030A VISHAY-VS-112CNQ030A Datasheet
167Kb / 9P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 55 A
Revision: 16-Apr-10
113CNQ100APBF VISHAY-113CNQ100APBF Datasheet
159Kb / 9P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 55 A
Revision: 16-Apr-10
111CNQ045A VISHAY-111CNQ045A Datasheet
114Kb / 6P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 55 A
Revision: 16-Aug-08
112CNQ030APBF VISHAY-112CNQ030APBF Datasheet
159Kb / 9P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 55 A
Revision: 16-Apr-10
115CNQ015A VISHAY-115CNQ015A Datasheet
115Kb / 6P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 55 A
Revision: 16-Aug-08
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com