Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L2F1-SL Datasheet(PDF) 3 Page - GOOD-ARK Electronics

Part # L2F1-SL
Description  Surface Mount Glass Passivated Fast Recovery Rectifier Reverse Voltage 50~1000V Forward Current 2A
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

L2F1-SL Datasheet(HTML) 3 Page - GOOD-ARK Electronics

  L2F1-SL_15 Datasheet HTML 1Page - GOOD-ARK Electronics L2F1-SL_15 Datasheet HTML 2Page - GOOD-ARK Electronics L2F1-SL_15 Datasheet HTML 3Page - GOOD-ARK Electronics L2F1-SL_15 Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
L2F1 thru L2F7
Surface Mount Glass Passivated Fast Recovery Rectifier
Reverse Voltage 50~1000V Forward Current 2A
www.goodark.com
3/4
2013.12-Rev.A
Package Outline Dimensions
in inches (millimeters)
DIM
MIN MAX MIN MAX
A
092
108 0036 0043
Unit: mm
Unit: inch
A
0.92
1.08 0.036 0.043
A1
0
0.1 0.000 0.004
B
1.25
1.45 0.049 0.057
C
0.1
0.25 0.004 0.010
D
2.6
2.8 0.102 0.110
E
4.1
4.3 0.161 0.169
L
0.7
1.1
0.028 0.043
Soldering  footprint
L
0.7
1.1
0.028 0.043
HE
4.8
5.2 0.189 0.205
Packing Information
Packing quantities:
10,000 pcs/Reel,12mm Tape, 13" Reel
Tape & Reel Specification
www.goodark.com
3/4
2013.12-Rev.A


Similar Part No. - L2F1-SL_15

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
L2F1-SL GOOD-ARK-L2F1-SL Datasheet
199Kb / 4P
   Surface Mount Glass Passivated Fast Recovery Rectifier
More results

Similar Description - L2F1-SL_15

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
FF1 GOOD-ARK-FF1_15 Datasheet
214Kb / 4P
   Surface Mount Glass Passivated Fast Recovery Rectifier Reverse Voltage 50~1000V Forward Current 1A
LF1 GOOD-ARK-LF1_15 Datasheet
179Kb / 4P
   Surface Mount Glass Passivated Fast Recovery Rectifier Reverse Voltage 50~1000V Forward Current 1A
RS12005FL GOOD-ARK-RS12005FL_15 Datasheet
213Kb / 4P
   Surface Mount Glass Passivated Fast Recovery Rectifier Reverse Voltage 50~1000V Forward Current 1.2A
SGP1R GOOD-ARK-SGP1R_15 Datasheet
206Kb / 4P
   Surface Mount Glass Passivated Fast Recovery Rectifier Reverse Voltage 50~1000V Forward Current 1A
L2A1 GOOD-ARK-L2A1_15 Datasheet
233Kb / 4P
   Surface Mount Glass Passivated Standard Rectifier Reverse Voltage 50~1000V Forward Current 2A
RS1510FL GOOD-ARK-RS1510FL_15 Datasheet
211Kb / 4P
   Surface Mount Glass Passivated Fast Recovery Rectifier Reverse Voltage 1000V Forward Current 1.5A
L2H GOOD-ARK-L2H_15 Datasheet
191Kb / 4P
   Surface Mount Glass Passivated High Efficiency Rectifier Reverse Voltage 50~1000V Forward Current 2A
L1A GOOD-ARK-L1A_15 Datasheet
189Kb / 4P
   Surface Mount Glass Passivated Rectifier Reverse Voltage 50~1000V Forward Current 1A
SGC61A GOOD-ARK-SGC61A_15 Datasheet
254Kb / 4P
   Surface Mount Glass Passivated Rectifier Reverse Voltage 50~1000V Forward Current 6A
A1 GOOD-ARK-A1_15 Datasheet
210Kb / 4P
   Surface Mount Glass Passivated Standard Rectifier Reverse Voltage 50~1000V Forward Current 1A
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com