Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KBJL6XA Datasheet(PDF) 1 Page - GOOD-ARK Electronics

Part # KBJL6XA
Description  Glass Passivated Single-Phase Bridge Rectifier Reverse Voltage - 600V to 1000V Forward Current - 6.0 Amperes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

KBJL6XA Datasheet(HTML) 1 Page - GOOD-ARK Electronics

  KBJL6XA_15 Datasheet HTML 1Page - GOOD-ARK Electronics KBJL6XA_15 Datasheet HTML 2Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
KBJL6JA THRU KBJL6MA
Glass Passivated Single-Phase Bridge Rectifier
Reverse Voltage - 600V to 1000V
Forward Current - 6.0 Amperes
Features
◆ Thin Single In-Line package;
◆ Ideal for printed circuit boards;
◆ Glass Passivated chip junction;
◆ Low profile package;
◆ High Surge current capability;
◆ High case dielectric strength of 2000 V
RMS;
◆ Plastic package has Underwrites Laboratory
Flammability Classification 94V-0;
◆ Same footprint V.S KBJ (3S) package;
Mechanical Data
◆ Case: KBJL;
Epoxy meets UL-94V-0 Flammability rating;
◆ Terminals:Matte tin plated leads, solderable per
J-STD-002 and JESD22-B102;
E3 suffix for customer grade, meet JESD 201
class 1A whisker test;
◆ High temperature soldering guaranteed:
Solder Dip 275℃,40seconds;
◆ Polarity: As marked on body;
◆ Mounting Torgue: 5.7cm-kg (5.0 inches-lbs) max;
◆ Recommend Torgue:Mounting Torgue:
5.7cm-kg (5inches-lbs);
Typical Applications
General purpose use in AC-to-DC bridge full wave rectification for
Package Dimensions in mm
Switching Power Supply, Home Appliances, Office Equipment,
Industrial Automation applications.
Maximum Ratings and Electrical Characteristics
Ratings at 25℃ ambient temperature unless otherwise specified.
Parameter
Symbol
VRRM
VRMS
VDC
TA=25℃
IFSM
I
2t
VF
RӨJA
RӨJC
TJ,TSTG
Notes:
1). Unit case mounted on Al plate heatsink;
2). Units mounted on PCB without heatsink;
3). Recommended mounting position is to bolt down on heatsink with silicone thermal compound for maximum heat transfer with #6 screw.
IR
5
150
IF(AV)
90
1.0
34
6.0
(1)
2.0
(2)
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Typical thermal resistance per leg
Maximum Instantaneous forward voltage drop per leg at 3.0A
Peak forward surge current 8.3 ms single sine-wave
superimposed on rated load (JEDEC Method)
Maximum average forward
rectified output current at
TC=110℃
Rating for fusing (t<8.3ms)
Operating junction and Storage Temperature Range
TA=25℃
TA=125℃
Maximum DC Reverse Current at Rated
DC Blocking Voltage per leg
KBJL6JA
600
420
600
KBJL6KA KBJL6MA
800
1000
560
700
800
1000
Unit
V
V
V
Amps
A
2sec
20
(2)
/W
Amps
Volt
μA
-55 to +150
2.5
(1)
+ ~
~
-


Similar Part No. - KBJL6XA_15

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
KBJL6XU GOOD-ARK-KBJL6XU_15 Datasheet
230Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifier Reverse Voltage - 600V to 1000V Forward Current - 6.0 Amperes
KBJL6X GOOD-ARK-KBJL6X_15 Datasheet
227Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifier Reverse Voltage - 600V to 1000V Forward Current - 6.0 Amperes
More results

Similar Description - KBJL6XA_15

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
KBJL6XU GOOD-ARK-KBJL6XU_15 Datasheet
230Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifier Reverse Voltage - 600V to 1000V Forward Current - 6.0 Amperes
GBJL6JU GOOD-ARK-GBJL6JU_15 Datasheet
192Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifier Reverse Voltage - 600V to 1000V Forward Current - 6.0 Amperes
KBJL6X GOOD-ARK-KBJL6X_15 Datasheet
227Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifier Reverse Voltage - 600V to 1000V Forward Current - 6.0 Amperes
GBJL6J GOOD-ARK-GBJL6J_15 Datasheet
190Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifier Reverse Voltage - 600V to 1000V Forward Current - 6.0 Amperes
GBJL8J GOOD-ARK-GBJL8J_15 Datasheet
195Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifier Reverse Voltage - 600V to 1000V Forward Current - 8.0 Amperes
GBJL35J GOOD-ARK-GBJL35J_15 Datasheet
195Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifier Reverse Voltage - 600V to 1000V Forward Current - 35.0 Amperes
GBJL15J GOOD-ARK-GBJL15J_15 Datasheet
194Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifier Reverse Voltage - 600V to 1000V Forward Current - 15.0 Amperes
GBJL10J GOOD-ARK-GBJL10J_15 Datasheet
196Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifier Reverse Voltage - 600V to 1000V Forward Current - 10.0 Amperes
KBJL4XV GOOD-ARK-KBJL4XV_15 Datasheet
230Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifier Reverse Voltage - 600V to 1000V Forward Current - 4.0 Amperes
KBJL15X GOOD-ARK-KBJL15X_15 Datasheet
226Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifier Reverse Voltage - 600V to 1000V Forward Current - 15.0 Amperes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com