Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

J0400-352-4-000 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # J0400-352-4-000
Description  60mm Servo Motor, 400W, with Brake
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

J0400-352-4-000 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  J0400-352-4-000 Datasheet HTML 1Page - List of Unclassifed Manufacturers J0400-352-4-000 Datasheet HTML 2Page - List of Unclassifed Manufacturers J0400-352-4-000 Datasheet HTML 3Page - List of Unclassifed Manufacturers J0400-352-4-000 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Part Number:
J0400-352-4-000
Frame Size:
60 mm
Continuous Torque:
11.24 in-lb
Peak Torque:
30.97 in-lb
Rated Power:
400 watts
Rated Voltage:
220 AC volts
Rated Speed:
3000 rpm
Peak Speed:
6000 rpm
Rated Current:
2.7 A rms
Peak Current:
8.1 A rms
Torque Constant:
4.2 in-lb/A
Voltage Constant:
49.7 V/krpm
Armature Resistance:
3.8 Line-to-Line ohms
Armature Inductance:
11.7 Line-to-Line mH
Motor Length:
6.24 inch
Rotor Inertia:
.00211 oz-in-sec
Weight:
4.2 lbs
Integral Holding
Brake:
Yes
Storage Temperature:
-20 to 80 °C
Operating
Temperature:
0 to 40 °C
Insulation Class:
Class B (130 ºC)
Maximum Radial Load:
54 lbs
Maximum Thrust
Load:
15 lbs
Perpendicularity:
0.0015 inches
Concentricity:
0.0015 inches
Specifcations
2


Similar Part No. - J0400-352-4-000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
J0400-351-4-000 ETC2-J0400-351-4-000 Datasheet
140Kb / 4P
   60mm Servo Motor, 400W, with Brake
J0400-355-4-000 ETC2-J0400-355-4-000 Datasheet
141Kb / 4P
   60mm Servo Motor, 400W, with Brake
More results

Similar Description - J0400-352-4-000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
J0400-351-4-000 ETC2-J0400-351-4-000 Datasheet
140Kb / 4P
   60mm Servo Motor, 400W, with Brake
J0400-355-4-000 ETC2-J0400-355-4-000 Datasheet
141Kb / 4P
   60mm Servo Motor, 400W, with Brake
J0400-302-4-000 ETC2-J0400-302-4-000 Datasheet
158Kb / 4P
   60mm Servo Motor, 400W
J0400-301-4-000 ETC2-J0400-301-4-000 Datasheet
158Kb / 4P
   60mm Servo Motor, 400W
J0400-305-4-000 ETC2-J0400-305-4-000 Datasheet
158Kb / 4P
   60mm Servo Motor, 400W
J0200-354-4-000 ETC2-J0200-354-4-000 Datasheet
145Kb / 4P
   60mm Servo Motor, 200W, with Brake
J0200-352-4-000 ETC2-J0200-352-4-000 Datasheet
145Kb / 4P
   60mm Servo Motor, 200W, with Brake
J0200-351-4-000 ETC2-J0200-351-4-000 Datasheet
154Kb / 3P
   60mm Servo Motor, 200W, with Brake
J0200-304-4-000 ETC2-J0200-304-4-000 Datasheet
143Kb / 4P
   60mm Servo Motor, 200W
M0200-104-4-000 ETC2-M0200-104-4-000 Datasheet
152Kb / 3P
   60mm Servo Motor, 200W
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com