Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VS-30BQ015-M3 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # VS-30BQ015-M3
Description  Schottky Rectifier, 3.0 A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-30BQ015-M3 Datasheet(HTML) 6 Page - Vishay Siliconix

  VS-30BQ015-M3_15 Datasheet HTML 1Page - Vishay Siliconix VS-30BQ015-M3_15 Datasheet HTML 2Page - Vishay Siliconix VS-30BQ015-M3_15 Datasheet HTML 3Page - Vishay Siliconix VS-30BQ015-M3_15 Datasheet HTML 4Page - Vishay Siliconix VS-30BQ015-M3_15 Datasheet HTML 5Page - Vishay Siliconix VS-30BQ015-M3_15 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Legal Disclaimer Notice
www.vishay.com
Vishay
Revision: 02-Oct-12
1
Document Number: 91000
Disclaimer
ALL PRODUCT, PRODUCT SPECIFICATIONS AND DATA ARE SUBJECT TO CHANGE WITHOUT NOTICE TO IMPROVE
RELIABILITY, FUNCTION OR DESIGN OR OTHERWISE.
Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively,
“Vishay”), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any other
disclosure relating to any product.
Vishay makes no warranty, representation or guarantee regarding the suitability of the products for any particular purpose or
the continuing production of any product. To the maximum extent permitted by applicable law, Vishay disclaims (i) any and all
liability arising out of the application or use of any product, (ii) any and all liability, including without limitation special,
consequential or incidental damages, and (iii) any and all implied warranties, including warranties of fitness for particular
purpose, non-infringement and merchantability.
Statements regarding the suitability of products for certain types of applications are based on Vishay’s knowledge of typical
requirements that are often placed on Vishay products in generic applications. Such statements are not binding statements
about the suitability of products for a particular application. It is the customer’s responsibility to validate that a particular
product with the properties described in the product specification is suitable for use in a particular application. Parameters
provided in datasheets and/or specifications may vary in different applications and performance may vary over time. All
operating parameters, including typical parameters, must be validated for each customer application by the customer’s
technical experts. Product specifications do not expand or otherwise modify Vishay’s terms and conditions of purchase,
including but not limited to the warranty expressed therein.
Except as expressly indicated in writing, Vishay products are not designed for use in medical, life-saving, or life-sustaining
applications or for any other application in which the failure of the Vishay product could result in personal injury or death.
Customers using or selling Vishay products not expressly indicated for use in such applications do so at their own risk. Please
contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications.
No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by
any conduct of Vishay. Product names and markings noted herein may be trademarks of their respective owners.
Material Category Policy
Vishay Intertechnology, Inc. hereby certifies that all its products that are identified as RoHS-Compliant fulfill the
definitions and restrictions defined under Directive 2011/65/EU of The European Parliament and of the Council
of June 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment
(EEE) - recast, unless otherwise specified as non-compliant.
Please note that some Vishay documentation may still make reference to RoHS Directive 2002/95/EC. We confirm that
all the products identified as being compliant to Directive 2002/95/EC conform to Directive 2011/65/EU.
Vishay Intertechnology, Inc. hereby certifies that all its products that are identified as Halogen-Free follow Halogen-Free
requirements as per JEDEC JS709A standards. Please note that some Vishay documentation may still make reference
to the IEC 61249-2-21 definition. We confirm that all the products identified as being compliant to IEC 61249-2-21
conform to JEDEC JS709A standards.


Similar Part No. - VS-30BQ015-M3_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-30BQ015-M3 VISHAY-VS-30BQ015-M3_V01 Datasheet
131Kb / 7P
   High Performance Schottky Rectifier, 3.0 A
01-Jan-2022
More results

Similar Description - VS-30BQ015-M3_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
30BQ015PBF VISHAY-30BQ015PBF_11 Datasheet
118Kb / 7P
   Schottky Rectifier, 3.0 A
Revision: 23-Feb-11
MBRD320PBF VISHAY-MBRD320PBF_11 Datasheet
122Kb / 7P
   Schottky Rectifier, 3.0 A
Revision: 14-Jan-11
1N5820 VISHAY-1N5820_12 Datasheet
119Kb / 6P
   Schottky Rectifier, 3.0 A
Revision: 11-Oct-11
VS-30BQ060TRPBF VISHAY-VS-30BQ060TRPBF Datasheet
120Kb / 7P
   Schottky Rectifier, 3.0 A
Revision: 04-Mar-10
30BQ060PBF VISHAY-30BQ060PBF_10 Datasheet
121Kb / 7P
   Schottky Rectifier, 3.0 A
Revision: 04-Mar-10
30BQ015PBF VISHAY-30BQ015PBF Datasheet
102Kb / 6P
   Schottky Rectifier, 3.0 A
Revision: 14-Aug-08
MBRD320 VISHAY-MBRD320 Datasheet
104Kb / 6P
   Schottky Rectifier, 3.0 A
Revision: 06-Jun-08
MBRS340TRPBF VISHAY-MBRS340TRPBF Datasheet
92Kb / 6P
   Schottky Rectifier, 3.0 A
Revision: 09-Oct-08
VS-1N5820 VISHAY-VS-1N5820 Datasheet
117Kb / 6P
   Schottky Rectifier, 3.0 A
Revision: 11-Oct-11
VS-30BQ015PBF VISHAY-VS-30BQ015PBF Datasheet
117Kb / 7P
   Schottky Rectifier, 3.0 A
Revision: 23-Feb-11
VS-30BQ040TRPBF VISHAY-VS-30BQ040TRPBF Datasheet
113Kb / 7P
   Schottky Rectifier, 3.0 A
Revision: 04-Mar-10
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com