Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VS-20MQ040-M3 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VS-20MQ040-M3
Description  Schottky Rectifier, 2 A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-20MQ040-M3 Datasheet(HTML) 1 Page - Vishay Siliconix

  VS-20MQ040-M3_15 Datasheet HTML 1Page - Vishay Siliconix VS-20MQ040-M3_15 Datasheet HTML 2Page - Vishay Siliconix VS-20MQ040-M3_15 Datasheet HTML 3Page - Vishay Siliconix VS-20MQ040-M3_15 Datasheet HTML 4Page - Vishay Siliconix VS-20MQ040-M3_15 Datasheet HTML 5Page - Vishay Siliconix VS-20MQ040-M3_15 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
VS-20MQ040-M3
www.vishay.com
Vishay Semiconductors
Revision: 12-Oct-11
1
Document Number: 93370
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Schottky Rectifier, 2 A
FEATURES
• Low forward voltage drop
• Guard ring for enhanced ruggedness and long
term reliability
• Halogen-free according to IEC 61249-2-21
definition
• Small foot print, surface mountable
• High frequency operation
• Meets MSL level 1, per J-STD-020, LF maximum peak of
260 °C
• Compliant to RoHS Directive 2002/95/EC
DESCRIPTION
The VS-20MQ040-M3 surface mount Schottky rectifier has
been designed for applications requiring low forward drop
and very small foot prints on PC boards. Typical
applications are in disk drives, switching power supplies,
converters, freewheeling diodes, battery charging, and
reverse battery protection.
PRODUCT SUMMARY
Package
DO-214AC (SMA)
IF(AV)
2 A
VR
40 V
VF at IF
0.63 V
IRM
26 mA at 125 °C
TJ max.
150 °C
Diode variation
Single die
EAS
3.0 mJ
Cathode
Anode
DO-214AC (SMA)
MAJOR RATINGS AND CHARACTERISTICS
SYMBOL
CHARACTERISTICS
VALUES
UNITS
IF(AV)
Rectangular waveform
2
A
VRRM
40
V
IFSM
tp = 5 μs sine
120
A
VF
2 Apk, TJ = 125 °C
0.63
V
TJ
Range
- 55 to 150
°C
VOLTAGE RATINGS
PARAMETER
SYMBOL
VS-20MQ040-M3
UNITS
Maximum DC reverse voltage
VR
40
V
Maximum working peak reverse voltage
VRWM
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum average forward current
See fig. 4
IF(AV)
50 % duty cycle at TC = 110 °C, rectangular waveform
On PC board 9 mm2 island (0.013 mm thick copper pad area)
2.1
A
50 % duty cycle at TC = 112 °C, rectangular waveform
On PC board 9 mm2 island (0.013 mm thick copper pad area)
2
Maximum peak one cycle
non-repetitive surge current
See fig. 6
IFSM
5 μs sine or 3 μs rect. pulse
Following any rated
load condition and with
rated VRRM applied
120
A
10 ms sine or 6 ms rect. pulse
30
Non-repetitive avalanche energy
EAS
TJ = 25 °C, IAS = 1 A, L = 6 mH
3
mJ
Repetitive avalanche current
IAR
Current decaying linearly to zero in 1 μs
Frequency limited by TJ maximum VA = 1.5 x VR typical
1.0
A


Similar Part No. - VS-20MQ040-M3_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-20MQ040-M3 VISHAY-VS-20MQ040-M3_V01 Datasheet
117Kb / 6P
   High Performance Schottky Rectifier, 2 A
01-Jan-2022
More results

Similar Description - VS-20MQ040-M3_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
21DQ06 VISHAY-21DQ06 Datasheet
87Kb / 5P
   Schottky Rectifier, 2 A
Revision: 06-Nov-08
VS-20BQ030PBF VISHAY-VS-20BQ030PBF_V01 Datasheet
116Kb / 7P
   Schottky Rectifier, 2 A
02-Oct-12
VS-20BQ030TRPBF VISHAY-VS-20BQ030TRPBF Datasheet
116Kb / 7P
   Schottky Rectifier, 2 A
Revision: 04-Mar-10
20MQ100-M3 VISHAY-20MQ100-M3 Datasheet
115Kb / 6P
   Schottky Rectifier, 2 A
Revision: 22-Aug-11
21DQ04 VISHAY-21DQ04_12 Datasheet
123Kb / 6P
   Schottky Rectifier, 2 A
Revision: 21-Sep-11
21DQ04 VISHAY-21DQ04 Datasheet
85Kb / 5P
   Schottky Rectifier, 2 A
Revision: 06-Nov-08
20MQ040-M3 VISHAY-20MQ040-M3 Datasheet
112Kb / 6P
   Schottky Rectifier, 2 A
Revision: 22-Aug-11
VS-20BQ030-M3 VISHAY-VS-20BQ030-M3_15 Datasheet
103Kb / 6P
   Schottky Rectifier, 2 A
Revision: 29-May-12
20BQ030PBF VISHAY-20BQ030PBF Datasheet
97Kb / 6P
   Schottky Rectifier, 2 A
Revision: 16-Apr-08
VS-21DQ04 VISHAY-VS-21DQ04 Datasheet
121Kb / 6P
   Schottky Rectifier, 2 A
Revision: 21-Sep-11
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com