Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VPM12-4170 Datasheet(PDF) 1 Page - TRIAD MAGNETICS

Part # VPM12-4170
Description  TOROIDAL MEDICAL SERIES
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIAD [TRIAD MAGNETICS]
Direct Link  http://www.triadmagnetics.com
Logo TRIAD - TRIAD MAGNETICS

VPM12-4170 Datasheet(HTML) 1 Page - TRIAD MAGNETICS

  VPM12-4170 Datasheet HTML 1Page - TRIAD MAGNETICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
P O W E R T R A N S F O R M E R
CHASSIS MOUNT :
TOROIDAL MEDICAL SERIES
Web: www.TriadMagnetics.com
Phone 951-277-0757
Fax 951-277-2757
460 Harley Knox Blvd.
Perris, California
92571
Publish Date: June 19, 2015
V P M 12 -4 17 0
Description:
The toroidal construction inherently reduces stray fields, increases efficiency and minimizes
size compared to traditional EI transformers. The addition of a Flux Band further reduces the
remaining stray fields.
The shield between Primary and Secondary improves safety, reduces
common mode signals and minimizes leakage current. Built with a Class F (155°) insulation
system.
A 140°C self-resetting thermal switch is included in each primary.
Electrical Specifications (@25C)
1. Maximum Power: 50VA
2. Input Voltages: 100, 120, 220, 240VAC, 50/60Hz
3. Output Voltages: 6VAC @ 8.34 A or 12VAC CT @ 4.17A
4. Voltage Regulation: 11.4% TYP from full load to no load
5. Temperature Rise: 45°C TYP
6. Hipot: 4000VAC, Primary to Secondary, Primary & Secondary to Shield & mounting surface
7. Efficiency: 89% TYP. @ full load
Agency File:
UL: File E122529, UL 60601-1/(R) 2012 Medical Electrical Equipment
– Part 1
CE: ES 60601-1 (IEC 60601-1:2005, MOD)
cUL: C22.2 No. 60601-1:14, Medical Electrical Equipment
– Part 1
CB Certified.
Dimensions: Inches (mm)
*Add 0.188 (3) to the height for mounting hardware
Weight: 0.7Kg
Mounting:
Transformer is provided with one metal mounting plate, two rubber pads, M5 x 45mm bolt, nut,
spring and flat washer.
Connections:
Transformer is provided with 8” (203mm) long, 0.25” (6.35mm) stripped and tinned, stranded
UL 1015 lead wire. Primaries are 22AWG, Secondaries are 18AWG, and Shield is 20AWG.
The GRN/YEL shield lead is typically grounded.
Do not lift transformer by leads!
Input Options:
100VAC:
Input to Gray & Blue, jumper White & Brown, jumper Blue & Violet.
120VAC:
Input to White & Blue, jumper White & Brown, jumper Blue & Violet.
220VAC:
Input to Gray & Violet, jumper Blue & Brown
240VAC:
Input to White and Violet, jumper Blue & Brown
Output Options:
120VAC:
Output from Black & Red, jumper Black & Orange, jumper Red to Yellow
240VAC:
Output from Black & Yellow, jumper Red & Orange
Primary and secondary windings are designed to be connected in series or parallel. Windings
are not intended to be used independently.
RoHS Compliance: Meets the requirements of 2011/65/EU, known as the RoHS 2 initiative.
* At printing, this document is considered “uncontrolled”. Contact Triad Magnetics’ website for current version
O.D.
I.D.
HT.*
3.6 (92)
1.3(32)
1.5(38)
RoHS
2011/65/EU
Photo for illustration only
RoHS
2011/65/EU
RUBBER
PAD
RUBBER
PAD
SPRING
WASHER
MOUNTING
METAL
PLATE
NUT
OD
H
FLAT
WASHER
BOLT
BLU
GRY
VIO
BRN
BLK
RED
ORG
YEL
S C H E MA TIC
SEC
WHT
PRI
GRN/YEL


Similar Part No. - VPM12-4170

ManufacturerPart #DatasheetDescription
logo
TRIAD MAGNETICS
VPM12-13300 TRIAD-VPM12-13300 Datasheet
191Kb / 2P
   POWER TRANSFORMER CHASSIS MOUNT : TOROIDAL MEDICAL SERIES
VPM12-2080 TRIAD-VPM12-2080 Datasheet
189Kb / 1P
   TOROIDAL MEDICAL SERIES
VPM12-20800 TRIAD-VPM12-20800 Datasheet
189Kb / 1P
   POWER TRANSFORMER CHASSIS MOUNT : TOROIDAL MEDICAL SERIES
VPM12-8330 TRIAD-VPM12-8330 Datasheet
189Kb / 1P
   TOROIDAL MEDICAL SERIES
More results

Similar Description - VPM12-4170

ManufacturerPart #DatasheetDescription
logo
TRIAD MAGNETICS
VPM240-1040 TRIAD-VPM240-1040 Datasheet
189Kb / 1P
   TOROIDAL MEDICAL SERIES
VPM240-2080 TRIAD-VPM240-2080 Datasheet
189Kb / 1P
   TOROIDAL MEDICAL SERIES
VPM240-20800 TRIAD-VPM240-20800 Datasheet
190Kb / 1P
   TOROIDAL MEDICAL SERIES
VPM240-28100 TRIAD-VPM240-28100 Datasheet
189Kb / 1P
   TOROIDAL MEDICAL SERIES
VPM240-670 TRIAD-VPM240-670 Datasheet
189Kb / 1P
   TOROIDAL MEDICAL SERIES
VPM240-15600 TRIAD-VPM240-15600 Datasheet
190Kb / 1P
   TOROIDAL MEDICAL SERIES
VPM240-36400 TRIAD-VPM240-36400 Datasheet
189Kb / 1P
   TOROIDAL MEDICAL SERIES
VPM12-8330 TRIAD-VPM12-8330 Datasheet
189Kb / 1P
   TOROIDAL MEDICAL SERIES
VPM240-10400 TRIAD-VPM240-10400 Datasheet
190Kb / 1P
   TOROIDAL MEDICAL SERIES
VPM240-4170 TRIAD-VPM240-4170 Datasheet
189Kb / 1P
   TOROIDAL MEDICAL SERIES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com