Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CSE5-100701 Datasheet(PDF) 1 Page - TRIAD MAGNETICS

Part # CSE5-100701
Description  SMD Current Sense Transformer
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIAD [TRIAD MAGNETICS]
Direct Link  http://www.triadmagnetics.com
Logo TRIAD - TRIAD MAGNETICS

CSE5-100701 Datasheet(HTML) 1 Page - TRIAD MAGNETICS

  CSE5-100701 Datasheet HTML 1Page - TRIAD MAGNETICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Cu rr ent Sen s e
Tr ansfor m e r
web:www.TriadMagnetics.com
Phone 951-277-0757
Fax 951-277-2757
460 Harley Knox Blvd.
Perris, California 92571
Publish Date: December 4, 2013
CSE5-100701
Description:
EE5 Surface mounting design
Height: 5.3mm Max
Optimal performance at 250 kHz and above
Primary Current Rating: 10 amps
Insulation Resistance: 10MΩ Minimum
Operating Temperature Range: -15°C to +105
°C
Custom designs available
Application:
Ac current detection
Output supply for control circuit
Switching Power Supply
Electrical Specifications @ 25C
Turns
N1:N2
Secondary
Min Inductance (µH)
Secondary
Max DCR (mΩ)
Color Code
Dot
Tape
1:70
980
4750
RED
YEL
Mechanical:
Pin 1
Mark
(1)
(2)
(3)
6.6¡ Ó
0.3
7.7¡ Ó
0.5
5.33 Max
6.9¡ Ó
0.3
3.3¡ Ó
0.15
Copper Plate
1.8¡ Ó
0.2
1.3
3
1.6
1.3
1.6
Recommended Pad Layout(mm)
Bottom View
0.55
(6)
(5)
(4)
2
Packing:
Schematic:
C
P
W
Carrier Dimension:
P=12mm,W=16mm, c=7.5mm
Quantity per reel=750pcs
(7)
PRI
(1 TURN)
(8)
(PIN7)
Bottom View
(1)
(3)
SEC
(1)
(3)
(2)
(6)
(PIN8)
S
(5)
(4)
F
RoHS Compliance:
As of manufacturing date February 2005, all standard products meet the requirements of 2011/65/EU, known as the RoHS
initiative.
* Upon printing, this document is considered “uncontrolled”. Please contact Triad Magnetics’ website for the most current version.


Similar Part No. - CSE5-100701

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CSE5-100701 ETC2-CSE5-100701 Datasheet
472Kb / 2P
   Current Sense Transformers
More results

Similar Description - CSE5-100701

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
CT322-020 DATATRONICS-CT322-020 Datasheet
82Kb / 1P
   SMD Current Sense Transformer
CT317-020 DATATRONICS-CT317-020 Datasheet
82Kb / 1P
   SMD Current Sense Transformer
logo
TRIAD MAGNETICS
CSE5-100301 TRIAD-CSE5-100301 Datasheet
107Kb / 1P
   SMD Current Sense Transformer
logo
Datatronic Distribution...
CT320-020 DATATRONICS-CT320-020 Datasheet
140Kb / 1P
   SMD Current Sense Transformer
logo
TRIAD MAGNETICS
CSE5-100401 TRIAD-CSE5-100401 Datasheet
106Kb / 1P
   SMD Current Sense Transformer
CSE5-101251 TRIAD-CSE5-101251 Datasheet
107Kb / 1P
   SMD Current Sense Transformer
CSE5-100601 TRIAD-CSE5-100601 Datasheet
106Kb / 1P
   SMD Current Sense Transformer
logo
Datatronic Distribution...
CT323-020 DATATRONICS-CT323-020 Datasheet
83Kb / 1P
   SMD Current Sense Transformer
logo
TRIAD MAGNETICS
CSE5-100501 TRIAD-CSE5-100501 Datasheet
106Kb / 1P
   SMD Current Sense Transformer
logo
Datatronic Distribution...
CT321-020 DATATRONICS-CT321-020 Datasheet
82Kb / 1P
   SMD Current Sense Transformer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com