Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VS-19TQ015SPBF Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VS-19TQ015SPBF
Description  High Performance Schottky Rectifier, 19 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-19TQ015SPBF Datasheet(HTML) 3 Page - Vishay Siliconix

  VS-19TQ015SPBF_15 Datasheet HTML 1Page - Vishay Siliconix VS-19TQ015SPBF_15 Datasheet HTML 2Page - Vishay Siliconix VS-19TQ015SPBF_15 Datasheet HTML 3Page - Vishay Siliconix VS-19TQ015SPBF_15 Datasheet HTML 4Page - Vishay Siliconix VS-19TQ015SPBF_15 Datasheet HTML 5Page - Vishay Siliconix VS-19TQ015SPBF_15 Datasheet HTML 6Page - Vishay Siliconix VS-19TQ015SPBF_15 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
VS-19TQ015SPbF
www.vishay.com
Vishay Semiconductors
Revision: 28-May-14
3
Document Number: 94152
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 3 - Typical Junction Capacitance vs. Reverse Voltage
Fig. 4 - Maximum Thermal Impedance ZthJC Characteristics
Fig. 5 - Maximum Allowable Case Temperature vs.
Average Forward Current
Fig. 6 - Forward Power Loss Characteristics
VR - Reverse Voltage (V)
010
15
20
25
100
1000
5
30
T
J = 25 °C
10 000
0.001
0.01
0.1
1
10
t1 - Rectangular Pulse Duration (s)
0.00001
0.0001
0.001
0.01
0.1
1
10
100
Single pulse
(thermal resistance)
D = 0.50
D = 0.33
D = 0.25
D = 0.17
D = 0.08
.
.
P
DM
t
1
t
2
Notes:
1. Duty factor D = t
1/t2
2. Peak T
J = PDM x ZthJC + TC
IF(AV) - Average Forward Current (A)
030
10
80
85
95
105
515
20
90
100
19TQ015
R
thJC (DC) = 1.50 °C/W
DC
25
0
4
10
IF(AV) - Average Forward Current (A)
0
828
6
2
4
8
12
16
20
24
RMS limit
DC
D = 0.08
D = 0.17
D = 0.25
D = 0.33
D = 0.50


Similar Part No. - VS-19TQ015SPBF_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-19TQ015SPBF VISHAY-VS-19TQ015SPBF_V01 Datasheet
132Kb / 7P
   High Performance Schottky Rectifier, 19 A
08-Feb-17
More results

Similar Description - VS-19TQ015SPBF_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-19TQ015-M3 VISHAY-VS-19TQ015-M3_V01 Datasheet
174Kb / 7P
   High Performance Schottky Rectifier, 19 A
01-Jan-2022
VS-19TQ015S-M3 VISHAY-VS-19TQ015S-M3_V01 Datasheet
178Kb / 7P
   High Performance Schottky Rectifier, 19 A
01-Jan-2022
VS-19TQ015S-M3 VISHAY-VS-19TQ015S-M3_15 Datasheet
149Kb / 7P
   High Performance Schottky Rectifier, 19 A
Revision: 29-Jul-14
VS-19TQ015-M3 VISHAY-VS-19TQ015-M3 Datasheet
166Kb / 7P
   High Performance Schottky Rectifier, 19 A
Revision: 11-Oct-17
VS-19TQ015S-M3 VISHAY-VS-19TQ015S-M3 Datasheet
161Kb / 7P
   High Performance Schottky Rectifier, 19 A
Revision: 10-Jun-16
VS-19TQ015SPBF VISHAY-VS-19TQ015SPBF_V01 Datasheet
132Kb / 7P
   High Performance Schottky Rectifier, 19 A
08-Feb-17
19TQ015SPBF VISHAY-19TQ015SPBF Datasheet
113Kb / 6P
   Schottky Rectifier, 19 A
Revision: 12-Sep-08
19TQ015SPBF VISHAY-19TQ015SPBF_10 Datasheet
110Kb / 6P
   Schottky Rectifier, 19 A
Revision: 12-Mar-10
19TQ015 VISHAY-19TQ015 Datasheet
114Kb / 6P
   Schottky Rectifier, 19 A
Revision: 25-Jun-08
19TQ015PBF VISHAY-19TQ015PBF Datasheet
92Kb / 6P
   Schottky Rectifier, 19 A
Revision: 12-Sep-08
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com