Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMCG6058 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # SMCG6058
Description  5.5 thru 185 Volts 1500 Watts Transient Voltage Suppressors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SMCG6058 Datasheet(HTML) 1 Page - Microsemi Corporation

  SMCG6058 Datasheet HTML 1Page - Microsemi Corporation SMCG6058 Datasheet HTML 2Page - Microsemi Corporation SMCG6058 Datasheet HTML 3Page - Microsemi Corporation SMCG6058 Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MSC1364.PDF 01/06/00
SMCG/J6036
thru
SMCG/J6072A
FEATURES:
BIDIRECTIONAL
1500 WATTS PEAK POWER
VOLTAGE RANGE FROM 5.5V TO 185V
LOW INDUCTANCE
LOW PROFILE PACKAGE FOR SURFACE MOUNTING
DESCRIPTION:
DESCRIPTION:
These Transient Voltage Suppressor devices are a series of Bi-directional Silicon
Transient Suppressors used in AC applications where large voltage transients can
permanently damage voltage-sensitive components.
These devices are manufactured using two silicon PN, junctions in a back to back
configuration. They are characterized by their high surge capability, fast response
time, and low impedance, (Ron) for clamping surge.
The SMC series, rated for 1500 watts during a one millisecond pulse, can be used to
protect sensitive circuits against transients induced by lighting and inductive load
switching. The response time of TAZ clamping action is less than (5x10
-9) sec;
therefore, they can protect Integrated Circuits, MOS devices, Hybrids, and other
voltage-sensitive semiconductors and components. This series of devices has also
been proven very effective as EMP and ESD suppressors.
MAXIMUM RATINGS:
MAXIMUM RATINGS:
1500 watts of peak pulse power dissipation at 25
°°C
tclamping (0 volts to V(BR) min): less than 5 x 10
-9 seconds
Operating and Storage Temperature: -65
°° to +150°°C
Steady state power dissipation: 5.0 watts at TL = 25
°°C, at mounting plane.
Repetition rate (duty cycle): .01%
8700 E. Thomas Road
Scotsdale, AZ 85252
Phone: (480) 941-6300
Fax:
(480) 947-1503
5.5 thru 185 Volts
1500 Watts
Transient Voltage
Suppressors
Mechanical
Characteristics
CASE: Molded, Surface
Mountable.
TERMINALS: Gull-wing or C-Bend
(modified J-bend) leads, tin lead
plated
POLARITY: No markings on
bi-directional devices.
PACKAGING: 16mm tape (See EIA
Std. RS-481.)
THERMAL RESISTANCE: 20
°°C/W
(typical) junction to lead (tab) at
mounting plane.
tp Pulse Time
Figure 1
Peak Pulse Power vs Pulse Time
DO-214AB
DO-215AB
100
10
0.1
1.0
100ns
1µs
10µs
100µs
1ms
10ms
(Wave Form - See
Figure 2)
Non- Repetitive


Similar Part No. - SMCG6058

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SMCG60 GE-SMCG60 Datasheet
103Kb / 5P
   SURFACE MOUNT TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR
logo
Microsemi Corporation
SMCG60 MICROSEMI-SMCG60 Datasheet
144Kb / 3P
   UNIDIRECTIONAL AND BIDIRECTIONAL SURFACE MOUNT
SMCG60 MICROSEMI-SMCG60 Datasheet
584Kb / 4P
   SURFACE MOUNT 1500 Watt Transient Voltage Suppressor
logo
Vishay Siliconix
SMCG60 VISHAY-SMCG60 Datasheet
114Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 22-Oct-08
logo
Digitron Semiconductors
SMCG60 DIGITRON-SMCG60 Datasheet
520Kb / 4P
   TRANSIENT ABSORPTION ZENER DIODES
More results

Similar Description - SMCG6058

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
P5KE5.0 NJSEMI-P5KE5.0 Datasheet
201Kb / 4P
   5.0 thru 170 volts 500 Watts Transient Voltage Suppressors
logo
Microsemi Corporation
P5KE50 MICROSEMI-P5KE50 Datasheet
77Kb / 5P
   5.0 thru 170 volts 500 Watts Transient Voltage Suppressors
SA50 MICROSEMI-SA50 Datasheet
77Kb / 5P
   5.0 thru 170 volts 500 Watts Transient Voltage Suppressors
logo
Central Semiconductor C...
1.5CE6.8A CENTRAL-1.5CE6.8A_11 Datasheet
336Kb / 2P
   UNI-DIRECTIONAL AND BI-DIRECTIONAL SILICON TRANSIENT VOLTAGE SUPPRESSORS 1500 WATTS, 6.8 THRU 440 VOLTS
logo
DONGGUAN YOU FENG WEI E...
1.5KE6.8-DO27 YFWDIODE-1.5KE6.8-DO27 Datasheet
1,020Kb / 6P
   1500 Watt TRANSIENT Voltage Suppressors 6.8 to 400 Volts
logo
Micro Commercial Compon...
1.5KE6.8 MCC-1.5KE6.8_11 Datasheet
927Kb / 4P
   1500 Watt Transient Voltage Suppressors 6.8V to 550 Volts
15KE68 MCC-15KE68 Datasheet
974Kb / 4P
   1500 Watt Transient Voltage Suppressors 6.8V to 550 Volts
logo
Fairchild Semiconductor
SMCJ10A FAIRCHILD-SMCJ10A Datasheet
127Kb / 5P
   1500 Watt Transient Voltage Suppressors
logo
Micro Commercial Compon...
1.5KE6.8 MCC-1.5KE6.8_15 Datasheet
649Kb / 4P
   1500 Watt Transient Voltage Suppressors 6.8V to 550 Volts
logo
Central Semiconductor C...
15SMC68A CENTRAL-15SMC68A Datasheet
146Kb / 2P
   UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS, 6.8 THRU 200 VOLTS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com