Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VS-10MQ040-M3 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # VS-10MQ040-M3
Description  High Performance Schottky Rectifier, 1 A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-10MQ040-M3 Datasheet(HTML) 5 Page - Vishay Siliconix

  VS-10MQ040-M3_15 Datasheet HTML 1Page - Vishay Siliconix VS-10MQ040-M3_15 Datasheet HTML 2Page - Vishay Siliconix VS-10MQ040-M3_15 Datasheet HTML 3Page - Vishay Siliconix VS-10MQ040-M3_15 Datasheet HTML 4Page - Vishay Siliconix VS-10MQ040-M3_15 Datasheet HTML 5Page - Vishay Siliconix VS-10MQ040-M3_15 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Document Number: 95400
For technical questions within your region, please contact one of the following:
www.vishay.com
Revision: 09-Jul-10
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
1
SMA
Outline Dimensions
Vishay Semiconductors
DIMENSIONS in inches (millimeters)
DO-214AC (SMA)
Mounting Pad Layout
0.008 (0.203)
0.194 (4.93)
0.208 (5.28)
0.157 (3.99)
0.177 (4.50)
0.100 (2.54)
0.110 (2.79)
0.078 (1.98)
0.090 (2.29)
0.006 (0.152)
0.012 (0.305)
0.049 (1.25)
0.065 (1.65)
Cathode band
0 (0)
0.030 (0.76)
0.060 (1.52)
0.074 (1.88)
MAX.
0.208 (5.28)
REF.
0.066 (1.68)
MIN.
0.060 (1.52)
MIN.


Similar Part No. - VS-10MQ040-M3_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-10MQ040-M3 VISHAY-VS-10MQ040-M3_V01 Datasheet
125Kb / 6P
   High Performance Schottky Rectifier, 1 A
01-Jan-2022
More results

Similar Description - VS-10MQ040-M3_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-10MQ060HM3 VISHAY-VS-10MQ060HM3 Datasheet
139Kb / 6P
   High Performance Schottky Rectifier, 1 A
Revision: 02-Apr-15
VS-10BQ100HM3 VISHAY-VS-10BQ100HM3 Datasheet
143Kb / 7P
   High Performance Schottky Rectifier, 1 A
Revision: 17-Dec-14
VS-10MQ040NPBF VISHAY-VS-10MQ040NPBF_15 Datasheet
116Kb / 6P
   High Performance Schottky Rectifier, 1 A
Revision: 16-Feb-15
VS-10MQ100HM3 VISHAY-VS-10MQ100HM3 Datasheet
128Kb / 6P
   High Performance Schottky Rectifier, 1 A
Revision: 02-Apr-15
VS-10BQ100HM3 VISHAY-VS-10BQ100HM3_V01 Datasheet
137Kb / 7P
   High Performance Schottky Rectifier, 1 A
01-Jan-2022
VS-10MQ100HM3 VISHAY-VS-10MQ100HM3_V01 Datasheet
135Kb / 6P
   High Performance Schottky Rectifier, 1 A
01-Jan-2022
VS-10MQ100NTRPBF VISHAY-VS-10MQ100NTRPBF_V01 Datasheet
121Kb / 6P
   High Performance Schottky Rectifier, 1 A
01-Jan-2022
VS-10MQ040-M3 VISHAY-VS-10MQ040-M3_V01 Datasheet
125Kb / 6P
   High Performance Schottky Rectifier, 1 A
01-Jan-2022
VS-10MQ060NTRPBF VISHAY-VS-10MQ060NTRPBF Datasheet
120Kb / 6P
   High Performance Schottky Rectifier, 1 A
Revision: 17-May-17
VS-MBRA140TRPBF VISHAY-VS-MBRA140TRPBF_V01 Datasheet
126Kb / 6P
   High Performance Schottky Rectifier, 1 A
01-Jan-2022
VS-10BQ100-M3 VISHAY-VS-10BQ100-M3_V01 Datasheet
121Kb / 6P
   High Performance Schottky Rectifier, 1 A
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com