Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE-W137TF006-12 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE-W137TF006-12
Description  WR-137 Flexible Waveguide Twist With a CPR-137G Flange Operating From 5.85 GHz to 8.2 GHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE-W137TF006-12 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE-W137TF006-12 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE-W137TF006-12 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE-W137TF006-12 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE-W137TF006-12 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
-0.80
-0.70
-0.60
-0.50
-0.40
-0.30
-0.20
-0.10
0.00
0.10
0.20
5.85
6.35
6.85
7.35
7.85
0 dB
8.20 GHz
Insertion Loss
WR-137 Flexible Waveguide Twist With a CPR-137G Flange Operating From 5.85 GHz to 8.2 GHz from Pasternack
Enterprises has same day shipment for domestic and International orders. Our RF, microwave and millimeter wave products
maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: WR-137 Flexible Waveguide Twist With a CPR-137G Flange Operating From 5.85 GHz to 8.2
GHz PE-W137TF006-12
URL: http://www.pasternack.com/wr-137-flexible-waveguide-twist-cpr137g-5.85-8.2-ghz-pe-w137tf006-12-p.aspx
PE-W137TF006-12 REV 1.0
PE-W137TF006-12
WR-137 Flexible Waveguide Twist With a CPR-137G
Flange Operating From 5.85 GHz to 8.2 GHz
Waveguide Twists Technical Data Sheet


Similar Part No. - PE-W137TF006-12

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE-W137TF006-12 PASTERNACK-PE-W137TF006-12 Datasheet
428Kb / 4P
   WR-137 Twistable Flexible Waveguide
PE-W137TF006-12 PASTERNACK-PE-W137TF006-12_V01 Datasheet
428Kb / 4P
   WR-137 Twistable Flexible Waveguide
More results

Similar Description - PE-W137TF006-12

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE-W137TF006-24 PASTERNACK-PE-W137TF006-24 Datasheet
414Kb / 4P
   WR-137 Flexible Waveguide Twist With a CPR-137G Flange Operating From 5.85 GHz to 8.2 GHz
PE-W137TF006-36 PASTERNACK-PE-W137TF006-36 Datasheet
415Kb / 4P
   WR-137 Flexible Waveguide Twist With a CPR-137G Flange Operating From 5.85 GHz to 8.2 GHz
PE-W137SF006-24 PASTERNACK-PE-W137SF006-24 Datasheet
414Kb / 4P
   WR-137 Seamless Flexible Waveguide, CPR-137G Flange Operating From 5.85 GHz to 8.2 GHz
PE-W137B003 PASTERNACK-PE-W137B003 Datasheet
349Kb / 2P
   WR-137 Waveguide E-Bend with CPR-137G Flange Operating from 5.85 GHz to 8.2 GHz
PE-W137B004 PASTERNACK-PE-W137B004 Datasheet
317Kb / 2P
   WR-137 Waveguide H-Bend with CPR-137G Flange Operating from 5.85 GHz to 8.2 GHz
PE-W137TF005-24 PASTERNACK-PE-W137TF005-24 Datasheet
393Kb / 4P
   WR-137 Flexible Waveguide Twist With a UG-344 - U Flange Operating From 5.85 GHz to 8.2 GHz
PE-W137TF005-12 PASTERNACK-PE-W137TF005-12 Datasheet
393Kb / 4P
   WR-137 Flexible Waveguide Twist With a UG-344 - U Flange Operating From 5.85 GHz to 8.2 GHz
PE-W137TF005-36 PASTERNACK-PE-W137TF005-36 Datasheet
394Kb / 4P
   WR-137 Flexible Waveguide Twist With a UG-344 - U Flange Operating From 5.85 GHz to 8.2 GHz
PEWAD5019 PASTERNACK-PEWAD5019 Datasheet
422Kb / 4P
   WR-137 Waveguide Bulkhead Adapter CPR-137G Flange, 5.85 GHz to 8.2 GHz
PE-W137SF006-36 PASTERNACK-PE-W137SF006-36 Datasheet
418Kb / 4P
   WR-137 Flexible Straight Waveguide Section 36 Inch Length with CPR-137G Flange Operating from 5.85 GHz to 8.2 GHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com