Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE-W137SF005-12 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE-W137SF005-12
Description  WR-137 Flexible Straight Waveguide Section 12 Inch Length with UG-344 - U Flange Operating from 5.85 GHz to 8.2 GHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE-W137SF005-12 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE-W137SF005-12 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE-W137SF005-12 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE-W137SF005-12 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE-W137SF005-12 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
2
Notes:
Values at +25 °C, sea level
Power Data
-70
-60
-50
-40
-30
-20
-10
0
5.85
6.32
6.79
7.26
7.73
8.20
0 dB
GHz
Return loss
-3.00
-2.50
-2.00
-1.50
-1.00
-0.50
0.00
0.50
5.85
6.32
6.79
7.26
7.73
8.20
0 dB
GHz
Insertion Loss
PE-W137SF005-12 REV 1.0
PE-W137SF005-12
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: WR-137 Flexible Straight Waveguide Section 12 Inch Length with UG-344/U Flange Operating
from 5.85 GHz to 8.2 GHz PE-W137SF005-12
WR-137 Flexible Straight Waveguide Section 12 Inch Length
with UG-344/U Flange Operating from 5.85 GHz to 8.2 GHz


Similar Part No. - PE-W137SF005-12

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE-W137SF005-24 PASTERNACK-PE-W137SF005-24 Datasheet
397Kb / 4P
   WR-137 Flexible Straight Waveguide Section 24 Inch Length with UG-344 - U Flange Operating from 5.85 GHz to 8.2 GHz
PE-W137SF005-36 PASTERNACK-PE-W137SF005-36 Datasheet
398Kb / 4P
   WR-137 Flexible Straight Waveguide Section 36 Inch Length with UG-344 - U Flange Operating from 5.85 GHz to 8.2 GHz
More results

Similar Description - PE-W137SF005-12

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE-W137SF005-24 PASTERNACK-PE-W137SF005-24 Datasheet
397Kb / 4P
   WR-137 Flexible Straight Waveguide Section 24 Inch Length with UG-344 - U Flange Operating from 5.85 GHz to 8.2 GHz
PE-W137SF005-36 PASTERNACK-PE-W137SF005-36 Datasheet
398Kb / 4P
   WR-137 Flexible Straight Waveguide Section 36 Inch Length with UG-344 - U Flange Operating from 5.85 GHz to 8.2 GHz
PE-W137S001-12 PASTERNACK-PE-W137S001-12 Datasheet
312Kb / 2P
   WR-137 Commercial Grade Straight Waveguide Section 12 Inch Length with UG-344 - U Flange Operating from 5.85 GHz to 8.2 GHz
PE-W137S001-6 PASTERNACK-PE-W137S001-6 Datasheet
312Kb / 2P
   WR-137 Commercial Grade Straight Waveguide Section 6 Inch Length with UG-344 - U Flange Operating from 5.85 GHz to 8.2 GHz
PE-W137TF005-24 PASTERNACK-PE-W137TF005-24 Datasheet
393Kb / 4P
   WR-137 Flexible Waveguide Twist With a UG-344 - U Flange Operating From 5.85 GHz to 8.2 GHz
PE-W137TF005-12 PASTERNACK-PE-W137TF005-12 Datasheet
393Kb / 4P
   WR-137 Flexible Waveguide Twist With a UG-344 - U Flange Operating From 5.85 GHz to 8.2 GHz
PE-W137TF005-36 PASTERNACK-PE-W137TF005-36 Datasheet
394Kb / 4P
   WR-137 Flexible Waveguide Twist With a UG-344 - U Flange Operating From 5.85 GHz to 8.2 GHz
PE-W137S001-3 PASTERNACK-PE-W137S001-3 Datasheet
313Kb / 2P
   WR-137 Commercial Grade Straight Waveguide Section 3 Inch Length with UG-344 - U Flange Operating from 5.85 GHz to 8.2 GHz
PE-W137S001-9 PASTERNACK-PE-W137S001-9 Datasheet
312Kb / 2P
   WR-137 Commercial Grade Straight Waveguide Section 9 Inch Length with UG-344 - U Flange Operating from 5.85 GHz to 8.2 GHz
PE-W137B002 PASTERNACK-PE-W137B002 Datasheet
329Kb / 2P
   WR-137 Waveguide H-Bend with UG-344-U Flange Operating from 5.85 GHz to 8.2 GHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com