Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE-W112SF006-36 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE-W112SF006-36
Description  WR-112 Flexible Straight Waveguide Section 36 Inch Length with CPR-112G Flange Operating from 7.05 GHz to 10 GHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE-W112SF006-36 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE-W112SF006-36 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE-W112SF006-36 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE-W112SF006-36 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE-W112SF006-36 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
1
The PE-W112SF006-36 is part of Pasternack’s family of flexible, seamless waveguides which operates in the 7.05 to 10 GHz
range. The waveguide body is made of silver plated brass. It can be bent in both the E and H planes without impairing VSWR
or attenuation. The waveguide is covered by a neoprene jacket which protects the waveguide and provides mechanical sup-
port.
Features
WR-112 waveguide
Flexes in both the E and H plane
7.05 GHz to 10 GHz Frequency Range
Brass flanges with a silver plated brass body
Neoprene sleeve provides added protection and me-
chanical support
Applications
Allows expansion/contraction
due to thermal issues.
• Test Benches
Microwave Radio
Eliminates installation problems
caused by misalignment.
Pressurized waveguide systems
Provides vibration isolation
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
7.05
10
GHz
VSWR
1.07:1
Insertion Loss
0.24
dB
.
Mechanical Specifications
Waveguide Size
WR-112
Waveguide Design
Flexible
Section Length
36 in [914.4 mm]
E-Plane Minimum Bend Radius, One Time
0.98 in [24.89 mm]
H-Plane Minimum Bend Radius, One Time
1.77 in [44.96 mm]
Maximum Operating Pressure
35 psig
Description
Flange 1
Waveguide
Flange 2
Interface
CPR-112G
WR-112
CPR-112G
Material
Brass
Copper
Brass
Plating
Silver
Color
Gold
Black
Gold
...
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
REACH Compliant
12/17/2014
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: WR-112 Flexible Straight Waveguide Section 36 Inch Length with CPR-112G Flange Operat-
ing from 7.05 GHz to 10 GHz PE-W112SF006-36
PE-W112SF006-36 REV 1.0
PE-W112SF006-36
WR-112 Flexible Straight Waveguide Section 36 Inch Length
with CPR-112G Flange Operating from 7.05 GHz to 10 GHz


Similar Part No. - PE-W112SF006-36

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE-W112SF006-12 PASTERNACK-PE-W112SF006-12 Datasheet
416Kb / 4P
   WR-112 Flexible Straight Waveguide Section 12 Inch Length with CPR-112G Flange Operating from 7.05 GHz to 10 GHz
PE-W112SF006-24 PASTERNACK-PE-W112SF006-24 Datasheet
416Kb / 4P
   WR-112 Flexible Straight Waveguide Section 24 Inch Length with CPR-112G Flange Operating from 7.05 GHz to 10 GHz
More results

Similar Description - PE-W112SF006-36

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE-W112SF006-24 PASTERNACK-PE-W112SF006-24 Datasheet
416Kb / 4P
   WR-112 Flexible Straight Waveguide Section 24 Inch Length with CPR-112G Flange Operating from 7.05 GHz to 10 GHz
PE-W112SF006-12 PASTERNACK-PE-W112SF006-12 Datasheet
416Kb / 4P
   WR-112 Flexible Straight Waveguide Section 12 Inch Length with CPR-112G Flange Operating from 7.05 GHz to 10 GHz
PE-W112TF006-36 PASTERNACK-PE-W112TF006-36 Datasheet
416Kb / 4P
   WR-112 Flexible Waveguide Twist With a CPR-112G Flange Operating From 7.05 GHz to 10 GHz
PE-W112TF006-24 PASTERNACK-PE-W112TF006-24 Datasheet
427Kb / 4P
   WR-112 Flexible Waveguide Twist With a CPR-112G Flange Operating From 7.05 GHz to 10 GHz
PE-W112TF006-12 PASTERNACK-PE-W112TF006-12 Datasheet
429Kb / 4P
   WR-112 Flexible Waveguide Twist With a CPR-112G Flange Operating From 7.05 GHz to 10 GHz
PEWSP1010 PASTERNACK-PEWSP1010 Datasheet
473Kb / 3P
   WR-112 Waveguide Pressurizing Section 4.25 Inch Length, CPR-112G Grooved Flange from 7.05 GHz to 10 GHz
PE-W112SF005-36 PASTERNACK-PE-W112SF005-36 Datasheet
397Kb / 4P
   WR-112 Flexible Straight Waveguide Section 36 Inch Length with UG-51 - U Flange Operating from 7.05 GHz to 10 GHz
PE-W112SF005-12 PASTERNACK-PE-W112SF005-12 Datasheet
395Kb / 4P
   WR-112 Flexible Straight Waveguide Section 12 Inch Length with UG-51 - U Flange Operating from 7.05 GHz to 10 GHz
PEWAD5017 PASTERNACK-PEWAD5017 Datasheet
422Kb / 4P
   WR-112 Waveguide Bulkhead Adapter CPR-112G Flange, 7.05 GHz to 10 GHz
PE-W112SF005-24 PASTERNACK-PE-W112SF005-24 Datasheet
395Kb / 4P
   WR-112 Flexible Straight Waveguide Section 24 Inch Length with UG-51 - U Flange Operating from 7.05 GHz to 10 GHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com