Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCS3I8504A Datasheet(PDF) 2 Page - ON Semiconductor

Part # PCS3I8504A
Description  General Purpose Peak EMI Reduction IC
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

PCS3I8504A Datasheet(HTML) 2 Page - ON Semiconductor

  PCS3I8504A Datasheet HTML 1Page - ON Semiconductor PCS3I8504A Datasheet HTML 2Page - ON Semiconductor PCS3I8504A Datasheet HTML 3Page - ON Semiconductor PCS3I8504A Datasheet HTML 4Page - ON Semiconductor PCS3I8504A Datasheet HTML 5Page - ON Semiconductor PCS3I8504A Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PCS3I8504A
http://onsemi.com
2
VDD
GND
SSON
ModOUT
MR
PLL
XOUT
XIN/CLKIN
SSEXTR
Crystal
Oscillator
Figure 1. Block Diagram
Table 1. PIN DESCRIPTION
Pin#
Pin Name
Type
Description
1
XIN / CLKIN
I
Crystal connection or External reference clock input.
2
XOUT
O
Crystal connection. If using an external reference, this pin should be left open.
3
SSON
I
Spread Spectrum ON/OFF. Spread Spectrum function enabled when HIGH, disabled when
LOW. Has an internal pull−up resistor.
4
GND
P
Ground
5
ModOUT
O
Modulated clock output
6
MR
I
Modulation Rate Select. When LOW selects Low Modulation Rate. Selects High Modulation
Rate when pulled HIGH. Has an internal pull−up resistor.
7
SSEXTR
I
Analog Deviation Selection through external resistor to GND.
8
VDD
P
3.3 V supply Voltage.
Table 2. OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Unit
VDD
Supply Voltage
3
3.6
V
TA
Operating Temperature
Industrial
−40
85
°C
CL
Load Capacitance
10
pF
CIN
Input Capacitance
7
pF
Table 3. ABSOLUTE MAXIMUM RATING
Symbol
Parameter
Rating
Unit
VDD, VIN
Voltage on any input pin with respect to Ground
−0.5 to +4.6
V
TSTG
Storage Temperature
−65 to +125
°C
Ts
Max. Soldering Temperature (10 sec)
260
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may
affect device reliability.


Similar Part No. - PCS3I8504A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
PCS3I2005AG-08SR ONSEMI-PCS3I2005AG-08SR Datasheet
124Kb / 7P
   General Purpose Peak EMI Reduction IC
August, 2011 ??Rev. P2
PCS3I2005AG-08ST ONSEMI-PCS3I2005AG-08ST Datasheet
124Kb / 7P
   General Purpose Peak EMI Reduction IC
August, 2011 ??Rev. P2
PCS3I2005AG-08TR ONSEMI-PCS3I2005AG-08TR Datasheet
124Kb / 7P
   General Purpose Peak EMI Reduction IC
August, 2011 ??Rev. P2
PCS3I2005AG-08TT ONSEMI-PCS3I2005AG-08TT Datasheet
124Kb / 7P
   General Purpose Peak EMI Reduction IC
August, 2011 ??Rev. P2
logo
PulseCore Semiconductor
PCS3I2189AG-08TR PULSECORE-PCS3I2189AG-08TR Datasheet
295Kb / 7P
   Spread Spectrum Clock Generator
More results

Similar Description - PCS3I8504A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
PCS3P8103A ONSEMI-PCS3P8103A Datasheet
138Kb / 7P
   General Purpose Peak EMI Reduction IC
APRIL 2010 ??Rev. 2
PCS3PS550A ONSEMI-PCS3PS550A Datasheet
126Kb / 7P
   General Purpose Peak EMI Reduction IC
July, 2010 ??Rev. 1
PCS3P8504A ONSEMI-PCS3P8504A_17 Datasheet
77Kb / 6P
   General Purpose Peak EMI Reduction IC
June, 2017 ??Rev. 4
PCS3P2005A ONSEMI-PCS3P2005A Datasheet
124Kb / 7P
   General Purpose Peak EMI Reduction IC
August, 2011 ??Rev. P2
PCS3P7303A ONSEMI-PCS3P7303A Datasheet
188Kb / 10P
   General Purpose Peak EMI Reduction IC
JANUARY 2010 ??Rev. 2
PCS3P8504A ONSEMI-PCS3P8504A Datasheet
159Kb / 6P
   General Purpose Peak EMI Reduction IC
July, 2010 -- Rev. 1
PCS3P7303 ONSEMI-PCS3P7303 Datasheet
188Kb / 10P
   General Purpose Peak EMI Reduction IC
November 2010 ??Rev. 3
PCS3P7303A ONSEMI-PCS3P7303A_14 Datasheet
162Kb / 9P
   General Purpose Peak EMI Reduction IC
October, 2014 ??Rev. 0
PCS3PS550A ONSEMI-PCS3PS550A_15 Datasheet
76Kb / 7P
   General Purpose Peak EMI Reduction IC
September, 2015 ??Rev. 2
P3P8203A ONSEMI-P3P8203A Datasheet
116Kb / 6P
   General Purpose Peak EMI Reduction IC
August, 2012 ??Rev. 0
P3I2005A ONSEMI-P3I2005A Datasheet
117Kb / 6P
   General Purpose Peak EMI Reduction IC
June, 2010 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com