Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NSIC2020JBT3G Datasheet(PDF) 6 Page - ON Semiconductor

Part # NSIC2020JBT3G
Description  Constant Current Regulator & LED Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NSIC2020JBT3G Datasheet(HTML) 6 Page - ON Semiconductor

  NSIC2020JBT3G Datasheet HTML 1Page - ON Semiconductor NSIC2020JBT3G Datasheet HTML 2Page - ON Semiconductor NSIC2020JBT3G Datasheet HTML 3Page - ON Semiconductor NSIC2020JBT3G Datasheet HTML 4Page - ON Semiconductor NSIC2020JBT3G Datasheet HTML 5Page - ON Semiconductor NSIC2020JBT3G Datasheet HTML 6Page - ON Semiconductor NSIC2020JBT3G Datasheet HTML 7Page - ON Semiconductor NSIC2020JBT3G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
NSIC2020JBT3G
http://onsemi.com
6
Higher Current LED Strings
Two or more fixed current CCRs can be connected in
parallel. The current through them is additive (Figure 11).
Figure 11.
Other Currents
The adjustable CCR can be placed in parallel with any
other CCR to obtain a desired current. The adjustable CCR
provides the ability to adjust the current as LED efficiency
increases to obtain the same light output (Figure 12).
Figure 12.
Dimming using PWM
The dimming of an LED string can be easily achieved by
placing a BJT in series with the CCR (Figure 13).
Figure 13.
The method of pulsing the current through the LEDs is
known as Pulse Width Modulation (PWM) and has become
the preferred method of changing the light level. LEDs being
a silicon device, turn on and off rapidly in response to the
current through them being turned on and off. The switching
time is in the order of 100 nanoseconds, this equates to a
maximum frequency of 10 Mhz, and applications will
typically operate from a 100 Hz to 100 kHz. Below 100 Hz
the human eye will detect a flicker from the light emitted
from the LEDs. Between 500 Hz and 20 kHz the circuit may
generate audible sound. Dimming is achieved by turning the
LEDs on and off for a portion of a single cycle. This on/off
cycle is called the Duty cycle (D) and is expressed by the
amount of time the LEDs are on (Ton) divided by the total
time of an on/off cycle (Ts) (Figure 14).
Figure 14.


Similar Part No. - NSIC2020JBT3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSIC2020BT3G ONSEMI-NSIC2020BT3G Datasheet
176Kb / 9P
   Constant Current Regulator
June, 2012 ??Rev. 0
More results

Similar Description - NSIC2020JBT3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSI45030AT1G ONSEMI-NSI45030AT1G Datasheet
147Kb / 6P
   Constant Current Regulator & LED Driver
November, 2009 ??Rev. 3
NSI45030AT1G ONSEMI-NSI45030AT1G_11 Datasheet
172Kb / 7P
   Constant Current Regulator & LED Driver
September, 2011 ??Rev. 4
NSI45025AZ ONSEMI-NSI45025AZ Datasheet
174Kb / 7P
   Constant Current Regulator & LED Driver
July, 2013 ??Rev. 3
NSI45030A ONSEMI-NSI45030A Datasheet
133Kb / 8P
   Constant Current Regulator & LED Driver
October, 2017 ??Rev. 5
NSI45030AZT1G ONSEMI-NSI45030AZT1G_11 Datasheet
170Kb / 7P
   Constant Current Regulator & LED Driver
October, 2011 ??Rev. 2
NSI45015W ONSEMI-NSI45015W_14 Datasheet
159Kb / 8P
   Constant Current Regulator & LED Driver
June, 2014 ??Rev. 2
NSI45025T1G ONSEMI-NSI45025T1G_14 Datasheet
159Kb / 8P
   Constant Current Regulator & LED Driver
June, 2014 ??Rev. 5
NSI50350AD ONSEMI-NSI50350AD_14 Datasheet
155Kb / 8P
   Constant Current Regulator & LED Driver
June, 2014 ??Rev. 4
NSI45025ZT1G ONSEMI-NSI45025ZT1G_11 Datasheet
170Kb / 7P
   Constant Current Regulator & LED Driver
October, 2011 ??Rev. 2
NSI45030AZT1G ONSEMI-NSI45030AZT1G Datasheet
143Kb / 6P
   Constant Current Regulator & LED Driver
September, 2009 ??Rev. 1
NSIC2050JBT3G ONSEMI-NSIC2050JBT3G Datasheet
171Kb / 8P
   Constant Current Regulator & LED Driver
April, 2014 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com