Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NRVTS1245EMFST3G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NRVTS1245EMFST3G
Description  Schottky Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NRVTS1245EMFST3G Datasheet(HTML) 4 Page - ON Semiconductor

  NRVTS1245EMFST3G Datasheet HTML 1Page - ON Semiconductor NRVTS1245EMFST3G Datasheet HTML 2Page - ON Semiconductor NRVTS1245EMFST3G Datasheet HTML 3Page - ON Semiconductor NRVTS1245EMFST3G Datasheet HTML 4Page - ON Semiconductor NRVTS1245EMFST3G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
NRVTS1245EMFS
http://onsemi.com
4
TYPICAL CHARACTERISTICS
Figure 7. Forward Power Dissipation
IF(AV), AVERAGE FORWARD CURRENT (A)
11
10
8
2
0
0
2
6
10
14
18
22
Square Wave
dc
IPK/IAV = 5
IPK/IAV
= 20
IPK/IAV = 10
46
12
4
8
12
16
20
9
3
15
7
0.1
0.00001
PULSE TIME (s)
10
0.1
0.01
0.0001
0.001
0.01
1.0
10
100
0.000001
50% (DUTY CYCLE)
20%
10%
5.0%
2.0%
1.0%
SINGLE PULSE
1000
1
0.1
0.00001
PULSE TIME (s)
100
10
0.1
0.01
0.0001
0.001
0.01
1.0
10
100
0.000001
50% (DUTY CYCLE)
20%
10%
5.0%
2.0%
1.0%
SINGLE PULSE
1000
Figure 8. Typical Thermal Characteristics
1
Figure 9. Typical Transient Thermal Response Characteristics, Junction−to−Case
Assumes 25
°C ambient and soldered to
a 600 mm2 − oz copper pad on PCB
Assumes 25
°C ambient and soldered to
a 600 mm2 − oz copper pad on PCB


Similar Part No. - NRVTS1245EMFST3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NRVTS12100EMFS ONSEMI-NRVTS12100EMFS Datasheet
69Kb / 5P
   Very Low Leakage Trench-based Schottky Rectifier
September, 2014 ??Rev. 2
NRVTS12100EMFST1G ONSEMI-NRVTS12100EMFST1G Datasheet
69Kb / 5P
   Very Low Leakage Trench-based Schottky Rectifier
September, 2014 ??Rev. 2
NRVTS12100EMFST3G ONSEMI-NRVTS12100EMFST3G Datasheet
69Kb / 5P
   Very Low Leakage Trench-based Schottky Rectifier
September, 2014 ??Rev. 2
NRVTS12100MFS ONSEMI-NRVTS12100MFS Datasheet
68Kb / 5P
   Very Low Forward Voltage Trench-based Schottky Rectifier
April, 2014 ??Rev. 2
NRVTS12100MFST1G ONSEMI-NRVTS12100MFST1G Datasheet
68Kb / 5P
   Very Low Forward Voltage Trench-based Schottky Rectifier
April, 2014 ??Rev. 2
More results

Similar Description - NRVTS1245EMFST3G

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SED120LB100 SSDI-SED120LB100_1 Datasheet
98Kb / 2P
   Schottky Rectifier
logo
Yangzhou yangjie electr...
SS22A YANGJIE-SS22A Datasheet
168Kb / 2P
   Schottky Rectifier
logo
International Rectifier
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
   SCHOTTKY RECTIFIER
logo
Sirectifier Semiconduct...
MBR3060CT SIRECTIFIER-MBR3060CT Datasheet
133Kb / 2P
   SCHOTTKY RECTIFIER
logo
International Rectifier
153CNQ100 IRF-153CNQ100 Datasheet
64Kb / 4P
   SCHOTTKY RECTIFIER
30CLJQ100 IRF-30CLJQ100 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
30LJQ150 IRF-30LJQ150 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
logo
Fairchild Semiconductor
FMKA130L FAIRCHILD-FMKA130L Datasheet
63Kb / 2P
   Schottky Rectifier
logo
International Rectifier
160CNQ IRF-160CNQ Datasheet
89Kb / 5P
   SCHOTTKY RECTIFIER
logo
Sensitron
SHD125044P SENSITRON-SHD125044P Datasheet
84Kb / 3P
   SCHOTTKY RECTIFIER
163CMQ SENSITRON-163CMQ Datasheet
143Kb / 4P
   SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com