Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NRVTS560EMFST1G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NRVTS560EMFST1G
Description  Schottky Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NRVTS560EMFST1G Datasheet(HTML) 1 Page - ON Semiconductor

  NRVTS560EMFST1G Datasheet HTML 1Page - ON Semiconductor NRVTS560EMFST1G Datasheet HTML 2Page - ON Semiconductor NRVTS560EMFST1G Datasheet HTML 3Page - ON Semiconductor NRVTS560EMFST1G Datasheet HTML 4Page - ON Semiconductor NRVTS560EMFST1G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© Semiconductor Components Industries, LLC, 2014
November, 2014 − Rev. 0
1
Publication Order Number:
NRVTS560EMFS/D
NRVTS560EMFS
Exceptionally Low Leakage
Trench-based Schottky
Rectifier
Features
Fine Lithography Trench−based Schottky Technology for Very Low
Leakage
Fast Switching with Exceptional Temperature Stability
Low Power Loss and Lower Operating Temperature
Higher Efficiency for Achieving Regulatory Compliance
Low Thermal Resistance
High Surge Capability
NRV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q101
Qualified and PPAP Capable
These are Pb−Free and Halide−Free Devices
Typical Applications
Switching Power Supplies including Wireless, Smartphone and
Notebook Adapters
High Frequency and DC−DC Converters
Freewheeling and OR−ing diodes
Reverse Battery Protection
Instrumentation
Mechanical Characteristics:
Case: Epoxy, Molded
Epoxy Meets Flammability Rating UL 94−0 @ 0.125 in.
Lead Finish: 100% Matte Sn (Tin)
Lead and Mounting SurfaceTemperature for Soldering Purposes:
260
°C Max. for 10 Seconds
Device Meets MSL 1 Requirements
Device
Package
Shipping
ORDERING INFORMATION
SCHOTTKY BARRIER
RECTIFIERS
5 AMPERES
60 VOLTS
1,2,3
5,6
SO−8 FLAT LEAD
CASE 488AA
STYLE 2
TE0560
= Specific Device Code
A
= Assembly Location
Y
= Year
W
= Work Week
ZZ
= Lot Traceability
MARKING
DIAGRAM
TE0560
AYWWZZ
A
A
A
Not Used
C
C
1
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
NRVTS560EMFST1G
SO−8 FL
(Pb−Free)
1500 /
Tape & Reel
NRVTS560EMFST3G
SO−8 FL
(Pb−Free)
5000 /
Tape & Reel
www.onsemi.com


Similar Part No. - NRVTS560EMFST1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NRVTS560ETFS ONSEMI-NRVTS560ETFS Datasheet
63Kb / 5P
   Exceptionally Low Leakage Trench-based Schottky Rectifier
September, 2016 ??Rev. 0
NRVTS560ETFS ONSEMI-NRVTS560ETFS Datasheet
182Kb / 6P
   Trench-based Schottky Rectifier, Exceptionally Low Leakage
April, 2020 - Rev. 2
NRVTS560ETFSTAG ONSEMI-NRVTS560ETFSTAG Datasheet
63Kb / 5P
   Exceptionally Low Leakage Trench-based Schottky Rectifier
September, 2016 ??Rev. 0
NRVTS560ETFSTAG ONSEMI-NRVTS560ETFSTAG Datasheet
182Kb / 6P
   Trench-based Schottky Rectifier, Exceptionally Low Leakage
April, 2020 - Rev. 2
NRVTS560ETFSTWG ONSEMI-NRVTS560ETFSTWG Datasheet
182Kb / 6P
   Trench-based Schottky Rectifier, Exceptionally Low Leakage
April, 2020 - Rev. 2
More results

Similar Description - NRVTS560EMFST1G

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SED120LB100 SSDI-SED120LB100_1 Datasheet
98Kb / 2P
   Schottky Rectifier
logo
Yangzhou yangjie electr...
SS22A YANGJIE-SS22A Datasheet
168Kb / 2P
   Schottky Rectifier
logo
International Rectifier
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
   SCHOTTKY RECTIFIER
logo
Sirectifier Semiconduct...
MBR3060CT SIRECTIFIER-MBR3060CT Datasheet
133Kb / 2P
   SCHOTTKY RECTIFIER
logo
International Rectifier
153CNQ100 IRF-153CNQ100 Datasheet
64Kb / 4P
   SCHOTTKY RECTIFIER
30CLJQ100 IRF-30CLJQ100 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
30LJQ150 IRF-30LJQ150 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
logo
Fairchild Semiconductor
FMKA130L FAIRCHILD-FMKA130L Datasheet
63Kb / 2P
   Schottky Rectifier
logo
International Rectifier
160CNQ IRF-160CNQ Datasheet
89Kb / 5P
   SCHOTTKY RECTIFIER
logo
Sensitron
SHD125044P SENSITRON-SHD125044P Datasheet
84Kb / 3P
   SCHOTTKY RECTIFIER
163CMQ SENSITRON-163CMQ Datasheet
143Kb / 4P
   SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com