Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NL17SG126P5T5G Datasheet(PDF) 3 Page - ON Semiconductor

Part # NL17SG126P5T5G
Description  Bus Buffer with 3-State Output
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NL17SG126P5T5G Datasheet(HTML) 3 Page - ON Semiconductor

  NL17SG126P5T5G Datasheet HTML 1Page - ON Semiconductor NL17SG126P5T5G Datasheet HTML 2Page - ON Semiconductor NL17SG126P5T5G Datasheet HTML 3Page - ON Semiconductor NL17SG126P5T5G Datasheet HTML 4Page - ON Semiconductor NL17SG126P5T5G Datasheet HTML 5Page - ON Semiconductor NL17SG126P5T5G Datasheet HTML 6Page - ON Semiconductor NL17SG126P5T5G Datasheet HTML 7Page - ON Semiconductor NL17SG126P5T5G Datasheet HTML 8Page - ON Semiconductor NL17SG126P5T5G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
NL17SG126
http://onsemi.com
3
DC ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Conditions
VCC (V)
TA = 255C
TA =
−55
5C to +1255C
Min
Max
Min
Max
Unit
VIH
High−Level
Input
Voltage
0.9
VCC
VCC
V
1.1 to 1.3
0.7xVCC
0.7xVCC
1.4 to 1.6
0.65xVCC
0.65xVCC
1.65 to 1.95
0.65xVCC
0.65xVCC
2.3 to 2.7
1.7
1.7
3.0 to 3.6
2.0
2.0
VIL
Low−Level Input
Voltage
0.9
GND
GND
V
1.1 to 1.3
0.3xVCC
0.3xVCC
1.4 to 1.6
0.35xVCC
0.35xVCC
1.65 to 1.95
0.35xVCC
0.35xVCC
2.3 to 2.7
0.7
0.7
3.0 to 3.6
0.8
0.8
VOH
High−Level
Output Voltage
VIN =
VIH or
VIL
IOH = −20 mA
0.9
0.75
0.75
V
IOH = −0.3 mA
1.1 to 1.3
0.75xVCC
0.75xVCC
IOH = −1.7 mA
1.4 to 1.6
0.75xVCC
0.75xVCC
IOH = −3.0 mA
1.65 to 1.95
VCC−0.45
VCC−0.4
5
IOH = −4.0 mA
2.3 to 2.7
2.07
2.07
IOH = −8.0 mA
3.0 to 3.6
2.75
2.75
VOL
Low−Level
Output Voltage
VIN =
VIH or
VIL
IOL = 20 mA
0.9
0.1
0.1
V
IOL = 0.3 mA
1.1 to 1.3
0.25xVCC
0.25xVCC
IOL = 1.7 mA
1.4 to 1.6
0.25xVCC
0.25xVCC
IOL = 3.0 mA
1.65 to 1.95
0.45
0.45
IOL = 4.0 mA
2.3 to 2.7
0.4
0.4
IOL = 8.0 mA
3.0 to 3.6
0.4
0.4
IIN
Input Leakage
Current
0
≤ VIN ≤ 3.6 V
0 to 3.6
$0.1
$1.0
mA
ICC
Quiescent
Supply Current
VIN = VCC or GND
3.6
1.0
10.0
mA
IOZ
3−State Output
Leakage
Current
VIN = VIH or VIL
VOUT = 0 to 3.6 V
0.9 to 3.6
1.0
10.0
mA
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.


Similar Part No. - NL17SG126P5T5G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NL17SG125 ONSEMI-NL17SG125 Datasheet
141Kb / 11P
   Bus Buffer with 3-State Output
March, 2014 ??Rev. 4
NL17SG125 ONSEMI-NL17SG125 Datasheet
156Kb / 11P
   Bus Buffer with 3-State Output
November, 2018 ??Rev. 5
NL17SG125AMUTCG ONSEMI-NL17SG125AMUTCG Datasheet
141Kb / 11P
   Bus Buffer with 3-State Output
March, 2014 ??Rev. 4
NL17SG125CMUTCG ONSEMI-NL17SG125CMUTCG Datasheet
141Kb / 11P
   Bus Buffer with 3-State Output
March, 2014 ??Rev. 4
NL17SG125DFT2G ONSEMI-NL17SG125DFT2G Datasheet
141Kb / 11P
   Bus Buffer with 3-State Output
March, 2014 ??Rev. 4
More results

Similar Description - NL17SG126P5T5G

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RD74LVC1G126 RENESAS-RD74LVC1G126 Datasheet
2Mb / 8P
   Bus Buffer with 3-state Output
logo
Toshiba Semiconductor
TC7SG125FE TOSHIBA-TC7SG125FE_09 Datasheet
169Kb / 8P
   Bus Buffer with 3-STATE Output
TC7SG125FE TOSHIBA-TC7SG125FE Datasheet
166Kb / 8P
   Bus Buffer with 3-STATE Output
TC7SG125FU TOSHIBA-TC7SG125FU Datasheet
169Kb / 8P
   Bus Buffer with 3-STATE Output
TC7SZ125AFE TOSHIBA-TC7SZ125AFE_07 Datasheet
139Kb / 6P
   Bus Buffer with 3-STATE Output
TC7SG126AFS TOSHIBA-TC7SG126AFS Datasheet
194Kb / 8P
   Bus Buffer with 3-STATE Output
2009-09-18
TC7SG125AFS TOSHIBA-TC7SG125AFS Datasheet
174Kb / 8P
   Bus Buffer with 3-STATE Output
TC7SZ126AFS TOSHIBA-TC7SZ126AFS Datasheet
212Kb / 6P
   Bus Buffer With 3-STATE Output
TC7WH126FK TOSHIBA-TC7WH126FK_09 Datasheet
184Kb / 7P
   Bus Buffer with 3-STATE Output
TC7SZ126AFE TOSHIBA-TC7SZ126AFE Datasheet
138Kb / 6P
   Bus Buffer with 3-STATE Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com