Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NIMD6001N Datasheet(PDF) 1 Page - ON Semiconductor

Part # NIMD6001N
Description  Dual N-Channel Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NIMD6001N Datasheet(HTML) 1 Page - ON Semiconductor

  NIMD6001N Datasheet HTML 1Page - ON Semiconductor NIMD6001N Datasheet HTML 2Page - ON Semiconductor NIMD6001N Datasheet HTML 3Page - ON Semiconductor NIMD6001N Datasheet HTML 4Page - ON Semiconductor NIMD6001N Datasheet HTML 5Page - ON Semiconductor NIMD6001N Datasheet HTML 6Page - ON Semiconductor NIMD6001N Datasheet HTML 7Page - ON Semiconductor NIMD6001N Datasheet HTML 8Page - ON Semiconductor NIMD6001N Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
© Semiconductor Components Industries, LLC, 2011
November, 2011 − Rev. 6
1
Publication Order Number:
NIMD6001N/D
NIMD6001N, NIMD6001AN
Dual N-Channel Driver with
Diagnostic Output
60 V, 3 A, 110 mW
NIMD6001N/AN is a dual 3 Amp low-side switch with an
integrated common disable input and drain diagnostic output. Pulling
the Disable pin low will override any applied gate voltages and turn off
both FET switches. Should either Drain-Source voltage exceed
approximately 50 V, a logic 1 (> 3 V) will be asserted on the
Diagnostic/Feedback pin. Internal isolation diodes permit the Disable
and Diagnostic/ Feedback pins of multiple devices to be
interconnected in a “wired-OR” configuration without additional
components.
Features
RDSON 110 mW Maximum at VGS = 10 V
Avalanche Energy Specified
Gate Drive Disable Input
Drain-Source Voltage Diagnostic Feedback Output
Electrically Isolated Drains for Low Crosstalk
Internal Resistors Limit Peak Transient gate Current
AEC−Q101 Qualified and PPAP Capable
These Devices are Pb−Free and are RoHS Compliant
Applications
Automotive Injector Driver
Solenoid / Relay Driver
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Drain−to−Source Voltage (DC, sustained)
VDSS
60
Vdc
Gate−to−Source Voltage
VGS
"20
Vdc
Continuous Drain Current
VGS = 10 V, RqJA = 55°C/W
VGS = 5.0 V, RqJA = 55°C/W
ID
3.3
3.0
A
Single Pulse Drain Current
Pulse duration = 80 ms
ID
10
A
Single Pulse Drain-to-Source
Avalanche Energy
VDD = 60 V; VGS = 10 V; IPK = 2.6 A;
L = 76 mH; Start Tj = 25°C
EAS
258
mJ
Operating Junction Temperature
TJ
−55 − 150
°C
Storage Temperature
TSTG
−55 − 150
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
3.0 AMPERES
60 VOLTS
RDS(on) = 110 mW
Device
Package
Shipping
ORDERING INFORMATION
NIMD6001NR2G
SOIC−8
(Pb−Free)
2500/Tape & Reel
SOIC−8
CASE 751
Drain 1
Disable
Drain 2
Diag/Fbk
Source 1
Gate 1
Source 2
Gate 2
(Top View)
MARKING DIAGRAM
D6001x = Specific Device Code
x = N or A
A
= Assembly Location
Y
= Year
WW
= Work Week
G
= Pb−Free Package
1
2
3
4
5
6
7
8
http://onsemi.com
1
2
3
4
5
6
7
8
INTERNAL DIAGRAM
(Note: Microdot may be in either location)
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
NIMD6001ANR2G
SOIC−8
(Pb−Free)
2500/Tape & Reel


Similar Part No. - NIMD6001N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NIMD6001NR2G ONSEMI-NIMD6001NR2G Datasheet
227Kb / 9P
   Dual N-Channel Driver with Diagnostic Output 60 V, 3 A, 110 m
September, 2009 ??Rev. 4
More results

Similar Description - NIMD6001N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1707 TI-UC1707 Datasheet
335Kb / 8P
[Old version datasheet]   Dual Channel Power Driver
UC1707-SP TI1-UC1707-SP_16 Datasheet
670Kb / 20P
[Old version datasheet]   Dual-Channel Power Driver
UC1707 TI1-UC1707_13 Datasheet
981Kb / 16P
[Old version datasheet]   DUAL CHANNEL POWER DRIVER
UC1707-SP TI1-UC1707-SP Datasheet
578Kb / 15P
[Old version datasheet]   DUAL CHANNEL POWER DRIVER
UC3707N TI1-UC3707N Datasheet
981Kb / 16P
[Old version datasheet]   DUAL CHANNEL POWER DRIVER
UC1707 TI1-UC1707_16 Datasheet
982Kb / 16P
[Old version datasheet]   DUAL CHANNEL POWER DRIVER
logo
Infineon Technologies A...
2N7002DW INFINEON-2N7002DW_14 Datasheet
448Kb / 9P
   Dual N-channel
Rev.2.3 2014-09-19
BSD840N INFINEON-BSD840N_14 Datasheet
442Kb / 9P
   Dual N-channel
Rev 2.4 2014-09-19
logo
TriQuint Semiconductor
TGA4892-SL TRIQUINT-TGA4892-SL_15 Datasheet
218Kb / 1P
   16QAM Dual Channel Linear Driver
logo
SHENZHEN FUMAN ELECTRON...
FM1919 FUMAN-FM1919 Datasheet
379Kb / 5P
   Dual channel DC motor driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com