Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV7517BFTR2G Datasheet(PDF) 11 Page - ON Semiconductor

Part # NCV7517BFTR2G
Description  MOSFET Pre-Driver
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV7517BFTR2G Datasheet(HTML) 11 Page - ON Semiconductor

Back Button NCV7517BFTR2G Datasheet HTML 7Page - ON Semiconductor NCV7517BFTR2G Datasheet HTML 8Page - ON Semiconductor NCV7517BFTR2G Datasheet HTML 9Page - ON Semiconductor NCV7517BFTR2G Datasheet HTML 10Page - ON Semiconductor NCV7517BFTR2G Datasheet HTML 11Page - ON Semiconductor NCV7517BFTR2G Datasheet HTML 12Page - ON Semiconductor NCV7517BFTR2G Datasheet HTML 13Page - ON Semiconductor NCV7517BFTR2G Datasheet HTML 14Page - ON Semiconductor NCV7517BFTR2G Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
NCV7517B
http://onsemi.com
11
DETAILED OPERATING DESCRIPTION
General
The NCV7517B is a six channel general purpose
low−side pre−driver for controlling and protecting N−type
logic level MOSFETs. While specifically designed for
driving MOSFETs with resistive, inductive or lamp loads
in automotive applications, the device is also suitable for
industrial and commercial applications. Programmable
fault detection and protection modes allow the NCV7517B
to accommodate a wide range of external MOSFETs and
loads, providing the user with flexible application
solutions. Separate power supply pins are provided
for low and high current paths to improve analog
accuracy and digital signal integrity. ON Semiconductor’s
SMARTDISCRETESTM clamp MOSFETs, such as the
NID9N05CL, are recommended when driving unclamped
inductive loads.
Power Up/Down Control
The NCV7517B’s powerup/down control prevents
spurious output operation by monitoring the VCC1 power
supply. An internal Power−On Reset (POR) circuit causes
all GATX outputs to be held low until sufficient voltage is
available to allow proper control of the device. All internal
registers are initialized to their default states, fault data is
cleared, and the open−drain fault (FLTB) and status
(STAB) flags are disabled.
When VCC1 exceeds the POR threshold, outputs and
flags are enabled and the device is ready to accept input
data. When VCC1 falls below the POR threshold during
power down, flags are reset and disabled and all GATX
outputs are driven and held low until VCC1 falls below
about 0.7 V.
SPI Communication
The NCV7517B is a 16−bit SPI slave device. SPI
communication between the host and the NCV7517B may
either be parallel via individual CSB addressing or
daisy−chained through other devices using a compatible
SPI protocol.
The active−low CSB chip select input has a pullup
current source. The SI and SCLK inputs have pulldown
current sources. The recommended idle state for SCLK is
low. The tri−state SO line driver can be supplied with either
3.3 or 5.0 V and is powered via the device’s VDD and VSS
pins.
The NCV7517B employs frame error detection that
requires integer multiples of 16 SCLK cycles during each
CSB high−low−high cycle (valid communication frame.)
A frame error does not affect the flags. The CSB input
controls SPI data transfer and initializes the selected
device’s frame error and fault reporting logic.
The host initiates communication when a selected
device’s CSB pin goes low. Output (fault) data is
simultaneously sent MSB first from the SO pin while input
(command) data is received MSB first at the SI pin under
synchronous control of the master’s SCLK signal while
CSB is held low (Figure 10). Fault data changes on the
falling edge of SCLK and is guaranteed valid before the
next rising edge of SCLK. Command data received must be
valid before the rising edge of SCLK.
When CSB goes low, frame error detection is initialized,
latched fault data is transferred to the SPI, and the FLTB
flag is disabled and reset if previously set. Data for faults
detected while CSB is low are ignored but will be captured
if still present after CSB goes high.
If a valid frame has been received when CSB goes high,
the last multiple of 16 bits received is decoded into
command data, and FLTB is re−enabled. Latched
(previous) fault data is cleared and current fault data is
captured. The FLTB flag will be set if a fault is detected.
If a frame error is detected when CSB goes high, new
command data is ignored, and previous fault data remains
latched and available for retrieval during the next valid
frame. The FLTB flag will be set if a fault (not a frame
error) is detected.
Z
X
X
CSB
SCLK
SI
SO
1
2
3
14
15
16
MSB
LSB
B15
B14
B13
B12 − B3
B2
B1
B0
UKN
B15
B14
B13
B2
B1
B0
Note: X=Don’t Care, Z=Tri−State, UKN=Unknown Data
4 − 13
B12 − B3
Figure 10. SPI Communication Frame Format


Similar Part No. - NCV7517BFTR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV7517BFTR2G ONSEMI-NCV7517BFTR2G Datasheet
187Kb / 24P
   Hex Low-Side MOSFET Pre-Driver
June, 2016 ??Rev. 2
More results

Similar Description - NCV7517BFTR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV7519 ONSEMI-NCV7519 Datasheet
456Kb / 38P
   MOSFET Pre-driver
August, 2015 ??Rev. 2
NCV7520 ONSEMI-NCV7520 Datasheet
460Kb / 38P
   Hex Low-side MOSFET Pre-driver
October, 2017 ??Rev. 0
NCV7513B ONSEMI-NCV7513B_16 Datasheet
187Kb / 24P
   Hex Low-Side MOSFET Pre-Driver
June, 2016 ??Rev. 2
NCV7517B ONSEMI-NCV7517B_16 Datasheet
187Kb / 24P
   Hex Low-Side MOSFET Pre-Driver
June, 2016 ??Rev. 2
NCV7513A ONSEMI-NCV7513A Datasheet
274Kb / 23P
   FLEXMOS Hex Low-Side MOSFET Pre-Driver
March, 2009 ??Rev. 1
NCV7518 ONSEMI-NCV7518_V01 Datasheet
590Kb / 38P
   FLEXMOS Hex Low‐side MOSFET Pre‐driver
October, 2016 - Rev. 3
NCV7513BFTR2G ONSEMI-NCV7513BFTR2G Datasheet
264Kb / 23P
   FLEXMOS Hex Low-Side MOSFET Pre-Driver
July, 2010 ??Rev. 0
NCV7517 ONSEMI-NCV7517 Datasheet
274Kb / 23P
   FLEXMOS Hex Low-Side MOSFET Pre-Driver
March, 2009 ??Rev. 1
LV8726TA ONSEMI-LV8726TA Datasheet
1Mb / 40P
   Stepper Motor Pre-Driver
October 2015- Rev. 0
logo
Winbond
W83391TS WINBOND-W83391TS Datasheet
332Kb / 9P
   DC Fan Pre-Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com