Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV7519 Datasheet(PDF) 8 Page - ON Semiconductor

Part # NCV7519
Description  MOSFET Pre-driver
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV7519 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NCV7519 Datasheet HTML 4Page - ON Semiconductor NCV7519 Datasheet HTML 5Page - ON Semiconductor NCV7519 Datasheet HTML 6Page - ON Semiconductor NCV7519 Datasheet HTML 7Page - ON Semiconductor NCV7519 Datasheet HTML 8Page - ON Semiconductor NCV7519 Datasheet HTML 9Page - ON Semiconductor NCV7519 Datasheet HTML 10Page - ON Semiconductor NCV7519 Datasheet HTML 11Page - ON Semiconductor NCV7519 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
NCV7519, NCV7519A
www.onsemi.com
8
ELECTRICAL CHARACTERISTICS (continued)
(4.75 V
≤ VCCX ≤ 5.25 V, VDD = VCCX, 4.5 V ≤ VLOAD ≤ 36 V, RSTB = VCCX, ENB = 0, −40°C ≤ TJ ≤ 150°C, unless otherwise specified.)
(Note 7)
Characteristic
Unit
Max
Typ
Min
Conditions
Symbol
GATE DRIVER OUTPUTS
GATX Low Output Current
IGSNK
VGATX = VCC2
9.5
26.25
mA
Turn−On Propagation Delay
tP(ON)
INX to GATx (Figure 4)
1.0
ms
CSB to GATX (Figure 5)
Turn−Off Propagation Delay
tP(OFF)
INX to GATX (Figure 4)
1.0
ms
CSB to GATX (Figure 5)
Output Rise Time
tR
20% to 80% of VCC2, CLOAD = 400 pF (Figure 4,
Note 8)
277
ns
Output Fall Time
tF
80% to 20% of VCC2, CLOAD = 400 pF (Figure 4,
Note 8)
277
ns
SERIAL PERIPHERAL INTERFACE (Figure 9) VCCX = 5.0 V, VDD = 3.3 V, FSCLK = 4.0 MHz, CLOAD = 200 pF
SO Supply Voltage
VDD
3.3 V Interface
3.0
3.3
3.6
V
5 V Interface
4.5
5.0
5.5
V
SCLK Clock Period
tSCLK
250
ns
Maximum Input Capacitance
CINX
Sl, SCLK (Note 8)
12
pF
SCLK High Time
tCLKH
SCLK = 2.0 V to 2.0 V
125
ns
SCLK Low Time
tCLKL
SCLK = 0.8 V to 0.8 V
125
ns
Sl Setup Time
tSISU
Sl = 0.8 V/2.0 V to SCLK = 2.0 V (Note 8)
25
ns
Sl Hold Time
tSIHD
SCLK = 2.0 V to Sl = 0.8 V/2.0 V (Note 8)
25
ns
SO Rise Time
tSOR
(20% VSO to 80% VDD) CLOAD = 200 pF (Note 8)
25
50
ns
SO Fall Time
tSOF
(80% VSO to 20% VDD) CLOAD = 200 pF (Note 8)
50
ns
CSB Setup Time
tCSBSU
CSB = 0.8 V to SCLK = 2.0 V (Note 8)
60
ns
CSB Hold Time
tCSBHD
SCLK = 0.8 V to CSB = 2.0 V (Note 8)
75
ns
CSB to SO Time
tCS−SO
CSB = 0.8 V to SO Data Valid (Note 8)
65
125
ns
SO Delay Time
SODLY
SCLK = 0.8 V to SO Data Valid (Note 8)
65
125
ns
Transfer Delay Time
CSDLY
CSB Rising Edge to Next Falling Edge (Note 8)
1.6
ms
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
7. Min/Max values are valid for the temperature range −40
°C ≤ TJ ≤ 150°C unless noted otherwise. Min/Max values are guaranteed by test,
design or statistical correlation.
8. Guaranteed by design.
IN
X
GAT
X
t
P(OFF)
80%
20%
t
R
50%
50%
t
F
t
P(ON)
Figure 4. Gate Driver Timing Diagram − Parallel Input


Similar Part No. - NCV7519

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV7510 ONSEMI-NCV7510 Datasheet
160Kb / 22P
   FlexMOS Programmable Peak and Hold PWM MOSFET Predriver
January, 2005 ??Rev. 0
NCV7510DW ONSEMI-NCV7510DW Datasheet
160Kb / 22P
   FlexMOS Programmable Peak and Hold PWM MOSFET Predriver
January, 2005 ??Rev. 0
NCV7510DWR2 ONSEMI-NCV7510DWR2 Datasheet
160Kb / 22P
   FlexMOS Programmable Peak and Hold PWM MOSFET Predriver
January, 2005 ??Rev. 0
NCV7512 ONSEMI-NCV7512 Datasheet
268Kb / 25P
   FLEXMOS Quad Low-Side Pre-Driver
December, 2008 ??Rev. 2
NCV7512FTG ONSEMI-NCV7512FTG Datasheet
268Kb / 25P
   FLEXMOS Quad Low-Side Pre-Driver
December, 2008 ??Rev. 2
More results

Similar Description - NCV7519

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV7517B ONSEMI-NCV7517B Datasheet
265Kb / 23P
   MOSFET Pre-Driver
July, 2009 ??Rev. 0
NCV7520 ONSEMI-NCV7520 Datasheet
460Kb / 38P
   Hex Low-side MOSFET Pre-driver
October, 2017 ??Rev. 0
NCV7513B ONSEMI-NCV7513B_16 Datasheet
187Kb / 24P
   Hex Low-Side MOSFET Pre-Driver
June, 2016 ??Rev. 2
NCV7517B ONSEMI-NCV7517B_16 Datasheet
187Kb / 24P
   Hex Low-Side MOSFET Pre-Driver
June, 2016 ??Rev. 2
NCV7513A ONSEMI-NCV7513A Datasheet
274Kb / 23P
   FLEXMOS Hex Low-Side MOSFET Pre-Driver
March, 2009 ??Rev. 1
NCV7518 ONSEMI-NCV7518_V01 Datasheet
590Kb / 38P
   FLEXMOS Hex Low‐side MOSFET Pre‐driver
October, 2016 - Rev. 3
NCV7513BFTR2G ONSEMI-NCV7513BFTR2G Datasheet
264Kb / 23P
   FLEXMOS Hex Low-Side MOSFET Pre-Driver
July, 2010 ??Rev. 0
NCV7517 ONSEMI-NCV7517 Datasheet
274Kb / 23P
   FLEXMOS Hex Low-Side MOSFET Pre-Driver
March, 2009 ??Rev. 1
LV8726TA ONSEMI-LV8726TA Datasheet
1Mb / 40P
   Stepper Motor Pre-Driver
October 2015- Rev. 0
logo
Winbond
W83391TS WINBOND-W83391TS Datasheet
332Kb / 9P
   DC Fan Pre-Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com