Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV7519 Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCV7519
Description  MOSFET Pre-driver
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV7519 Datasheet(HTML) 5 Page - ON Semiconductor

  NCV7519 Datasheet HTML 1Page - ON Semiconductor NCV7519 Datasheet HTML 2Page - ON Semiconductor NCV7519 Datasheet HTML 3Page - ON Semiconductor NCV7519 Datasheet HTML 4Page - ON Semiconductor NCV7519 Datasheet HTML 5Page - ON Semiconductor NCV7519 Datasheet HTML 6Page - ON Semiconductor NCV7519 Datasheet HTML 7Page - ON Semiconductor NCV7519 Datasheet HTML 8Page - ON Semiconductor NCV7519 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
NCV7519, NCV7519A
www.onsemi.com
5
MAXIMUM RATINGS (Voltages are with respect to device substrate.)
Rating
Value
Unit
DC Supply − VLOAD
−0.3 to 45
V
DC Supply − VCC1, VCC2, VDD
−0.3 to 5.8
V
Difference Between VCC1 and VCC2
±0.3
V
Difference Between GND (Substrate) and VSS
±0.3
V
Drain Input Clamp Forward Voltage Transient (
≤2 ms, ≤1% duty)
78
V
Drain Input Clamp Forward Current Transient (
≤2 ms, ≤1% duty)
10
mA
Drain Input Clamp Energy Repetitive (
≤2 ms, ≤1% duty)
1.56
mJ
Drain Input Clamp Reverse Current VDRNX ≥ −1.0 V
−50
mA
Input Voltage (Any Input Other Than Drain)
−0.3 to 5.8
V
Output Voltage (Any Output)
−0.3 to 5.8
V
Junction Temperature, TJ
−40 to 150
°C
Storage Temperature, TSTG
−65 to 150
°C
Peak Reflow Soldering Temperature: Lead−free 60 to 150 seconds at 217
°C (Note 1)
260 peak
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. See or download ON Semiconductor’s Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
ATTRIBUTES
Characteristic
Value
ESD Capability
Human Body Model per AEC−Q100−002
Machine Model per AEC−Q100−003
Drain Feedback Pins (Note 3)
All Other Pins
≥ ±4.0 kV
≥ ±2.0 kV
≥ ±200 V
Moisture Sensitivity
(Note 2)
MSL3
Package Thermal Resistance − Still−air
Junction−to−Ambient, R
qJA
Junction−to−Exposed Pad, R
YJPAD
(Note 4)
(Note 5)
95
°C/W
46
°C/W
3.2
°C/W
2. See or download ON Semiconductor’s Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
3. With GND & VSS pins tied together − path between drain feedback pins and GND, or between drain feedback pins.
4. Based on JESD51−3, 1.2 mm thick FR4, 2S0P PCB, 2 oz. signal, 20 thermal vias to 400 mm2 spreader on bottom layer.
5. Based on JESD51−7, 1.2 mm thick FR4, 1S2P PCB, 2 oz. signal, 20 thermal vias to 80 x 80 mm 1 oz. internal spreader planes.
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
MIN
MAX
Unit
VLOAD
Diagnostic References and Currents Power Supply Voltage
7.5
36.0
V
VDRNX
Drain Input Feedback Voltage
−0.3
60
V
VCC1
Main Power Supply Voltage
4.75
5.25
V
VCC2
Gate Drivers Power Supply Voltage
VCC1 − 0.3
VCC1 + 0.3
V
VDD
Serial Output Driver Power Supply Voltage
3.0
VCC1
V
VFLTREF
Fault Detect Threshold Reference Voltage
0.35
2.75
V
VIN High
Logic High Input Voltage
2.0
VCC1
V
VIN Low
Logic Low Input Voltage
0
0.8
V
TA
Ambient Still−air Operating Temperature
−40
125
°C
tRESET
Startup Delay at Power−on Reset (POR) (Note 6)
500
ms
Functional operation above the stresses listed in the Recommended Operating Ranges is not implied. Extended exposure to stresses beyond
the Recommended Operating Ranges limits may affect device reliability.
6. Minimum wait time until device is ready to accept serial input data.


Similar Part No. - NCV7519

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV7510 ONSEMI-NCV7510 Datasheet
160Kb / 22P
   FlexMOS Programmable Peak and Hold PWM MOSFET Predriver
January, 2005 ??Rev. 0
NCV7510DW ONSEMI-NCV7510DW Datasheet
160Kb / 22P
   FlexMOS Programmable Peak and Hold PWM MOSFET Predriver
January, 2005 ??Rev. 0
NCV7510DWR2 ONSEMI-NCV7510DWR2 Datasheet
160Kb / 22P
   FlexMOS Programmable Peak and Hold PWM MOSFET Predriver
January, 2005 ??Rev. 0
NCV7512 ONSEMI-NCV7512 Datasheet
268Kb / 25P
   FLEXMOS Quad Low-Side Pre-Driver
December, 2008 ??Rev. 2
NCV7512FTG ONSEMI-NCV7512FTG Datasheet
268Kb / 25P
   FLEXMOS Quad Low-Side Pre-Driver
December, 2008 ??Rev. 2
More results

Similar Description - NCV7519

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV7517B ONSEMI-NCV7517B Datasheet
265Kb / 23P
   MOSFET Pre-Driver
July, 2009 ??Rev. 0
NCV7520 ONSEMI-NCV7520 Datasheet
460Kb / 38P
   Hex Low-side MOSFET Pre-driver
October, 2017 ??Rev. 0
NCV7513B ONSEMI-NCV7513B_16 Datasheet
187Kb / 24P
   Hex Low-Side MOSFET Pre-Driver
June, 2016 ??Rev. 2
NCV7517B ONSEMI-NCV7517B_16 Datasheet
187Kb / 24P
   Hex Low-Side MOSFET Pre-Driver
June, 2016 ??Rev. 2
NCV7513A ONSEMI-NCV7513A Datasheet
274Kb / 23P
   FLEXMOS Hex Low-Side MOSFET Pre-Driver
March, 2009 ??Rev. 1
NCV7518 ONSEMI-NCV7518_V01 Datasheet
590Kb / 38P
   FLEXMOS Hex Low‐side MOSFET Pre‐driver
October, 2016 - Rev. 3
NCV7513BFTR2G ONSEMI-NCV7513BFTR2G Datasheet
264Kb / 23P
   FLEXMOS Hex Low-Side MOSFET Pre-Driver
July, 2010 ??Rev. 0
NCV7517 ONSEMI-NCV7517 Datasheet
274Kb / 23P
   FLEXMOS Hex Low-Side MOSFET Pre-Driver
March, 2009 ??Rev. 1
LV8726TA ONSEMI-LV8726TA Datasheet
1Mb / 40P
   Stepper Motor Pre-Driver
October 2015- Rev. 0
logo
Winbond
W83391TS WINBOND-W83391TS Datasheet
332Kb / 9P
   DC Fan Pre-Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com