Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV5652MUTWG Datasheet(PDF) 10 Page - ON Semiconductor

Part # NCV5652MUTWG
Description  Dual Power Operational Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV5652MUTWG Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NCV5652MUTWG Datasheet HTML 5Page - ON Semiconductor NCV5652MUTWG Datasheet HTML 6Page - ON Semiconductor NCV5652MUTWG Datasheet HTML 7Page - ON Semiconductor NCV5652MUTWG Datasheet HTML 8Page - ON Semiconductor NCV5652MUTWG Datasheet HTML 9Page - ON Semiconductor NCV5652MUTWG Datasheet HTML 10Page - ON Semiconductor NCV5652MUTWG Datasheet HTML 11Page - ON Semiconductor NCV5652MUTWG Datasheet HTML 12Page - ON Semiconductor NCV5652MUTWG Datasheet HTML 13Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
NCS5652, NCV5652
www.onsemi.com
10
application using a 1200 mm2 one ounce copper PCB. The
microcontroller disables the outputs 1ms after detecting the
thermal shutdown. Note that at −40
°C thermal shutdown
does not happen. Again the ISC−HOLD parameter will vary
with temperature and PCB characteristics.
It is possible that a short from low to high can disable the
outputs and not cause a thermal shutdown. When the short
is pulled significantly higher than VCC (8−9 V), the
high−side NPN protection circuit will be activated. This
protection circuitry will turn off the current source providing
the drive current to the output stage. This results in a very
short ISC−PK pulse and then disables the output. The output
is disabled until the short is removed.
Output short to ground
When possible, it is recommended that the application use
current limiting resistors to limit the output current to 1 A
maximum when shorted to ground. This method helps
distribute the heat between the NCx5652 and the current
limiting resistors during normal operation and for a short to
ground condition. Say that Figure 22 application example
will have a 3 V maximum output with a full load of 300 mA.
The RILIM resistors of 27
W are chosen so the voltage drop
across them will be greater than 3 V at a full load of 300 mA.
(VC1 = VC2 = 12 V – VD1− (RILIM * 300 mA) = 3.2 V).
Worst case is the voltage across RILIM will be
∼ 11.3 V. So
maximum current = 11.3 V / 27
W ∼ 420 mA.
If the power dissipation exceeds the thermal shutdown
limit, the thermal shutdown circuit will disable the outputs.
As discussed with the low to high short above, the
microcontroller should disable the outputs within 5 ms and
not enable them again for 5 seconds.
Figure 22. NCx5652 Application Diagram
Thermal
Detection
1
2
4
5
3
12
11
7
8
VCC
+
10
9
VCC
6
Class
AB
Bias
VCC
VCC
+
Class
AB
Bias
VCC
EN
EN
EN
Exposed
Pad (13)
5 V
Load 1
500 mA
Max
Load 2
500 mA
Max
VC1
VC2
*Optional
0 to 3.8 V Input
To microcontroller
From microcontroller
NCx5652
0 to 3.8 V Input
5 V
D1
12 V
VC1
RILIM
VC2
RILIM
27
W
27
W
10 K
W
1
mF
1
mF
0.1
mF
1
mF
0.1
mF
10 K
W
10 K
W


Similar Part No. - NCV5652MUTWG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV565 ONSEMI-NCV565 Datasheet
180Kb / 17P
   1.5 A Low Dropout Linear Regulator
November, 2010 ??Rev. 15
NCV565D2TG ONSEMI-NCV565D2TG Datasheet
135Kb / 16P
   1.5 A Low Dropout Linear Regulator
February, 2007 ??Rev. 12
NCV565D2TR4G ONSEMI-NCV565D2TR4G Datasheet
135Kb / 16P
   1.5 A Low Dropout Linear Regulator
February, 2007 ??Rev. 12
More results

Similar Description - NCV5652MUTWG

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
L272 FAIRCHILD-L272 Datasheet
78Kb / 10P
   Dual Power Operational Amplifier
logo
Sanyo Semicon Device
LA6510_0611 SANYO-LA6510_0611 Datasheet
201Kb / 6P
   Dual Power Operational Amplifier
logo
Samsung semiconductor
KA9256 SAMSUNG-KA9256 Datasheet
80Kb / 2P
   DUAL POWER OPERATIONAL AMPLIFIER
logo
STMicroelectronics
LM272M STMICROELECTRONICS-LM272M Datasheet
111Kb / 10P
   DUAL POWER OPERATIONAL AMPLIFIER
January 1995
logo
Siemens Semiconductor G...
TCA2465 SIEMENS-TCA2465 Datasheet
283Kb / 26P
   Dual Power Operational Amplifier
logo
Fairchild Semiconductor
KA334 FAIRCHILD-KA334 Datasheet
36Kb / 8P
   Dual Power Operational Amplifier
logo
Toshiba Semiconductor
TA8406P TOSHIBA-TA8406P Datasheet
260Kb / 7P
   DUAL POWER OPERATIONAL AMPLIFIER
TA8410P TOSHIBA-TA8410P Datasheet
281Kb / 8P
   DUAL POWER OPERATIONAL AMPLIFIER
TA8464K TOSHIBA-TA8464K Datasheet
202Kb / 5P
   DUAL POWER OPERATIONAL AMPLIFIER
logo
Motorola, Inc
TCA0372 MOTOROLA-TCA0372 Datasheet
158Kb / 8P
   Dual Power Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com