Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NXRT15WB473FA3A016 Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # NXRT15WB473FA3A016
Description  the variation per hour of this product is stable few
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

NXRT15WB473FA3A016 Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  NXRT15WB473FA3A016 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. NXRT15WB473FA3A016 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. NXRT15WB473FA3A016 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product Search Data Sheet
NXRT15WB473FA3A016
Appearance & Shape
Applications
Other Usage
1. For temperature detection of a rechargeable battery pack
2. For temperature detection of a charge circuit
Packaging Information
Packaging
Specifications
Minimum
Order Quantity
A016
Ammo Pack
2500
Features
1. High accuracy and high sensibility temperature sensing is
available by the high accuracy NTC Thermistor.
2. This product is compatible with 1005 (1.0mm * 0.5mm) size NTC
Thermistor.
3. The variation per hour of this product is stable few.
4. This product is produced with the automation line which was
consistent from a lead to packing so that the product of uniform
quality may be btained at low cost in large
quantities.
5. Since this product has strong lead intensity with original lead
mounting technique, it is bent at the time of use and can perform
processing etc. freely. Moreover, taping supply can also respond.
1 of 3
Atten ti o n
1.T his datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. T herefore, it’s specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.T his datasheet has only typical specifications because there is no space for detailed specifications.
T herefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : http://www.murata.com/
Last
updated 2015/12/10


Similar Part No. - NXRT15WB473FA3A016

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NXRT15WB473FA3A016 MURATA-NXRT15WB473FA3A016 Datasheet
215Kb / 3P
   NXR Thermistor
logo
Murata Manufacturing Co...
NXRT15WB473FA3A016 MURATA1-NXRT15WB473FA3A016 Datasheet
301Kb / 3P
   NTC for Temperature Sensor
11/30/2022
NXRT15WB473FA3A016 MURATA1-NXRT15WB473FA3A016 Datasheet
345Kb / 3P
   NTC for Temperature Sensor
01/17/2024
logo
Murata Manufacturing Co...
NXRT15WB473FA3A016 MURATA-NXRT15WB473FA3A016_17 Datasheet
215Kb / 3P
   NXR Thermistor
logo
Murata Manufacturing Co...
NXRT15WB473FA3A016 MURATA1-NXRT15WB473FA3A016_V01 Datasheet
301Kb / 3P
   NTC for Temperature Sensor
11/30/2022
More results

Similar Description - NXRT15WB473FA3A016

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NXRT15XV502FA3A016 MURATA-NXRT15XV502FA3A016 Datasheet
197Kb / 3P
   the variation per hour of this product is stable few
NXRT15XH103FA3A016 MURATA-NXRT15XH103FA3A016 Datasheet
196Kb / 3P
   the variation per hour of this product is stable few
NXRT15XV103FA3A016 MURATA-NXRT15XV103FA3A016 Datasheet
197Kb / 3P
   the variation per hour of this product is stable few
NXRS15XM202EA3A016 MURATA-NXRS15XM202EA3A016 Datasheet
195Kb / 3P
   the variation per hour of this product is stable few
NXRT15WF104FA3A016 MURATA-NXRT15WF104FA3A016 Datasheet
198Kb / 3P
   the variation per hour of this product is stable few
NXRS15WF104FA3A016 MURATA-NXRS15WF104FA3A016 Datasheet
197Kb / 3P
   the variation per hour of this product is stable few
NXRS15XV502FA3A016 MURATA-NXRS15XV502FA3A016 Datasheet
197Kb / 3P
   the variation per hour of this product is stable few
NXRT15XM202EA3A016 MURATA-NXRT15XM202EA3A016 Datasheet
197Kb / 3P
   the variation per hour of this product is stable few
NXRS15XH103FA3A016 MURATA-NXRS15XH103FA3A016 Datasheet
197Kb / 3P
   the variation per hour of this product is stable few
NXRS15XV103FA3A016 MURATA-NXRS15XV103FA3A016 Datasheet
197Kb / 3P
   the variation per hour of this product is stable few
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com