Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1301460127 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 1301460127
Description  Watertite Receptacle with Single Flip Coverplate, 2 Pole/3 Wire
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

1301460127 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  1301460127 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 09/14/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
1301460127
Status:
Active
Overview:
Watertite® Wet-Location Wiring Solutions
Description:
Watertite® Receptacle with Single Flip Coverplate, 2 Pole/3 Wire, NEMA 7-15, 277V
Documents:
RoHS Certificate of Compliance (PDF)
Product Literature (PDF)
Agency Certification
CSA
LR6837
UL
E68122
General
Product Family
Wiring Devices
Series
130146
IP Rating
IP67
NEMA Configuration
NEMA 7-15
Overview
Watertite® Wet-Location Wiring Solutions
Product Literature Order No
987650-8067
Product Name
Watertite®
Receptacle Type
Single
Specialty
N/A
Type
Receptacle
UPC
78678871404
Woodhead
Yes
Physical
Cord Grip Body Size
N/A
Flange
No
Flip Lid
Yes
Gender
Female
Length
N/A
Locking Blade
No
Poles
2-pole/3-wire
Electrical
Cord Type
N/A
Current - Maximum per Contact
15.0A
GFCI
No
Lighted Connector
No
Voltage - Maximum
277V
Material Info
Old Part Number
60W34
Series image - Reference only
EU ELV
Not Reviewed
EU RoHS
China RoHS
Not Reviewed
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Not Reviewed
ELV
Not Reviewed
Search Parts in this Series
130146 Series
This document was generated on 09/14/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 1301460127

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1301460120 MOLEX11-1301460120 Datasheet
42Kb / 1P
   Watertite Receptacle with Duplex Flip Coverplates, 2 Pole/2 Wire
1301460121 MOLEX11-1301460121 Datasheet
38Kb / 1P
   Watertite Female Receptacle with Single Flip Coverplate, 3 Pole/3 Wire
1301460122 MOLEX11-1301460122 Datasheet
41Kb / 1P
   Watertite Receptacle with Duplex Flip Coverplate, 3 Pole/3 Wire
1301460125 MOLEX11-1301460125 Datasheet
44Kb / 1P
   Watertite Duplex Receptacle with Flip Coverplate, 2 Pole/3 Wire
1301460128 MOLEX11-1301460128 Datasheet
44Kb / 1P
   Watertite Receptacle with Duplex Flip Coverplate, 2 Pole/3 Wire
More results

Similar Description - 1301460127

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1301460129 MOLEX11-1301460129 Datasheet
38Kb / 1P
   Watertite Receptacle with Single Flip Coverplate, 2 Pole/3 Wire
1301460137 MOLEX11-1301460137 Datasheet
37Kb / 1P
   Watertite Receptacle with Single Flip Coverplate, 2 Pole/3 Wire
130146-0117 MOLEX11-130146-0117 Datasheet
49Kb / 1P
   Watertite Male Receptacle with Single Flip Coverplate, 2 Pole/3 Wire
1301460119 MOLEX11-1301460119 Datasheet
38Kb / 1P
   Watertite Receptacle with Single Flip Coverplate, 2 Pole/2 Wire
1301460118 MOLEX11-1301460118 Datasheet
36Kb / 1P
   Watertite Male Receptacle with Flip Coverplate, 2 Pole/3 Wire
1301460128 MOLEX11-1301460128 Datasheet
44Kb / 1P
   Watertite Receptacle with Duplex Flip Coverplate, 2 Pole/3 Wire
1301460115 MOLEX11-1301460115 Datasheet
40Kb / 1P
   Watertite Flip Coverplate with Male Receptacle, 2 Pole/3 Wire
1301460125 MOLEX11-1301460125 Datasheet
44Kb / 1P
   Watertite Duplex Receptacle with Flip Coverplate, 2 Pole/3 Wire
1301470127 MOLEX11-1301470127 Datasheet
40Kb / 1P
   Watertite Flip Coverplate with Male Receptacle, 2 Pole/3 Wire
1301460114 MOLEX11-1301460114 Datasheet
40Kb / 1P
   Watertite Male Receptacle with Single Flip Coverplate, 3 Pole/3 Wire
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com