Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GBU8005 Datasheet(PDF) 1 Page - GOOD-ARK Electronics

Part # GBU8005
Description  Glass Passivated Single-Phase Bridge Rectifiers Voltage Range 50 to 1000 Volts Forward Current 8.0 Amperes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

GBU8005 Datasheet(HTML) 1 Page - GOOD-ARK Electronics

  GBU8005_15 Datasheet HTML 1Page - GOOD-ARK Electronics GBU8005_15 Datasheet HTML 2Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
630
s
e
r
u
t
a
e
F
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
l
a
c
i
r
t
c
e
l
E
d
n
a
s
g
n
i
t
a
R
m
u
m
i
x
a
M
Rating at 25oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Surge overload rating - 200 Amperes peak
Ideal for printed circuit boards
Reliable low cost construction utilizing molded plastic technique
Plastic material has Underwriters Laboratory Flammability
Classification 94V-0
Mounting Position: Any
0
1
8
U
B
G
u
r
h
t
5
0
0
8
U
B
G
s
r
e
i
f
i
t
c
e
R
e
g
d
i
r
B
e
s
a
h
P
-
e
l
g
n
i
S
d
e
t
a
v
i
s
s
a
P
s
s
a
l
G
s
e
r
e
p
m
A
0
.
8
t
n
e
r
r
u
C
d
r
a
w
r
o
F
s
t
l
o
V
0
0
0
1
o
t
0
5
e
g
n
a
R
e
g
a
t
l
o
V
r
e
t
e
m
a
r
a
Ps
l
o
b
m
y
S5
0
0
8
U
B
G1
0
8
U
B
G2
0
8
U
B
G4
0
8
U
B
G6
0
8
U
B
G8
0
8
U
B
G0
1
8
U
B
Gs
t
i
n
U
e
g
a
t
l
o
v
e
s
r
e
v
e
r
k
a
e
p
t
n
e
r
r
u
c
e
r
m
u
m
i
x
a
MV
M
R
R
0
50
0
10
0
20
0
40
0
60
0
80
0
0
1s
t
l
o
V
e
g
a
t
l
o
v
S
M
R
m
u
m
i
x
a
MV
S
M
R
5
30
70
4
10
8
20
2
40
6
50
0
7s
t
l
o
V
e
g
a
t
l
o
v
g
n
i
k
c
o
l
b
C
D
m
u
m
i
x
a
MV
C
D
0
50
0
10
0
20
0
40
0
60
0
80
0
0
1s
t
l
o
V
)
2
e
t
o
N
k
n
i
s
t
a
e
h
h
t
i
w
(
d
r
a
w
r
o
f
e
g
a
r
e
v
a
m
u
m
i
x
a
M
T
@
t
n
e
r
r
u
c
t
u
p
t
u
o
d
e
i
f
i
t
c
e
r
C
0
0
1
=
o
)
k
n
i
s
t
a
e
h
t
u
o
h
t
i
w
(
C
I
)
V
A
(
F
0
.
8
2
.
3
s
p
m
A
e
v
a
w
-
e
n
i
s
f
l
a
h
e
l
g
n
i
s
s
m
3
.
8
,
t
n
e
r
r
u
c
e
g
r
u
s
d
r
a
w
r
o
f
k
a
e
P
d
o
h
t
e
M
C
E
D
E
J
(
d
a
o
l
d
e
t
a
r
n
o
d
e
s
o
p
m
i
r
e
p
u
s)
I
M
S
F
0
.
0
0
2s
p
m
A
C
D
A
0
.
4
t
a
p
o
r
d
e
g
a
t
l
o
v
d
r
a
w
r
o
f
s
u
o
e
n
a
t
n
a
t
s
n
i
.
x
a
MV
F
0
.
1t
l
o
V
T
@
t
n
e
r
r
u
c
e
s
r
e
v
e
r
C
D
m
u
m
i
x
a
M
J
5
2
=
oC
T
@
t
n
e
m
e
l
e
r
e
p
e
g
a
t
l
o
v
g
n
i
k
c
o
l
b
C
D
d
e
t
a
r
t
a
J
5
2
1
=
oC
I
R
0
.
5
0
.
0
0
5
uA
)
s
m
3
.
8
<
t
(
g
n
i
s
u
f
r
o
f
g
n
i
t
a
RI2t6
6
1A2
c
e
s
)
1
e
t
o
N
(
t
n
e
m
e
l
e
r
e
p
e
c
n
a
t
i
c
a
p
a
c
n
o
i
t
c
n
u
j
l
a
c
i
p
y
TC
J
0
6
pF
)
2
e
t
o
N
(
e
c
n
a
t
s
i
s
e
r
l
a
m
r
e
h
t
l
a
c
i
p
y
TRθ
C
J
2
.
2
o
W
/
C
e
g
n
a
r
e
r
u
t
a
r
e
p
m
e
t
g
n
i
t
a
r
e
p
OT
J
0
5
1
+
o
t
5
5
-
oC
e
g
n
a
r
e
r
u
t
a
r
e
p
m
e
t
e
g
a
r
o
t
ST
G
T
S
0
5
1
+
o
t
5
5
-
oC
Notes:
1. Measured at 1.0MHz and applied reverse voltage of 4.0V DC
2. Device mounted on 100mm x 100mm x 1.6mm Cu plate heatsink


Similar Part No. - GBU8005_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
GBU8005 DIODES-GBU8005_15 Datasheet
72Kb / 3P
   8.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
SeCoS Halbleitertechnol...
GBU8005 SECOS-GBU8005_15 Datasheet
268Kb / 2P
   8.0Amp Glass Passivated Bridge Rectifiers
More results

Similar Description - GBU8005_15

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
KBJ8A GOOD-ARK-KBJ8A_15 Datasheet
755Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifiers Voltage Range 50 to 1000 Volts Forward Current 8.0 Amperes
KBPC8 GOOD-ARK-KBPC8_15 Datasheet
616Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifiers Voltage Range 50 to 1000 Volts Forward Current 8.0 Amperes
GBU8A GOOD-ARK-GBU8A Datasheet
180Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 8.0 Amperes
GBU8A GOOD-ARK-GBU8A_15 Datasheet
181Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 8.0 Amperes
GBJ8A GOOD-ARK-GBJ8A_15 Datasheet
135Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 8.0 Amperes
GBU6005 GOOD-ARK-GBU6005_15 Datasheet
755Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifiers Voltage Range 50 to 1000 Volts Forward Current 6.0 Amperes
GBU4005 GOOD-ARK-GBU4005_15 Datasheet
841Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifiers Voltage Range 50 to 1000 Volts Forward Current 4.0 Amperes
GBJ2A GOOD-ARK-GBJ2A_15 Datasheet
736Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifiers Voltage Range 50 to 1000 Volts Forward Current 2.0 Amperes
KBP005 GOOD-ARK-KBP005_15 Datasheet
708Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifiers Voltage Range 50 to 1000 Volts Forward Current 2.0 Amperes
KBPC6 GOOD-ARK-KBPC6_15 Datasheet
698Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifiers Voltage Range 50 to 1000 Volts Forward Current 6.0 Amperes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com