Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NB3N121KMNR2G Datasheet(PDF) 9 Page - ON Semiconductor

Part # NB3N121KMNR2G
Description  Differential 1:21 Fanout Clock
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB3N121KMNR2G Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NB3N121KMNR2G Datasheet HTML 3Page - ON Semiconductor NB3N121KMNR2G Datasheet HTML 4Page - ON Semiconductor NB3N121KMNR2G Datasheet HTML 5Page - ON Semiconductor NB3N121KMNR2G Datasheet HTML 6Page - ON Semiconductor NB3N121KMNR2G Datasheet HTML 7Page - ON Semiconductor NB3N121KMNR2G Datasheet HTML 8Page - ON Semiconductor NB3N121KMNR2G Datasheet HTML 9Page - ON Semiconductor NB3N121KMNR2G Datasheet HTML 10Page - ON Semiconductor NB3N121KMNR2G Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
NB3N121K
http://onsemi.com
9
50 W*
VTCLK = VTCLK = GND
HCSL
Driver
Z0 = 50 W
Z0 = 50 W
VCC = 3.3 V
GND
GND
50 W*
VTCLK
VTCLK
Figure 9. Standard 50 W Load HCSL Interface
*RTIN, Internal Input Termination Resistor
NB3N121K
GND
50 W*
VTCLK = OPEN
LVCMOS/
LVTTL
Driver
Z0 = 50 W
VCC = 3.3 V / 2.5 V / 1.8 V
VCC = 3.3 V
GND
GND
50 W*
VTCLK
VTCLK
*RTIN, Internal Input Termination Resistor
NB3N121K
Figure 10. LVCMOS/LVTTL Interface
CLK = Vth
Vth
VTCLK = OPEN
CLK
CLK
VCC = 3.3 V / 2.5 V / 1.8 V
CLK
CLK
Figure 11. HCSL Interface Termination to LVDS
NB3N121K
Device
LVDS
Device
Qx
Qx
Zo = 50 W
Zo = 50 W
RL = 150 W
RL = 150 W
100 W
100 W
RREF
IREF
Figure 12. Simplified HCSL Output Structure
RREF
RL1
RL2
Qx
Qx
IREF
2.63 mA
475 W
50 W
50 W
14.2 mA


Similar Part No. - NB3N121KMNR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB3N1200K ONSEMI-NB3N1200K Datasheet
230Kb / 26P
   Differential 1:12 HCSL or Push-Pull Clock ZDB/Fanout Buffer for PCle
August, 2013 ??Rev. 0
NB3N1200K ONSEMI-NB3N1200K Datasheet
180Kb / 26P
   Differential 1:12 HCSL or Push-Pull Clock ZDB/Fanout Buffer for PCle
July, 2016 ??Rev. 1
NB3N1200K ONSEMI-NB3N1200K Datasheet
181Kb / 26P
   Differential 1:12 HCSL Push-Pull Clock ZDB/Fanout Buffer for PCle
July, 2017 ??Rev. 3
NB3N1200KMNG ONSEMI-NB3N1200KMNG Datasheet
230Kb / 26P
   Differential 1:12 HCSL or Push-Pull Clock ZDB/Fanout Buffer for PCle
August, 2013 ??Rev. 0
NB3N1200KMNG ONSEMI-NB3N1200KMNG Datasheet
180Kb / 26P
   Differential 1:12 HCSL or Push-Pull Clock ZDB/Fanout Buffer for PCle
July, 2016 ??Rev. 1
More results

Similar Description - NB3N121KMNR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB4N121KMNGEVB ONSEMI-NB4N121KMNGEVB Datasheet
151Kb / 9P
   3.3V Differential 1:21 Differential Fanout Clock Driver with HCSL level Output
April, 2012 ??Rev. 6
NB4N121K ONSEMI-NB4N121K Datasheet
107Kb / 10P
   3.3V Differential In 1:21 Differential Fanout Clock Driver with HCSL level Output
June, 2007 - Rev. 0
logo
Renesas Technology Corp
851021 RENESAS-851021 Datasheet
597Kb / 19P
   1-to-21, Differential HCSL Fanout Buffer
11/03/15
logo
ON Semiconductor
NB3N106K ONSEMI-NB3N106K Datasheet
158Kb / 10P
   Differential 1:6 Fanout Clock Driver
April, 2012 ??Rev. 5
logo
Cypress Semiconductor
CY2DP314 CYPRESS-CY2DP314_05 Datasheet
229Kb / 10P
   1:4 Differential Clock/Data Fanout Buffer
logo
ON Semiconductor
NB3N111K ONSEMI-NB3N111K Datasheet
130Kb / 9P
   3.3V Differential 1:10 Fanout Clock Driver
April, 2012 ??Rev. 5
logo
Cypress Semiconductor
CY2DP3120 CYPRESS-CY2DP3120 Datasheet
193Kb / 9P
   1:20 Differential Clock/Data Fanout Buffer
CY2PP3220 CYPRESS-CY2PP3220 Datasheet
190Kb / 9P
   Dual 1:10 Differential Clock / Data Fanout Buffer
logo
Potato Semiconductor Co...
PO100HSTL11A POTATO-PO100HSTL11A Datasheet
553Kb / 6P
   1 to 2 Differential Clock/Data Fanout Buffer
logo
Cypress Semiconductor
CY2PP3210 CYPRESS-CY2PP3210 Datasheet
275Kb / 9P
   Dual 1:5 Differential Clock / Data Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com