Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NB3N121KMNG Datasheet(PDF) 1 Page - ON Semiconductor

Part # NB3N121KMNG
Description  Differential 1:21 Fanout Clock
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB3N121KMNG Datasheet(HTML) 1 Page - ON Semiconductor

  NB3N121KMNG Datasheet HTML 1Page - ON Semiconductor NB3N121KMNG Datasheet HTML 2Page - ON Semiconductor NB3N121KMNG Datasheet HTML 3Page - ON Semiconductor NB3N121KMNG Datasheet HTML 4Page - ON Semiconductor NB3N121KMNG Datasheet HTML 5Page - ON Semiconductor NB3N121KMNG Datasheet HTML 6Page - ON Semiconductor NB3N121KMNG Datasheet HTML 7Page - ON Semiconductor NB3N121KMNG Datasheet HTML 8Page - ON Semiconductor NB3N121KMNG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
© Semiconductor Components Industries, LLC, 2012
March, 2012 − Rev. 1
1
Publication Order Number:
NB3N121K/D
NB3N121K
3.3V Differential 1:21
Fanout Clock and Data
Driver with HCSL Outputs
Description
The NB3N121K is a differential 1:21 Clock and Data fanout buffer
with High−speed Current Steering Logic (HCSL) outputs optimized
for ultra low propagation delay variation. The NB3N121K is designed
with HCSL PCI Express clock distribution and FBDIMM applications
in mind.
Inputs can directly accept differential LVPECL, HCSL, and LVDS
signals per Figures 7, 8, and 9. Single ended LVPECL, HCSL,
LVCMOS, or LVTTL levels are accepted with a proper external Vth
reference supply per Figures 4 and 10. Input pins incorporate separate
internal 50
W termination resistors allowing additional single ended
system interconnect flexibility.
Output drive current is set by connecting a 475
W resistor from
IREF (Pin 1) to GND per Figure 6. Outputs can also interface to
LVDS receivers when terminated per Figure 11.
The NB3N121K specifically guarantees low output–to–output
skew. Optimal design, layout, and processing minimize skew within a
device and from device to device. System designers can take
advantage of the NB3N121K’s performance to distribute low skew
clocks across the backplane or the motherboard.
Features
Typical Input Clock Frequency 100, 133, 166, 200, 266, 333 and
400 MHz
340 ps Typical Rise and Fall Times
800 ps Typical Propagation Delay
100 ps Max Within Device Skew
150 ps Max Device−to−Device Skew
Dtpd 100 ps Maximum Propagation Delay Variation Per Each
Differential Pair
0.1 ps Typical RMS Additive Phase Jitter
LVDS Output Levels Optional with Interface Termination
Operating Range: VCC = 3.0 V to 3.6 V with GND = 0 V
Typical HCSL Output Level (700 mV Peak−to−Peak)
These are Pb−Free Devices
Applications
Clock Distribution
PCIe I, II, III
Networking
High End Computing
Routers
End Products
Servers
FBDIMM Memory Card
A
= Assembly Site
WL
= Wafer Lot
YY
= Year
WW
= Work Week
G
= Pb−Free Package
*For additional marking information, refer to
Application Note AND8002/D.
QFN−52
MN SUFFIX
CASE 485M
MARKING DIAGRAM*
http://onsemi.com
NB3N
121K
AWLYYWWG
1
52
Figure 1. Simplified Logic Diagram
Q0
Q0
Q1
Q1
Q19
Q19
Q20
Q20
CLK
CLK
VCC
GND
RREF
IREF
See detailed ordering and shipping information in the package
dimensions section on page 10 of this data sheet.
ORDERING INFORMATION
VTCLK
VTCLK
152


Similar Part No. - NB3N121KMNG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB3N1200K ONSEMI-NB3N1200K Datasheet
230Kb / 26P
   Differential 1:12 HCSL or Push-Pull Clock ZDB/Fanout Buffer for PCle
August, 2013 ??Rev. 0
NB3N1200K ONSEMI-NB3N1200K Datasheet
180Kb / 26P
   Differential 1:12 HCSL or Push-Pull Clock ZDB/Fanout Buffer for PCle
July, 2016 ??Rev. 1
NB3N1200K ONSEMI-NB3N1200K Datasheet
181Kb / 26P
   Differential 1:12 HCSL Push-Pull Clock ZDB/Fanout Buffer for PCle
July, 2017 ??Rev. 3
NB3N1200KMNG ONSEMI-NB3N1200KMNG Datasheet
230Kb / 26P
   Differential 1:12 HCSL or Push-Pull Clock ZDB/Fanout Buffer for PCle
August, 2013 ??Rev. 0
NB3N1200KMNG ONSEMI-NB3N1200KMNG Datasheet
180Kb / 26P
   Differential 1:12 HCSL or Push-Pull Clock ZDB/Fanout Buffer for PCle
July, 2016 ??Rev. 1
More results

Similar Description - NB3N121KMNG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB4N121KMNGEVB ONSEMI-NB4N121KMNGEVB Datasheet
151Kb / 9P
   3.3V Differential 1:21 Differential Fanout Clock Driver with HCSL level Output
April, 2012 ??Rev. 6
NB4N121K ONSEMI-NB4N121K Datasheet
107Kb / 10P
   3.3V Differential In 1:21 Differential Fanout Clock Driver with HCSL level Output
June, 2007 - Rev. 0
logo
Renesas Technology Corp
851021 RENESAS-851021 Datasheet
597Kb / 19P
   1-to-21, Differential HCSL Fanout Buffer
11/03/15
logo
ON Semiconductor
NB3N106K ONSEMI-NB3N106K Datasheet
158Kb / 10P
   Differential 1:6 Fanout Clock Driver
April, 2012 ??Rev. 5
logo
Cypress Semiconductor
CY2DP314 CYPRESS-CY2DP314_05 Datasheet
229Kb / 10P
   1:4 Differential Clock/Data Fanout Buffer
logo
ON Semiconductor
NB3N111K ONSEMI-NB3N111K Datasheet
130Kb / 9P
   3.3V Differential 1:10 Fanout Clock Driver
April, 2012 ??Rev. 5
logo
Cypress Semiconductor
CY2DP3120 CYPRESS-CY2DP3120 Datasheet
193Kb / 9P
   1:20 Differential Clock/Data Fanout Buffer
CY2PP3220 CYPRESS-CY2PP3220 Datasheet
190Kb / 9P
   Dual 1:10 Differential Clock / Data Fanout Buffer
logo
Potato Semiconductor Co...
PO100HSTL11A POTATO-PO100HSTL11A Datasheet
553Kb / 6P
   1 to 2 Differential Clock/Data Fanout Buffer
logo
Cypress Semiconductor
CY2PP3210 CYPRESS-CY2PP3210 Datasheet
275Kb / 9P
   Dual 1:5 Differential Clock / Data Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com