Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NB3F8L3010CMNR4G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NB3F8L3010CMNR4G
Description  3:1:10 LVCMOS Fanout Buffer
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB3F8L3010CMNR4G Datasheet(HTML) 1 Page - ON Semiconductor

  NB3F8L3010CMNR4G Datasheet HTML 1Page - ON Semiconductor NB3F8L3010CMNR4G Datasheet HTML 2Page - ON Semiconductor NB3F8L3010CMNR4G Datasheet HTML 3Page - ON Semiconductor NB3F8L3010CMNR4G Datasheet HTML 4Page - ON Semiconductor NB3F8L3010CMNR4G Datasheet HTML 5Page - ON Semiconductor NB3F8L3010CMNR4G Datasheet HTML 6Page - ON Semiconductor NB3F8L3010CMNR4G Datasheet HTML 7Page - ON Semiconductor NB3F8L3010CMNR4G Datasheet HTML 8Page - ON Semiconductor NB3F8L3010CMNR4G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
© Semiconductor Components Industries, LLC, 2015
September, 2015 − Rev. 6
1
Publication Order Number:
NB3F8L3010C/D
NB3F8L3010C
3.3V / 2.5V / 1.8V / 1.5V
3:1:10 LVCMOS Fanout Buffer
Description
The NB3F8L3010C is a 3:1:10 Clock / Data fanout buffer operating
on a 3.3 V / 2.5 V Core VDD and two flexible 3.3 V / 2.5 V / 1.8 V /
1.5 V VDDOn supplies which must be equal or less than VDD.
A Mux selects between a Crystal input, or either of two
differential/SE Clock / Data inputs. Differential Inputs accept
LVPECL, LVDS, HCSL, or SSTL and Single−Ended levels. The
MUX control lines, SEL0 and SEL1, select CLK0/CLK0,
CLK1/CLK1, or Crystal input pins per Table 3. The Crystal input is
disabled when a Clock input is selected. Output enable pin, OE,
synchronously forces a High Impedance state (HZ) when Low per
Table 4.
Outputs consist of 10 single−ended LVCMOS outputs.
Features
Ten CMOS / LVTTL Outputs up to 200 MHz
Differential Inputs Accept LVPECL, LVDS, HCSL, or SSTL
Crystal Oscillator Interface
Crystal Input Frequency Range: 10 MHz to 50 MHz
Output Skew: 10 ps Typical
Additive RMS Phase Jitter @ 125 MHz, (12 kHz – 20 MHz): 0.03 ps
(Typical)
Synchronous Output Enable
Output Defined Level When Input is Floating
Power Supply Modes:
Single 3.3 V
Single 2.5 V
Mixed 3.3 V
± 5% Core/2.5 V ± 5% Output Operating Supply
Mixed 3.3 V
± 5% Core/1.8 V ± 0.2 V Output Operating Supply
Mixed 3.3 V
± 5% Core/1.5 V ± 0.15 V Output Operating Supply
Mixed 2.5 V
± 5% Core/ 1.8 V ± 0.2 V Output Operating Supply
Mixed 2.5 V
± 5% Core /1.5 V ± 0.15 V Output Operating Supply
Two Separate Output Bank Power Supplies
Industrial temp. range -40°C to 85°C
These are Pb−Free Devices
Applications
Clock Distribution
Networking and Communications
High End Computing
Wireless and Wired Infrastructure
End Products
Servers
Ethernet Switch/Routers
ATE
Test and Measurement
MARKING
DIAGRAM
QFN32
G SUFFIX
CASE 488AM
www.onsemi.com
See detailed ordering and shipping information page 12 of this
data sheet.
ORDERING INFORMATION
A
= Assembly Location
WL
= Wafer Lot
YY
= Year
WW
= Work Week
G
= Pb−Free Package
32
1
NB3F8L
3010C
AWLYYWWG
1


Similar Part No. - NB3F8L3010CMNR4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB3F8L3010CMNR4G ONSEMI-NB3F8L3010CMNR4G Datasheet
113Kb / 13P
   3:1:10 LVCMOS Fanout Buffer
May, 2016 ??Rev. 7
More results

Similar Description - NB3F8L3010CMNR4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB3F8L3010C ONSEMI-NB3F8L3010C_16 Datasheet
113Kb / 13P
   3:1:10 LVCMOS Fanout Buffer
May, 2016 ??Rev. 7
logo
Motorola, Inc
MPC9120 MOTOROLA-MPC9120 Datasheet
93Kb / 6P
   1:10 LVCMOS FANOUT BUFFER
logo
ON Semiconductor
NB3F8L3005C ONSEMI-NB3F8L3005C Datasheet
116Kb / 13P
   1:5 LVCMOS Fanout Buffer
October, 2013 ??Rev. 0
logo
Motorola, Inc
MPC9140 MOTOROLA-MPC9140 Datasheet
105Kb / 6P
   1:18 LVCMOS FANOUT BUFFER
logo
Asahi Kasei Microsystem...
AK8180D AKM-AK8180D Datasheet
832Kb / 12P
   2.5V, 3.3V LVCMOS 1:10 Clock Fanout Buffer
AK8180A AKM-AK8180A Datasheet
580Kb / 12P
   2.5V, 3.3V LVCMOS 1:10 Clock Fanout Buffer
logo
ON Semiconductor
NB3F8L3005C ONSEMI-NB3F8L3005C_15 Datasheet
118Kb / 13P
   2:1:5 LVCMOS Fanout Buffer
April, 2015 ??Rev. 1
logo
Integrated Device Techn...
87946I-147 IDT-87946I-147 Datasheet
211Kb / 14P
   1-to-10 Low Skew, LVCMOS/LVTTL Fanout Buffer
83905I IDT-83905I Datasheet
498Kb / 21P
   LVCMOS/ LVTTL Fanout Buffer
8302 IDT-8302 Datasheet
102Kb / 10P
   LVCMOS / LVTTL Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com