Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMDF4207 Datasheet(PDF) 4 Page - ON Semiconductor

Part # MMDF4207
Description  Dual P-Channel Field Effect Transistors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMDF4207 Datasheet(HTML) 4 Page - ON Semiconductor

  MMDF4207 Datasheet HTML 1Page - ON Semiconductor MMDF4207 Datasheet HTML 2Page - ON Semiconductor MMDF4207 Datasheet HTML 3Page - ON Semiconductor MMDF4207 Datasheet HTML 4Page - ON Semiconductor MMDF4207 Datasheet HTML 5Page - ON Semiconductor MMDF4207 Datasheet HTML 6Page - ON Semiconductor MMDF4207 Datasheet HTML 7Page - ON Semiconductor MMDF4207 Datasheet HTML 8Page - ON Semiconductor MMDF4207 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
MMDF4207
http://onsemi.com
4
TYPICAL ELECTRICAL CHARACTERISTICS
10 V
0
4
10
VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS)
Figure 1. On−Region Characteristics
02
0
6
10
VGS, GATE-TO-SOURCE VOLTAGE (VOLTS)
Figure 2. Transfer Characteristics
2
04
10
0
0.03
02
4
10
0.05
VGS, GATE-TO-SOURCE VOLTAGE (VOLTS)
Figure 3. On−Resistance versus
Gate−To−Source Voltage
ID, DRAIN CURRENT (AMPS)
Figure 4. On−Resistance versus Drain Current
and Gate Voltage
1.5
2.0
812
16
1
100
TJ, JUNCTION TEMPERATURE (°C)
Figure 5. On−Resistance Variation with
Temperature
VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS)
Figure 6. Drain−To−Source Leakage
Current versus Voltage
VDS ≥ 10 V
TJ = 125°C
25
°C
-55
°C
TJ = 25°C
VGS = 0 V
TJ = 25°C
ID = 5 A
VGS = 2.5 V
VGS = 2.5 V
ID = 5 A
3
68
4.5 V
-50
-25
0
25
50
75
100
125
150
TJ = 125°C
1.0
10
20
100
°C
0
0.2
0.4
1.2
0.6
1.0
1.4
1.6
2.0
2
6
2
8
0.02
0.02
0.03
0.04
0
0.5
0
0.1
0.04
0.01
8
25
°C
0.8
1.8
VGS = 10 V thru 1.5 V
TJ = 25°C
1.7 V
2.5 V
1
0
1000
4
0.5
2.5
1.5
0.05
8
1.6 V
1.5 V
4.5 V
2.1 V
1.8 V
1.9 V
4
0.01
6


Similar Part No. - MMDF4207

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMDF4C03HD MOTOROLA-MMDF4C03HD Datasheet
275Kb / 12P
   COMPLEMENTARY DUAL TMOS POWER FET 30 VOLTS
logo
ON Semiconductor
MMDF4C03HD ONSEMI-MMDF4C03HD Datasheet
368Kb / 16P
   Complementary SO??, Dual Power MOSFET
June, 2004 ??Rev. XXX
MMDF4C03HDR2 ONSEMI-MMDF4C03HDR2 Datasheet
368Kb / 16P
   Complementary SO??, Dual Power MOSFET
June, 2004 ??Rev. XXX
logo
Motorola, Inc
MMDF4N01HD MOTOROLA-MMDF4N01HD Datasheet
281Kb / 10P
   DUAL TMOS POWER MOSFET 4.0 AMPERES 20 VOLTS
logo
ON Semiconductor
MMDF4N01HD ONSEMI-MMDF4N01HD Datasheet
257Kb / 12P
   N?묬hannel Power MOSFET
June, 2004 ??Rev. XXX
More results

Similar Description - MMDF4207

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
J174 PHILIPS-J174 Datasheet
33Kb / 6P
   P-channel silicon field-effect transistors
April 1995
logo
New Jersey Semi-Conduct...
J174 NJSEMI-J174 Datasheet
80Kb / 1P
   P-channel silicon field-effect transistors
2N3993 NJSEMI-2N3993 Datasheet
136Kb / 1P
   P-CHANNEL JINCTION FIELD EFFECT TRANSISTORS
logo
NXP Semiconductors
PMBFJ174 PHILIPS-PMBFJ174 Datasheet
34Kb / 6P
   P-channel silicon field-effect transistors
April 1995
logo
Motorola, Inc
MGSF3441VT1 MOTOROLA-MGSF3441VT1 Datasheet
102Kb / 6P
   TMOS Single P-channel Field Effect Transistors
logo
New Jersey Semi-Conduct...
2N3329 NJSEMI-2N3329 Datasheet
86Kb / 1P
   P-CHANNEL SILICON JUNCTION FIELD-EFFECT TRANSISTORS
RFM5P12 NJSEMI-RFM5P12 Datasheet
88Kb / 2P
   P-Channel Enhancement-Mode Power Field-Effect Transistors
logo
GE Solid State
RFM10P12 GESS-RFM10P12 Datasheet
242Kb / 4P
   P-CHANNEL ENHANCEMENT - MODE POWER FIELD-EFFECT TRANSISTORS
logo
New Jersey Semi-Conduct...
RFP5P12 NJSEMI-RFP5P12 Datasheet
88Kb / 2P
   P-Channel Enhancement-Mode Power Field-Effect Transistors
logo
List of Unclassifed Man...
RFM6P08 ETC-RFM6P08 Datasheet
445Kb / 8P
   P CHANNEL ENHANCEMENT MODE POWER FIELD EFFECT TRANSISTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com