Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LV52207AXA Datasheet(PDF) 1 Page - ON Semiconductor

Part # LV52207AXA
Description  Dual channel LED Boost Driver
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LV52207AXA Datasheet(HTML) 1 Page - ON Semiconductor

  LV52207AXA Datasheet HTML 1Page - ON Semiconductor LV52207AXA Datasheet HTML 2Page - ON Semiconductor LV52207AXA Datasheet HTML 3Page - ON Semiconductor LV52207AXA Datasheet HTML 4Page - ON Semiconductor LV52207AXA Datasheet HTML 5Page - ON Semiconductor LV52207AXA Datasheet HTML 6Page - ON Semiconductor LV52207AXA Datasheet HTML 7Page - ON Semiconductor LV52207AXA Datasheet HTML 8Page - ON Semiconductor LV52207AXA Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1
Publication Order Number :
LV52207AXA/D
www.onsemi.com
© Semiconductor Components Industries, LLC, 2014
November 2014 - Rev. 1
ORDERING INFORMATION
See detailed ordering and shipping information on page 18 of this data sheet.
LV52207AXA
Overview
The LV52207AXA is a high voltage boost driver for LED drive with 2
channels adjustable constant current sources.
Feature
 Operating Voltage from 2.7V to 5.5V
 Integrated 40V MOSFET
 1-Wire 255 level digital and PWM dimming
 Supports CABC
 600kHz Switching Frequency
 37.5V OVP Threshold
Typical Applications
 LED Display Backlight Control
Fig1. 5x2 LED Application
Bi-CMOS LSI
Dual channel LED Boost Driver
with PWM and 1-Wire Dimming
WLP9, 1.31x1.31, 0.4mm pitch
(1.31mm x 1.31mm, Amax=0.625 mm)


Similar Part No. - LV52207AXA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LV52207NXA ONSEMI-LV52207NXA Datasheet
2Mb / 18P
   Dual channel LED Boost Driver
July, 2014
LV52207NXA-VH ONSEMI-LV52207NXA-VH Datasheet
2Mb / 18P
   Dual channel LED Boost Driver
July, 2014
LV52207NXB ONSEMI-LV52207NXB Datasheet
1Mb / 18P
   LED Boost Driver
November 2015- Rev. 1
LV52207NXB-VH ONSEMI-LV52207NXB-VH Datasheet
1Mb / 18P
   LED Boost Driver
November 2015- Rev. 1
LV52207XA ONSEMI-LV52207XA Datasheet
3Mb / 18P
   Dual channel LED Boost Driver with PWM and 1-Wire Dimming
June, 2014
More results

Similar Description - LV52207AXA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LV52207NXA ONSEMI-LV52207NXA Datasheet
2Mb / 18P
   Dual channel LED Boost Driver
July, 2014
logo
Skyworks Solutions Inc.
SKY82896 SKYWORKS-SKY82896 Datasheet
209Kb / 3P
   Three-Channel-Two-Channel Boost LED Driver
logo
Shenzhen Huazhimei Semi...
HM3348 HMSEMI-HM3348 Datasheet
607Kb / 9P
   Boost LED Driver
logo
Integrated Device Techn...
ZLED7025 IDT-ZLED7025 Datasheet
599Kb / 26P
   Boost LED Driver
logo
Renesas Technology Corp
ZSLS7025 RENESAS-ZSLS7025 Datasheet
769Kb / 27P
   Boost LED Driver
April 20, 2016
logo
Diodes Incorporated
AL8821 DIODES-AL8821_17 Datasheet
270Kb / 14P
   BOOST LED DRIVER
logo
ON Semiconductor
LV52204MT ONSEMI-LV52204MT Datasheet
445Kb / 16P
   LED Boost Driver
May, 2014
logo
List of Unclassifed Man...
ZSLS7025 ETC2-ZSLS7025 Datasheet
240Kb / 3P
   Boost LED Driver
logo
ON Semiconductor
LV52207NXB ONSEMI-LV52207NXB Datasheet
1Mb / 18P
   LED Boost Driver
November 2015- Rev. 1
logo
Microsemi Corporation
LX1744 MICROSEMI-LX1744 Datasheet
571Kb / 16P
   Dual Output Boost - LED Driver / LCD Bias
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com