Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LV3327PV Datasheet(PDF) 3 Page - ON Semiconductor

Part # LV3327PV
Description  Electronic Volume IC
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LV3327PV Datasheet(HTML) 3 Page - ON Semiconductor

  LV3327PV Datasheet HTML 1Page - ON Semiconductor LV3327PV Datasheet HTML 2Page - ON Semiconductor LV3327PV Datasheet HTML 3Page - ON Semiconductor LV3327PV Datasheet HTML 4Page - ON Semiconductor LV3327PV Datasheet HTML 5Page - ON Semiconductor LV3327PV Datasheet HTML 6Page - ON Semiconductor LV3327PV Datasheet HTML 7Page - ON Semiconductor LV3327PV Datasheet HTML 8Page - ON Semiconductor LV3327PV Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
LV3327PV
No.A1879-3/11
Pin Assignment
Block Diagram
PA
Lch MAIN
VOLUME
+10
-79.5dB,-
(0.5dB_step)
Lch
OUTPUT GAIN
0dB,+6dB
BIAS
VOLTAGE
CIRCUIT
MUTE
INMUTE
LSELO
LCT
LOUT
TEST
LOGIC
I
2C
INTERFACE
LOGIC
VDD
DATA
CLK
VSS
LVREF
RVREF
VREF
PA
Rch
OUTPUT GAIN
0dB,+6dB
MUTE
ROUT
Rch MAIN
VOLUME
+10
-79.5dB,-
(0.5dB_step)
INMUTE
RSELO
RCT
IN4
IN3
IN2
IN1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
LV3327PV
LCT
LSELO
IN1
IN2
IN3
IN4
RSELO
RCT
ROUT
VREF
VSS
CLK
DATA
VDD
TEST
LOUT
TOP VIEW


Similar Part No. - LV3327PV

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV3327PV SANYO-LV3327PV Datasheet
224Kb / 11P
   Electronic Volume IC
LV3327PV SANYO-LV3327PV Datasheet
201Kb / 11P
   Electronic Volume IC
LV3327PV SANYO-LV3327PV_12 Datasheet
201Kb / 11P
   Electronic Volume IC
More results

Similar Description - LV3327PV

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LV3319PM ONSEMI-LV3319PM Datasheet
281Kb / 26P
   Electronic Volume IC
June, 2013
logo
Sanyo Semicon Device
LV3327PV SANYO-LV3327PV_12 Datasheet
201Kb / 11P
   Electronic Volume IC
LV3327PV SANYO-LV3327PV Datasheet
224Kb / 11P
   Electronic Volume IC
logo
Princeton Technology Co...
PT2257 PTC-PT2257_08 Datasheet
296Kb / 16P
   Electronic Volume Controller IC
logo
Toshiba Semiconductor
TC9210P TOSHIBA-TC9210P Datasheet
325Kb / 9P
   ELECTRONIC VOLUME CONTROL IC
logo
Princeton Technology Co...
PT2254A PTC-PT2254A Datasheet
117Kb / 7P
   Electronic Volume Controller IC???
PT2256 PTC-PT2256 Datasheet
70Kb / 4P
   Electronic Volume Controller IC??????
PT2256 PTC-PT2256_07 Datasheet
394Kb / 21P
   Electronic Volume Controller IC
PT2257 PTC-PT2257_07 Datasheet
352Kb / 20P
   Electronic Volume Controller IC
PT2253B PTC-PT2253B Datasheet
130Kb / 7P
   Electronic Volume Controller IC?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com