Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LA1225MC Datasheet(PDF) 1 Page - ON Semiconductor

Part # LA1225MC
Description  FM IF Detector IC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LA1225MC Datasheet(HTML) 1 Page - ON Semiconductor

  LA1225MC Datasheet HTML 1Page - ON Semiconductor LA1225MC Datasheet HTML 2Page - ON Semiconductor LA1225MC Datasheet HTML 3Page - ON Semiconductor LA1225MC Datasheet HTML 4Page - ON Semiconductor LA1225MC Datasheet HTML 5Page - ON Semiconductor LA1225MC Datasheet HTML 6Page - ON Semiconductor LA1225MC Datasheet HTML 7Page - ON Semiconductor LA1225MC Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
41812 SY 20120411-S00004 No.A2052-1/8
http://onsemi.com
Semiconductor Components Industries, LLC, 2013
May, 2013
LA1225MC
Overview
The LA1225MC is a Low-voltage operation (1.8V or higher) FM IF detector IC for the electronic tuning system.
Features
• Low-voltage operation (1.8V or higher)
• Supports electronic tuning systems (provides built-in SD output and IF count output functions)
• FM detector circuit accepts an even wider input frequency range. (Supports the use of an external phase capacitor.)
• Miniature package: SOIC10
Functions
• IF amplifier
• Quadrature detector
• Signal meter
• SD
• IF buffer
Specifications
Maximum Ratings at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VCC max
9.0
V
Allowable power dissipation
Pd max
Ta
≤ 85°C
100
mW
Operating temperature
Topr
-20 to +85
°C
Storage temperature
Tstg
-55 to +150
°C
Operating Conditions at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Recommended supply voltage
VCC
3.0
V
Operating supply voltage range
VCC op
1.8 to 8.0
V
Ordering number : ENA2052
Monolithic Linear IC
FM IF Detector IC
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating
Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.


Similar Part No. - LA1225MC

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA1225MC SANYO-LA1225MC Datasheet
638Kb / 8P
   Monolithic Linear IC FM IF Detector IC
More results

Similar Description - LA1225MC

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA1225M SANYO-LA1225M_06 Datasheet
472Kb / 8P
   FM IF Detector IC
LA1225M SANYO-LA1225M Datasheet
55Kb / 8P
   FM IF Detector IC
LA1225MC SANYO-LA1225MC Datasheet
638Kb / 8P
   Monolithic Linear IC FM IF Detector IC
logo
Holtek Semiconductor In...
HT9011 HOLTEK-HT9011 Datasheet
98Kb / 7P
   FM IF Detector
logo
Toshiba Semiconductor
TA31136F TOSHIBA-TA31136F Datasheet
712Kb / 16P
   FM IF DETECTOR IC FOR CORDLESS TELEPHONE
logo
Panasonic Semiconductor
AN5215 PANASONIC-AN5215 Datasheet
155Kb / 2P
   TV Sound-IF Amplifier, FM Detector IC
logo
TOKO, Inc
TK10930 TOKO-TK10930 Datasheet
937Kb / 4P
   AM/FM IF DETECTOR
TK14551V TOKO-TK14551V Datasheet
334Kb / 32P
   FM IF DETECTOR/AMPLIFIER
TK14584 TOKO-TK14584 Datasheet
196Kb / 20P
   FM IF IC
TK14588 TOKO-TK14588 Datasheet
233Kb / 20P
   FM IF IC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com