Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ESD8116MUTAG Datasheet(PDF) 4 Page - ON Semiconductor

Part # ESD8116MUTAG
Description  ESD Protection Diode
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ESD8116MUTAG Datasheet(HTML) 4 Page - ON Semiconductor

  ESD8116MUTAG Datasheet HTML 1Page - ON Semiconductor ESD8116MUTAG Datasheet HTML 2Page - ON Semiconductor ESD8116MUTAG Datasheet HTML 3Page - ON Semiconductor ESD8116MUTAG Datasheet HTML 4Page - ON Semiconductor ESD8116MUTAG Datasheet HTML 5Page - ON Semiconductor ESD8116MUTAG Datasheet HTML 6Page - ON Semiconductor ESD8116MUTAG Datasheet HTML 7Page - ON Semiconductor ESD8116MUTAG Datasheet HTML 8Page - ON Semiconductor ESD8116MUTAG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
ESD8116
www.onsemi.com
4
IEC 61000−4−2 Spec.
Level
Test Volt-
age (kV)
First Peak
Current
(A)
Current at
30 ns (A)
Current at
60 ns (A)
1
2
7.5
4
2
2
4
15
8
4
3
6
22.5
12
6
4
8
30
16
8
Ipeak
90%
10%
IEC61000−4−2 Waveform
100%
I @ 30 ns
I @ 60 ns
tP = 0.7 ns to 1 ns
Figure 4. IEC61000−4−2 Spec
Figure 5. Diagram of ESD Clamping Voltage Test Setup
50
W
50
W
Cable
TVS
Oscilloscope
ESD Gun
The following is taken from Application Note
AND8307/D − Characterization of ESD Clamping
Performance.
ESD Voltage Clamping
For sensitive circuit elements it is important to limit the
voltage that an IC will be exposed to during an ESD event
to as low a voltage as possible. The ESD clamping voltage
is the voltage drop across the ESD protection diode during
an ESD event per the IEC61000−4−2 waveform. Since the
IEC61000−4−2 was written as a pass/fail spec for larger
systems such as cell phones or laptop computers it is not
clearly defined in the spec how to specify a clamping voltage
at the device level. ON Semiconductor has developed a way
to examine the entire voltage waveform across the ESD
protection diode over the time domain of an ESD pulse in the
form of an oscilloscope screenshot, which can be found on
the datasheets for all ESD protection diodes. For more
information on how ON Semiconductor creates these
screenshots and how to interpret them please refer to
AND8307/D.


Similar Part No. - ESD8116MUTAG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ESD8111 ONSEMI-ESD8111 Datasheet
153Kb / 8P
   ESD Protection Diodes
August, 2015 ??Rev. 1
ESD8111FCT5G ONSEMI-ESD8111FCT5G Datasheet
153Kb / 8P
   ESD Protection Diodes
August, 2015 ??Rev. 1
ESD8111FCT5G ONSEMI-ESD8111FCT5G Datasheet
106Kb / 7P
   ESD Protection Diodes
June, 2016 ??Rev. 5
ESD8111PFCT5G ONSEMI-ESD8111PFCT5G Datasheet
153Kb / 8P
   ESD Protection Diodes
August, 2015 ??Rev. 1
ESD8111PFCT5G ONSEMI-ESD8111PFCT5G Datasheet
106Kb / 7P
   ESD Protection Diodes
June, 2016 ??Rev. 5
More results

Similar Description - ESD8116MUTAG

ManufacturerPart #DatasheetDescription
logo
Rohm
RSB6.8G ROHM-RSB6.8G Datasheet
160Kb / 3P
   ESD Protection diode
logo
AUK corp
SDT6D8EF AUK-SDT6D8EF Datasheet
255Kb / 3P
   ESD Protection Diode
logo
Pan Jit International I...
PJQA6V8C PANJIT-PJQA6V8C Datasheet
209Kb / 3P
   ESD Protection diode
logo
WILLAS ELECTRONIC CORP
SESD9DXXV WILLAS-SESD9DXXV Datasheet
387Kb / 4P
   ESD Protection Diode
logo
Rohm
RSB6.8STE61 ROHM-RSB6.8STE61 Datasheet
394Kb / 3P
   ESD Protection diode
logo
Leshan Radio Company
LESD7D5.0T5G LRC-LESD7D5.0T5G Datasheet
499Kb / 6P
   ESD PROTECTION DIODE
logo
Sanyo Semicon Device
DA473S6 SANYO-DA473S6 Datasheet
285Kb / 4P
   ESD Protection Diode
logo
AUK corp
SDT6B2Q AUK-SDT6B2Q Datasheet
52Kb / 3P
   ESD Protection Diode
logo
Dallas Semiconductor
DS9502 DALLAS-DS9502 Datasheet
67Kb / 3P
   ESD Protection Diode
logo
Socay Electornics Co., ...
ESD11D05V-A SOCAY-ESD11D05V-A Datasheet
387Kb / 3P
   ESD Protection Diode
ESD11D05V-C SOCAY-ESD11D05V-C Datasheet
377Kb / 3P
   ESD Protection Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com