Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ESD8116 Datasheet(PDF) 10 Page - ON Semiconductor

Part # ESD8116
Description  ESD Protection Diode
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ESD8116 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button ESD8116 Datasheet HTML 4Page - ON Semiconductor ESD8116 Datasheet HTML 5Page - ON Semiconductor ESD8116 Datasheet HTML 6Page - ON Semiconductor ESD8116 Datasheet HTML 7Page - ON Semiconductor ESD8116 Datasheet HTML 8Page - ON Semiconductor ESD8116 Datasheet HTML 9Page - ON Semiconductor ESD8116 Datasheet HTML 10Page - ON Semiconductor ESD8116 Datasheet HTML 11Page - ON Semiconductor ESD8116 Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
ESD8116
www.onsemi.com
10
ESD Protection Device Technology
ON Semiconductor’s portfolio contains three main
technologies for low capacitance ESD protection device
which are highlighted below and in Figure 15.
ESD7000 series: Zener diode based technology. This
technology has a higher breakdown voltage (VBR)
limiting it to protecting chipsets with larger geometries.
ESD8000 series: Silicon controlled rectifier (SCR) type
technology. The key advatange for this technology is a
low holding voltage (VH) which produces a deeper
snapback that results in lower voltage over high
currents as shown in the TLP results in Figure 16. This
technology provides optimized protection for chipsets
with small geometries against thermal failures resulting
in chipset damage (also known as “hard failures”).
ESD8100 series: Low voltage punch through (LVPT)
type technology. The key advatange for this technology
is a very low turn-on voltage as shown in Figure 17.
This technology provides optimized protection for
chipsets with small geometries against recoverable
failures due to voltage peaks (also known as “soft
failures”).
Figure 15. ON Semiconductor’s Low-cap ESD Technology Portfolio
Figure 16. High Current, TLP, IV Characteristic of Each Technology
SCR
LVPT
Zener
0
2
4
6
8
10
12
14
16
18
20
02468
10
12
14
16
VC (V)
18
20
0
2
4
6
8
10


Similar Part No. - ESD8116

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ESD8111 ONSEMI-ESD8111 Datasheet
153Kb / 8P
   ESD Protection Diodes
August, 2015 ??Rev. 1
ESD8111FCT5G ONSEMI-ESD8111FCT5G Datasheet
153Kb / 8P
   ESD Protection Diodes
August, 2015 ??Rev. 1
ESD8111FCT5G ONSEMI-ESD8111FCT5G Datasheet
106Kb / 7P
   ESD Protection Diodes
June, 2016 ??Rev. 5
ESD8111PFCT5G ONSEMI-ESD8111PFCT5G Datasheet
153Kb / 8P
   ESD Protection Diodes
August, 2015 ??Rev. 1
ESD8111PFCT5G ONSEMI-ESD8111PFCT5G Datasheet
106Kb / 7P
   ESD Protection Diodes
June, 2016 ??Rev. 5
More results

Similar Description - ESD8116

ManufacturerPart #DatasheetDescription
logo
Rohm
RSB6.8G ROHM-RSB6.8G Datasheet
160Kb / 3P
   ESD Protection diode
logo
AUK corp
SDT6D8EF AUK-SDT6D8EF Datasheet
255Kb / 3P
   ESD Protection Diode
logo
Pan Jit International I...
PJQA6V8C PANJIT-PJQA6V8C Datasheet
209Kb / 3P
   ESD Protection diode
logo
WILLAS ELECTRONIC CORP
SESD9DXXV WILLAS-SESD9DXXV Datasheet
387Kb / 4P
   ESD Protection Diode
logo
Rohm
RSB6.8STE61 ROHM-RSB6.8STE61 Datasheet
394Kb / 3P
   ESD Protection diode
logo
Leshan Radio Company
LESD7D5.0T5G LRC-LESD7D5.0T5G Datasheet
499Kb / 6P
   ESD PROTECTION DIODE
logo
Sanyo Semicon Device
DA473S6 SANYO-DA473S6 Datasheet
285Kb / 4P
   ESD Protection Diode
logo
AUK corp
SDT6B2Q AUK-SDT6B2Q Datasheet
52Kb / 3P
   ESD Protection Diode
logo
Dallas Semiconductor
DS9502 DALLAS-DS9502 Datasheet
67Kb / 3P
   ESD Protection Diode
logo
Socay Electornics Co., ...
ESD11D05V-A SOCAY-ESD11D05V-A Datasheet
387Kb / 3P
   ESD Protection Diode
ESD11D05V-C SOCAY-ESD11D05V-C Datasheet
377Kb / 3P
   ESD Protection Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com