Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE-W28S001-3 Datasheet(PDF) 4 Page - Pasternack Enterprises, Inc.

Part # PE-W28S001-3
Description  WR-28 Instrumentation Grade Straight Waveguide Section 3 Inch Length with 599 - U Flange Operating from 26.5 GHz to 40 GHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE-W28S001-3 Datasheet(HTML) 4 Page - Pasternack Enterprises, Inc.

  PE-W28S001-3 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE-W28S001-3 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE-W28S001-3 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE-W28S001-3 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
4
Outline Drawing
WR-28 Instrumentation Grade Straight Waveguide Section 3 Inch Length with 599/U Flange Operating from 26.5 GHz to 40
GHz from Pasternack Enterprises has same day shipment for domestic and International orders. Our RF, microwave and
millimeter wave products maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: WR-28 Instrumentation Grade Straight Waveguide Section 3 Inch Length with 599/U Flange
Operating from 26.5 GHz to 40 GHz
PE-W28S001-3
URL: http://www.pasternack.com/wr-28-straight-waveguide-section-599-26.5-40-ghz-pe-w28s001-3-p.aspx
PE-W28S001-3 REV 1
PE-W28S001-3
WR-28 Instrumentation Grade Straight Waveguide Section 3 Inch
Length with 599/U Flange Operating from 26.5 GHz to 40 GHz


Similar Part No. - PE-W28S001-3

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE-W28S001-12 PASTERNACK-PE-W28S001-12 Datasheet
415Kb / 4P
   WR-28 Instrumentation Grade Straight Waveguide Section 12 Inch Length with 599 - U Flange Operating from 26.5 GHz to 40 GHz
PE-W28S001-6 PASTERNACK-PE-W28S001-6 Datasheet
560Kb / 4P
   WR-28 Instrumentation Grade Straight Waveguide Section 6 Inch Length with 599 - U Flange Operating from 26.5 GHz to 40 GHz
PE-W28S001-9 PASTERNACK-PE-W28S001-9 Datasheet
561Kb / 4P
   WR-28 Instrumentation Grade Straight Waveguide Section 9 Inch Length with 599 - U Flange Operating from 26.5 GHz to 40 GHz
More results

Similar Description - PE-W28S001-3

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE-W28S001-9 PASTERNACK-PE-W28S001-9 Datasheet
561Kb / 4P
   WR-28 Instrumentation Grade Straight Waveguide Section 9 Inch Length with 599 - U Flange Operating from 26.5 GHz to 40 GHz
PE-W28S001-12 PASTERNACK-PE-W28S001-12 Datasheet
415Kb / 4P
   WR-28 Instrumentation Grade Straight Waveguide Section 12 Inch Length with 599 - U Flange Operating from 26.5 GHz to 40 GHz
PE-W28S001-6 PASTERNACK-PE-W28S001-6 Datasheet
560Kb / 4P
   WR-28 Instrumentation Grade Straight Waveguide Section 6 Inch Length with 599 - U Flange Operating from 26.5 GHz to 40 GHz
PE-W28SF005-12 PASTERNACK-PE-W28SF005-12 Datasheet
395Kb / 4P
   WR-28 Flexible Straight Waveguide Section 12 Inch Length with UG-599 - U Flange Operating from 26.5 GHz to 40 GHz
PE-W28SF005-36 PASTERNACK-PE-W28SF005-36 Datasheet
395Kb / 4P
   WR-28 Flexible Straight Waveguide Section 36 Inch Length with UG-599 - U Flange Operating from 26.5 GHz to 40 GHz
PE-W28B002 PASTERNACK-PE-W28B002 Datasheet
403Kb / 4P
   WR-28 Instrumentation Grade Waveguide H-Bend with UG-599-U Flange Operating from 26.5 GHz to 40 GHz
PE-W28B001 PASTERNACK-PE-W28B001 Datasheet
403Kb / 4P
   WR-28 Instrumentation Grade Waveguide E-Bend with UG-599-U Flange Operating from 26.5 GHz to 40 GHz
PE-W42S001-3 PASTERNACK-PE-W42S001-3 Datasheet
414Kb / 4P
   WR-42 Instrumentation Grade Straight Waveguide Section 3 Inch Length with UG595/U Flange Operating from 18 GHz to 26.5 GHz
PE-W42S001-12 PASTERNACK-PE-W42S001-12 Datasheet
414Kb / 4P
   WR-42 Instrumentation Grade Straight Waveguide Section 12 Inch Length with UG585 - U Flange Operating from 18 GHz to 26.5 GHz
PE-W42S001-6 PASTERNACK-PE-W42S001-6 Datasheet
346Kb / 2P
   WR-42 Instrumentation Grade Straight Waveguide Section 6 Inch Length with UG595 - U Flange Operating from 18 GHz to 26.5 GHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com