Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JAN7812K Datasheet(PDF) 6 Page - Microsemi Corporation

Part # JAN7812K
Description  POSITIVE FIXED VOLTAGE REGULATOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

JAN7812K Datasheet(HTML) 6 Page - Microsemi Corporation

  JAN7812K Datasheet HTML 1Page - Microsemi Corporation JAN7812K Datasheet HTML 2Page - Microsemi Corporation JAN7812K Datasheet HTML 3Page - Microsemi Corporation JAN7812K Datasheet HTML 4Page - Microsemi Corporation JAN7812K Datasheet HTML 5Page - Microsemi Corporation JAN7812K Datasheet HTML 6Page - Microsemi Corporation JAN7812K Datasheet HTML 7Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
SG7800A/SG7800 SERIES
12/91 Rev 1.3 10/97
LINFINITY Microelectronics Inc.
Copyright
© 1997
11861 Western Avenue
∞ Garden Grove, CA 92841
6
(714) 898-8121
∞ FAX: (714) 893-2570
15V POSITIVE REGULATOR
ELECTRICAL SPECIFICATIONS (Note 1)
(Unless otherwise specified, these specifications apply over the operating ambient temperatures for SG7815A/SG7815 with -55
°C ≤ T
A ≤ 150°C,
V
IN
= 23V, I
O
= 500mA for the K and IG -Power Packages-, I
O
= 100mA for the T and L packages, C
IN
= 0.33
µF, and C
OUT
= 0.1
µF. Low duty cycle pulse
testing techniques are used which maintains junction and case temperatures equal to the ambient temperature.)
SG7815A/SG7815
Units
SG7815
Min.
Typ. Max.
Min.
Typ. Max.
SG7815A
Test Conditions
Parameter
T
J = 25°C
V
IN = 17.5V to 30V, T J = 25°C
V
IN = 20V to 26V, TJ = 25°C
Power Pkgs: I
O = 5mA to 1.5A, TJ = 25°C
I
O = 250mA to 750mA, TJ = 25°C
T - Pkg: I
O = 5mA to 500mA, TJ = 25°C
V
IN = 18.5V to 30V
Power Pkgs: I
O = 5mA to 1.0A, P ≤ 20W
T - Pkg: I
O = 5mA to 500mA, P ≤ 2W
Over Temperature Range
T
J = 25°C
With Line: V
IN = 18.5V to 30V
With Load: I
O = 5mA to 1.0A (Power Pkgs.)
I
O = 5mA to 500mA (T)
∆V
O = 100mV, TJ = 25°C
Power Pkgs: I
O = 1.0A, T - Pkg: IO = 500mA
Power Pkgs: T
J = 25°C
T - Pkg: T
J = 25°C
Power Pkgs: V
IN = 35V, TJ = 25°C
T - Pkg: V
IN = 35V, TJ = 25°C
∆V
IN = 10V, f = 120Hz, TJ = 25°C
f = 10Hz to 100KHz (Note 2)
1000hrs. at T
J = 125°C
I
O = 5mA
Output Voltage
Line Regulation (Note 1)
Load Regulation (Note 1)
Total Output Voltage
Tolerance
Quiescent Current
Quiescent Current Change
Dropout Voltage
Peak Output Current
Short Circuit Current
Ripple Rejection
Output Noise Voltage (rms)
Long Term Stability
Thermal Shutdown
14.8
14.6
14.6
1.5
0.5
60
15.0
15
8
30
12
12
15.0
15.0
4
2
2.2
0.9
60
175
15.2
75
40
100
50
50
15.4
15.4
7
6
0.8
0.5
0.5
2.5
3.3
1.7
1.2
0.7
40
14.4
14.3
14.3
1.5
0.5
60
15.0
15
8
30
12
12
15.0
15.0
4
2
2.2
0.9
60
175
15.6
150
75
150
75
75
15.7
15.7
7
6
0.8
0.5
0.5
2.5
3.3
1.7
1.2
0.7
40
V
mV
mV
mV
mV
mV
V
V
mA
mA
mA
mA
mA
V
A
A
A
A
dB
µV/V
mV
°C
Note 1. All regulation tests are made at constant junction temperature with low duty cycle testing.
2. This test is guaranteed but is not tested in production.


Similar Part No. - JAN7812K

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
JAN7812K MICRO-ELECTRONICS-JAN7812K Datasheet
112Kb / 7P
   POSITIVE FIXED VOLTAGE REGULATOR
logo
List of Unclassifed Man...
JAN7812K ETC1-JAN7812K Datasheet
110Kb / 7P
   POSITIVE FIXED VOLTAGE REGULATOR
logo
Microsemi Corporation
JAN7812K MICROSEMI-JAN7812K Datasheet
312Kb / 7P
   POSITIVE FIXED VOLTAGE REGULATOR
JAN7812K MICROSEMI-JAN7812K Datasheet
420Kb / 8P
   Positive Fixed Voltage Regulator
JAN7812K MICROSEMI-JAN7812K Datasheet
312Kb / 7P
   POSITIVE FIXED VOLTAGE REGULATOR
More results

Similar Description - JAN7812K

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SG7800A ETC1-SG7800A Datasheet
110Kb / 7P
   POSITIVE FIXED VOLTAGE REGULATOR
logo
Microsemi Corporation
SG7805K-883B MICROSEMI-SG7805K-883B Datasheet
409Kb / 8P
   Positive Fixed Voltage Regulator
logo
Seme LAB
IP140ME SEME-LAB-IP140ME Datasheet
336Kb / 8P
   POSITIVE FIXED VOLTAGE REGULATOR
logo
Micro Electronics
SG7815T MICRO-ELECTRONICS-SG7815T Datasheet
112Kb / 7P
   POSITIVE FIXED VOLTAGE REGULATOR
logo
Microsemi Corporation
M3851014103BEA MICROSEMI-M3851014103BEA Datasheet
312Kb / 7P
   POSITIVE FIXED VOLTAGE REGULATOR
logo
KODENSHI_AUK CORP.
IL78L05 KODENSHI-IL78L05 Datasheet
237Kb / 13P
   FIXED VOLTAGE REGULATOR (POSITIVE)
logo
Microsemi Corporation
SG7800A MICROSEMI-SG7800A_1 Datasheet
312Kb / 7P
   POSITIVE FIXED VOLTAGE REGULATOR
SG78XXA MICROSEMI-SG78XXA_10 Datasheet
420Kb / 8P
   Positive Fixed Voltage Regulator
SG7824AT-883B MICROSEMI-SG7824AT-883B Datasheet
396Kb / 8P
   Positive Fixed Voltage Regulator
logo
List of Unclassifed Man...
TS7800 ETC-TS7800 Datasheet
258Kb / 9P
   3-Terminal Fixed Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com