Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE-W15CA002 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE-W15CA002
Description  WR-15 With UG-385 - U Flange to 1.85mm Male Waveguide to Coax Adapter Operating From 50 GHz to 65 GHz V Band
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE-W15CA002 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE-W15CA002 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE-W15CA002 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE-W15CA002 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE-W15CA002 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
TECHNICAL DATA SHEET
Body Material and Plating
Aluminum, Gold
Plating Specification
ASTMB488
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
REACH Compliant
06/14/2014
Plotted and Other Data
Notes:
• Values at +25 °C, sea level unless stated otherwise
Typical Performance Data
-2
-1.6
-1.2
-0.8
-0.4
0
50
52
54
56
58
60
62
64
Frequency (GHz)
PE-W15CA002 Insertion Loss
Insertion Loss (dB)
Maximum Insertion Loss
PE-W15CA002
PE-W15CA002 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: WR-15 With UG-385/U Flange to 1.85mm Male Waveguide to Coax Adapter Operating From
50 GHz to 65 GHz V Band PE-W15CA002
WR-15 With UG-385/U Flange to 1.85mm Male Waveguide to
Coax Adapter Operating From 50 GHz to 65 GHz V Band
Waveguide to Coax Adapters Technical Data Sheet


Similar Part No. - PE-W15CA002

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE-W15CA001 PASTERNACK-PE-W15CA001 Datasheet
442Kb / 4P
   WR-15 With UG-385-U Flange to 1.85mm Female Waveguide
More results

Similar Description - PE-W15CA002

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE-W15CA001 PASTERNACK-PE-W15CA001 Datasheet
442Kb / 4P
   WR-15 With UG-385-U Flange to 1.85mm Female Waveguide
PE-W19CA002 PASTERNACK-PE-W19CA002 Datasheet
442Kb / 4P
   WR-19 With UG383-U-Mod Flange to 1.85mm Male Waveguide to Coax Adapter Operating From 40 GHz to 60 GHz U Band
PEWMT1002 PASTERNACK-PEWMT1002 Datasheet
512Kb / 3P
   WR-15 Waveguide Magic Tee, UG-385/U Round Cover Flange Operating from 50 GHz to 75 GHz
PE-W15B001 PASTERNACK-PE-W15B001 Datasheet
342Kb / 2P
   WR-15 Instrumentation Grade Waveguide E-Bend with UG-385-U Flange Operating from 50 GHz to 75 GHz
PE-W15B002 PASTERNACK-PE-W15B002 Datasheet
342Kb / 2P
   WR-15 Instrumentation Grade Waveguide H-Bend with UG-385-U Flange Operating from 50 GHz to 75 GHz
PE-W15TW1001 PASTERNACK-PE-W15TW1001 Datasheet
405Kb / 3P
   WR-15 90 Degree Waveguide Twist With a UG-385/U Flange Operating From 50 GHz to 75 GHz
PEWAD5002 PASTERNACK-PEWAD5002 Datasheet
366Kb / 3P
   WR-15 Waveguide Bulkhead Adapter UG-385/U Round Cover Flange, 50 GHz to 75 GHz
PE-W28CA002 PASTERNACK-PE-W28CA002 Datasheet
439Kb / 4P
   WR-28 With UG-599 - U Flange to 2.92mm Male Waveguide to Coax Adapter Operating From 26.5 GHz to 40 GHz Ka Band
PE-W15TW1003 PASTERNACK-PE-W15TW1003 Datasheet
412Kb / 3P
   WR-15 45 Degree Right-hand Waveguide Twist With a UG-385/U Flange Operating From 50 GHz to 75 GHz
PE-W15TW1002 PASTERNACK-PE-W15TW1002 Datasheet
412Kb / 3P
   WR-15 45 Degree Left-hand Waveguide Twist With a UG-385/U Flange Operating From 50 GHz to 75 GHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com