Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SG55471L Datasheet(PDF) 3 Page - Microsemi Corporation

Part # SG55471L
Description  DUAL PERIPHERAL POSITIVE-AND DRIVER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SG55471L Datasheet(HTML) 3 Page - Microsemi Corporation

  SG55471L Datasheet HTML 1Page - Microsemi Corporation SG55471L Datasheet HTML 2Page - Microsemi Corporation SG55471L Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SG55451B/61/71 SERIES
5/92 Rev 1.1 2/94
LINFINITY Microelectronics Inc.
Copyright
© 1994
11861 Western Avenue
∞ Garden Grove, CA 92841
3
(714) 898-8121
∞ FAX: (714) 893-2570
Propagation Delay Time, Low-
to-High Level Output
Propagation Delay Time, High-
to-Low Level Output
Transition Time, Low-to-High
Output
Transition Time, High-to-Low
Level Output
High-Level Output Voltage
After Switching (Note 1)
25
25
8
12
30
25
8
10
110
80
25
25
30
25
8
10
ns
ns
ns
ns
mV
mV
mV
110
80
25
25
Min. Typ. Max. Min. Typ. Max. Min. Typ. Max.
SG55451B
SG75451B
SG55461
SG75461
SG55471
SG75471
Test Conditions
Parameter
Units
SWITCHING CHARACTERISTICS (V
CC
= 5V, T
A
= 25
°C)
Note 1. Contact factory for JAN and DESC product availability.
2. All parts are viewed from the top.
3. Product is also available in flat pack. Consult factory for price and delivery.
V
S-6.5
18
18
5
7
V
S-10
V
S-18
I
C
= 200mA, C
L = 15pF,
R
L ≈ 50Ω
I
C = 300mA,
V
S = 20V
SGX5451B
V
S = 30V
SGX5461
V
S = 55V
SGX5471
Package
CONNECTION DIAGRAMS & ORDERING INFORMATION (See Notes Below)
Ambient
Temperature Range
Part No.
Connection Diagram
20-PIN CERAMIC
LEADLESS CHIP CARRIER
L- PACKAGE
4
5
6
8
321
9
111213
10
14
15
16
17
18
20 19
7
SG55451BL/883B -55
°C to 125°C
SG55451BL
-55
°C to 125°C
SG55461L/883B
-55
°C to 125°C
SG55461L
-55
°C to 125°C
SG55471L/883B
-55
°C to 125°C
SG55471L
-55
°C to 125°C
SG55451BY/883B -55
°C to 125°C
SG55451BY
-55
°C to 125°C
SG55461Y/883B
-55
°C to 125°C
SG55461Y
-55
°C to 125°C
SG55471Y/883B
-55
°C to 125°C
SG55471Y
-55
°C to 125°C
SG75451BY
0
°C to 70°C
SG75461Y
0
°C to 70°C
SG75471Y
0
°C to 70°C
8-PIN CERAMIC DIP
Y - PACKAGE
8
7
6
5
2
1
3
4
GND
2Y
2B
1A
1B
1Y
V
CC
2A
1. N.C.
2. 1A
3. N.C.
4. N.C.
5. 1B
6. N.C.
7. 1Y
8. N.C.
9. N.C.
10. GND
11. N.C.
12. 2Y
13. N.C.
14. N.C.
15. 2A
16. N.C.
17. 2B
18. N.C.
19. N.C.
20. V
CC
Note 1. These parameters, although guaranteed, are not tested in production.


Similar Part No. - SG55471L

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG55474 MICROSEMI-SG55474 Datasheet
39Kb / 3P
   DUAL PERIPHERAL POSITIVE NOR DRIVER
SG55474L MICROSEMI-SG55474L Datasheet
39Kb / 3P
   DUAL PERIPHERAL POSITIVE NOR DRIVER
SG55474L883B MICROSEMI-SG55474L883B Datasheet
39Kb / 3P
   DUAL PERIPHERAL POSITIVE NOR DRIVER
SG55474LDESC MICROSEMI-SG55474LDESC Datasheet
39Kb / 3P
   DUAL PERIPHERAL POSITIVE NOR DRIVER
SG55474Y MICROSEMI-SG55474Y Datasheet
39Kb / 3P
   DUAL PERIPHERAL POSITIVE NOR DRIVER
More results

Similar Description - SG55471L

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG75474 MICROSEMI-SG75474 Datasheet
39Kb / 3P
   DUAL PERIPHERAL POSITIVE NOR DRIVER
logo
Texas Instruments
SN65472-EP TI1-SN65472-EP Datasheet
744Kb / 13P
[Old version datasheet]   DUAL PERIPHERAL DRIVER
SN65472-EP TI1-SN65472-EP_16 Datasheet
746Kb / 13P
[Old version datasheet]   DUAL PERIPHERAL DRIVER
logo
Allegro MicroSystems
5713 ALLEGRO-5713 Datasheet
88Kb / 4P
   DUAL PERIPHERAL AND POWER DRIVER TRANSIENT PROTECTED OUTPUTS
logo
Rochester Electronics
DS1634J-8 ROCHESTER-DS1634J-8 Datasheet
609Kb / 1P
   FLEXIBLE PERIPHERAL DRIVER for interfacing with CMOS circuits Dual Peripheral Driver
logo
Texas Instruments
SN75439NE TI-SN75439NE Datasheet
140Kb / 9P
[Old version datasheet]   QUADRUPLE PERIPHERAL DRIVER
logo
Motorola, Inc
MC1411 MOTOROLA-MC1411 Datasheet
200Kb / 4P
   Peripheral Driver Arrays
logo
Texas Instruments
SN75437A TI-SN75437A Datasheet
110Kb / 7P
[Old version datasheet]   QUADRUPLE PERIPHERAL DRIVER
SN75439 TI-SN75439 Datasheet
115Kb / 7P
[Old version datasheet]   QUADRUPLE PERIPHERAL DRIVER
logo
National Semiconductor ...
DS3686 NSC-DS3686 Datasheet
130Kb / 6P
   Dual Positive Voltage Relay Driver
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com