Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SG2644R Datasheet(PDF) 5 Page - Microsemi Corporation

Part # SG2644R
Description  DUAL HIGH SPEED DRIVER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SG2644R Datasheet(HTML) 5 Page - Microsemi Corporation

  SG2644R Datasheet HTML 1Page - Microsemi Corporation SG2644R Datasheet HTML 2Page - Microsemi Corporation SG2644R Datasheet HTML 3Page - Microsemi Corporation SG2644R Datasheet HTML 4Page - Microsemi Corporation SG2644R Datasheet HTML 5Page - Microsemi Corporation SG2644R Datasheet HTML 6Page - Microsemi Corporation SG2644R Datasheet HTML 7Page - Microsemi Corporation SG2644R Datasheet HTML 8Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
9/91 Rev 1.2 6/97
LINFINITY Microelectronics Inc.
Copyright
© 1997
11861 Western Avenue
∞ Garden Grove, CA 92841
5
(714) 898-8121
∞ FAX: (714) 893-2570
SG1644/SG2644/SG3644
APPLICATION INFORMATION
POWER DISSIPATION
The SG1644, while more energy-efficient than earlier gold-doped
driver IC’s, can still dissipate considerable power because of its
high peak current capability at high frequencies. Total power
dissipation in any specific application will be the sum of the DC or
steady-state power dissipation, and the AC dissipation caused by
driving capacitive loads.
The DC power dissipation is given by:
P
DC = +VCC · ICC
[1]
where I
CC is a function of the driver state, and hence is duty-cycle
dependent.
The AC power dissipation is proportional to the switching fre-
quency, the load capacitance, and the square of the output
voltage. In most applications, the driver is constantly changing
state, and the AC contribution becomes dominant when the
frequency exceeds 100-200KHz.
The SG1644 driver family is available in a variety of packages to
accommodate a wide range of operating temperatures and power
dissipation requirements. The Absolute Maximums section of the
data sheet includes two graphs to aid the designer in choosing an
appropriate package for his design.
The designer should first determine the actual power dissipation
of the driver by referring to the curves in the data sheet relating
operating current to supply voltage, switching frequency, and
capacitive load. These curves were generated from data taken on
actual devices. The designer can then refer to the Absolute
Maximum Thermal Dissipation curves to choose a package type,
and to determine if heat-sinking is required.
DESIGN EXAMPLE
Given: Two 2500pF loads must be driven push-pull from a +15 volt
supply at 100KHz. The application is a commercial one in which
the maximum ambient temperature is +50°C, and cost is impor-
tant.
1. From Figure 11, the average driver current consumption
under these conditions will be 18mA, and the power dissipation
will be 15volts x 18mA, or 270mW.
2. From the ambient thermal characteristic curve, it can be seen
that the M package, which is an 8-pin plastic DIP with a copper
lead frame, has more than enough thermal conductance from
junction to ambient to support operation at an ambient tempera-
ture of +50°C. The SG36446M driver would be specified for this
application.
SUPPLY BYPASSING
Since the SG1644 can deliver peak currents above 3amps under
some load conditions, adequate supply bypassing is essential for
proper operation. Two capacitors in parallel are recommended to
guarantee low supply impedance over a wide bandwidth: a 0.1µF
ceramic disk capacitor for high frequencies, and a 4.7µF solid
tantalum capacitor for energy storage. In military applications, a
CK05 or CK06 ceramic operator with a CSR-13 tantalum capaci-
tor is an effective combination. For commercial applications, any
low-inductance ceramic disk capacitor teamed with a Sprague
150D or equivalent low ESR capacitor will work well.
The
capacitors must be located as close as physically possible to the
V
CC pin, with combined lead and pc board trace lengths held to
less than 0.5 inches.
GROUNDING CONSIDERATIONS
The ability of the SG1644 to deliver high peak currents into
capacitive loads can cause undesirable negative transients on
the logic and power grounds. To avoid this, a low inductance
ground path should be considered for each output to return the
high peak currents back to it’s own ground point. A ground plane
is recommended for best performance. If space for a ground
plane is not available, make the paths as short and as wide as
possible. The logic ground can be returned to the supply bypass
capacitor and be connected at one point to the power grounds.
LOGIC INTERFACE
The logic input of the 1644 is designed to accept standard DC-
coupled 5 volt logic swings, with no speed-up capacitors required.
If the input signal voltage exceeds 6 volts, the input pin must be
protected against the excessive voltage in the HIGH state. Either
a high speed blocking diode must be used, or a resistive divider
to attenuate the logic swing is necessary.
LAYOUT FOR HIGH SPEED
The SG1644 can generate relatively large voltage excursions
with rise and fall times around 20-30 nanoseconds with light
capacitive loads. A Fourier analysis of these time domain signals
will indicate strong energy components at frequencies much
higher than the basic switching frequency. These high frequen-
cies can induce ringing on an otherwise ideal pulse if sufficient
inductance occurs in the signal path (either the positive signal
trace or the ground return). Overshoot on the rising edge is
undesirable
because the excess drive voltage could rupture
the gate oxide of a power MOSFET. Trailing edge undershoot is
dangerous because the negative voltage excursion can forward-
bias the parasitic PN substrate diode of the driver, potentially
causing erratic operation or outright failure.
Ringing can be reduced or eliminated by minimizing signal path
inductance, and by using a damping resistor between the drive
output and the capacitive load. Inductance can be reduced by
keeping trace lengths short, trace widths wide, and by using 2oz.
copper if possible. The resistor value for critical damping can be
calculated from:
R
D = 2√L/CL
[2]
where L is the total signal line inductance, and C
L is the load
capacitance.
Values between 10 and 100ohms are usually
sufficient. Inexpensive carbon composition resistors are best
because they have excellent high frequency characteristics.
They should be located as close as possible to the gate terminal
of the power MOSFET.


Similar Part No. - SG2644R

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG2644R MICROSEMI-SG2644R Datasheet
250Kb / 8P
   DUAL HIGH SPEED DRIVER
More results

Similar Description - SG2644R

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG1626 MICROSEMI-SG1626 Datasheet
148Kb / 8P
   DUAL HIGH SPEED DRIVER
SG1626 MICROSEMI-SG1626_1 Datasheet
249Kb / 8P
   DUAL HIGH SPEED DRIVER
SG1644 MICROSEMI-SG1644_1 Datasheet
250Kb / 8P
   DUAL HIGH SPEED DRIVER
logo
Texas Instruments
UC1709 TI-UC1709 Datasheet
178Kb / 5P
[Old version datasheet]   DUAL HIGH-SPEED FET DRIVER
logo
Intersil Corporation
ISL55110 INTERSIL-ISL55110_11 Datasheet
413Kb / 15P
   Dual, High Speed MOSFET Driver
ISL55110_0712 INTERSIL-ISL55110_0712 Datasheet
305Kb / 15P
   Dual, High Speed MOSFET Driver
logo
Supertex, Inc
MD1210 SUTEX-MD1210 Datasheet
178Kb / 5P
   HIGH SPEED DUAL MOSFET DRIVER
logo
Renesas Technology Corp
ISL55110 RENESAS-ISL55110 Datasheet
815Kb / 18P
   Dual, High Speed MOSFET Driver
logo
Intersil Corporation
HIP9022 INTERSIL-HIP9022 Datasheet
98Kb / 10P
   Dual High Speed Laser Driver
logo
National Semiconductor ...
DS0026 NSC-DS0026 Datasheet
184Kb / 8P
   Dual High-Speed MOS Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com