Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BLUAC5-QE Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # BLUAC5-QE
Description  Q Programmable Servo Drive w/ Extended I/O
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BLUAC5-QE Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  BLUAC5-QE Datasheet HTML 1Page - List of Unclassifed Manufacturers BLUAC5-QE Datasheet HTML 2Page - List of Unclassifed Manufacturers BLUAC5-QE Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Model Number:
BLuAC5-QE
Part Number:
5000-109
Supply Voltage:
95-260 VAC
Supply Voltage Type:
AC
Control Modes:
Streaming Commands
Analog Positioning
Encoder Following
Q Programming
Output Current,
Continuous:
5.0
Output Current, Peak:
15.0
Communication Ports:
RS-232
RS-485
Feedback:
Halls + Incremental encoder
Setup Method:
Software setup
Digital Inputs:
15
Digital Outputs:
7
Analog Inputs:
1 differential or 2 single-ended, +/-10volts, 13bits differential
Dimensions:
7.8 x 4.8 x 2.7 inches
Weight:
44 oz
Ambient Temperature
Range:
0 to 40 °C
Ambient Humidity:
90% max, non-condensing
Status LEDs:
7 segment display
Circuit Protection:
Short circuit
Over-voltage
Under-voltage
Over-temp
Software:
DSP Firmware Downloader
Q Programmer™
Quick Tuner™
SCL Utility
Sample Code:
scldemo.zip
Specifications
Software


Similar Part No. - BLUAC5-QE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BLUAC5-Q ETC2-BLUAC5-Q Datasheet
194Kb / 3P
   Q Programmable Servo Drive
More results

Similar Description - BLUAC5-QE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SVAC3-Q-E120 ETC2-SVAC3-Q-E120 Datasheet
282Kb / 5P
   Q Programmable Servo Drive w/ Ethernet
SV7-Q-EE ETC2-SV7-Q-EE Datasheet
217Kb / 4P
   Q Programmable Servo Drive w/ Ethernet
SVAC3-Q-E220 ETC2-SVAC3-Q-E220 Datasheet
282Kb / 5P
   Q Programmable Servo Drive w/ Ethernet
SV7-IP-EE ETC2-SV7-IP-EE Datasheet
182Kb / 4P
   Q Programmable Servo Drive w/ EtherNet/IP
SVAC3-IP-E120 ETC2-SVAC3-IP-E120 Datasheet
243Kb / 5P
   Q Programmable Servo Drive w/ EtherNet/IP
SVAC3-IP-E220 ETC2-SVAC3-IP-E220 Datasheet
254Kb / 5P
   Q Programmable Servo Drive w/ EtherNet/IP
SV7-Q-AF ETC2-SV7-Q-AF Datasheet
207Kb / 4P
   Q Programmable Servo Drive w/ Encoder outputs
SV7-Q-RE ETC2-SV7-Q-RE Datasheet
210Kb / 4P
   Q Programmable Servo Drive w/ RS-485
SV7-Q-AE ETC2-SV7-Q-AE Datasheet
211Kb / 4P
   Q Programmable Servo Drive
BLUAC5-Q ETC2-BLUAC5-Q Datasheet
194Kb / 3P
   Q Programmable Servo Drive
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com