Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1301460053 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 1301460053
Description  Watertite Extra-Hard Outdoor use Connector, 2 Pole/3 Wire, NEMA 5-20, 125V, Cord
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

1301460053 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  1301460053 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 09/14/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
1301460053
Status:
Active
Overview:
Watertite® Wet-Location Wiring Solutions
Description:
Watertite® Extra-Hard Outdoor use Connector, 2 Pole/3 Wire, NEMA 5-20, 125V, Cord
Grip Body Size F2, Black
Documents:
RoHS Certificate of Compliance (PDF)
Product Literature (PDF)
Agency Certification
CSA
LR6837
UL
E10176
General
Product Family
Wiring Devices
Series
130146
IP Rating
IP67
NEMA Configuration
NEMA 5-20
Overview
Watertite® Wet-Location Wiring Solutions
Product Literature Order No
987650-8067
Product Name
Watertite®
Receptacle Type
Single
Specialty
N/A
Type
Connector
UPC
78678875352
Woodhead
Yes
Physical
Cord Grip Body Size
F2 1/2"
Flange
No
Flip Lid
No
Gender
Female
Length
N/A
Locking Blade
No
Poles
2-pole/3-wire
Electrical
Cord Type
N/A
Current - Maximum per Contact
20.0A
GFCI
No
Lighted Connector
No
Voltage - Maximum
125V
Material Info
Old Part Number
15W33BLK
Series image - Reference only
EU ELV
Not Reviewed
EU RoHS
China RoHS
Not Reviewed
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Not Reviewed
ELV
Not Reviewed
Search Parts in this Series
130146 Series
This document was generated on 09/14/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 1301460053

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1301460050 MOLEX11-1301460050 Datasheet
36Kb / 1P
   Watertite Connector, 3 Pole/3 Wire, Non-NEMA, 15A/125V, 10A/250V, Cord Grip
1301460052 MOLEX11-1301460052 Datasheet
30Kb / 1P
   Watertite Connector, 2 Pole/3 Wire, NEMA 5-20, 125V, Cord Grip Body Size F2
1301460056 MOLEX11-1301460056 Datasheet
37Kb / 1P
   Watertite Connector for Male Receptacle, 2 Pole/3 Wire, NEMA 5-20, 125V, F2
1301460059 MOLEX11-1301460059 Datasheet
30Kb / 1P
   Watertite Connector, 2 Pole/3 Wire, NEMA 7-15, 277V, Cord Grip Body Size F2
More results

Similar Description - 1301460053

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1301460061 MOLEX11-1301460061 Datasheet
35Kb / 1P
   Watertite Extra-Hard Outdoor Use Connector, 2 Pole/3 Wire, NEMA 5-15, 125V, Cord
130146-0053 MOLEX11-130146-0053 Datasheet
42Kb / 1P
   Watertite Extra-Hard Outdoor use Connector, 2 Pole/3 Wire, NEMA 5-20, 125V, Cord Grip Body Size F2, Black
130146-0061 MOLEX11-130146-0061 Datasheet
42Kb / 1P
   Watertite Extra-Hard Outdoor Use Connector, 2 Pole/3 Wire, NEMA 5-15, 125V, Cord Grip Body Size F2, Black
1301410032 MOLEX11-1301410032 Datasheet
43Kb / 1P
   Super-Safeway Extra-Hard Outdoor Use Connector 2 Pole/3 Wire, NEMA 5-15, 125V
130146-0069 MOLEX11-130146-0069 Datasheet
42Kb / 1P
   Watertite Extra Hard Outdoor Connector, 2 Pole/3 Wire, NEMA 6-20, 250V, Cord Grip
130141-0032 MOLEX11-130141-0032 Datasheet
50Kb / 1P
   Super-Safeway Extra-Hard Outdoor Use Connector 2 Pole/3 Wire, NEMA 5-15, 125V, Black
130146-0041 MOLEX11-130146-0041 Datasheet
42Kb / 1P
   Watertite Extra Hard Outdoor Plug, 2 Pole/3 Wire, NEMA 6-20, 250V,
1301460041 MOLEX11-1301460041 Datasheet
35Kb / 1P
   Watertite Extra Hard Outdoor Plug, 2 Pole/3 Wire, NEMA 6-20, 250V
130147-0045 MOLEX11-130147-0045 Datasheet
42Kb / 1P
   Watertite Extra-Hard Outdoor use Plug Connector with Locking Blade, 2 Pole/3 Wire, NEMA L5-20, 125V, Cord Grip Body Size F3
130146-0045 MOLEX11-130146-0045 Datasheet
42Kb / 1P
   Watertite Extra-Hard Outdoor Use Plug, 2 Pole/3 Wire, NEMA 6-15, 250V
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com