Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ESD8006 Datasheet(PDF) 1 Page - ON Semiconductor

Part # ESD8006
Description  ESD Protection Diode
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ESD8006 Datasheet(HTML) 1 Page - ON Semiconductor

  ESD8006 Datasheet HTML 1Page - ON Semiconductor ESD8006 Datasheet HTML 2Page - ON Semiconductor ESD8006 Datasheet HTML 3Page - ON Semiconductor ESD8006 Datasheet HTML 4Page - ON Semiconductor ESD8006 Datasheet HTML 5Page - ON Semiconductor ESD8006 Datasheet HTML 6Page - ON Semiconductor ESD8006 Datasheet HTML 7Page - ON Semiconductor ESD8006 Datasheet HTML 8Page - ON Semiconductor ESD8006 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© Semiconductor Components Industries, LLC, 2015
February, 2015 − Rev. 4
1
Publication Order Number:
ESD8006/D
ESD8006
ESD Protection Diode
Low Capacitance Array for High Speed
Data Lines
The ESD8006 is specifically designed to protect USB 3.0 and
Thunderbolt interfaces from ESD. Ultra−low capacitance and low
ESD clamping voltage make this device an ideal solution for
protecting voltage sensitive high speed data lines. The flow−through
style package allows for easy PCB layout and matched trace lengths
necessary to maintain consistent impedance between high speed
differential lines.
Features
Low Capacitance (0.25 pF Max, I/O to GND)
Protection for the Following IEC Standards:
IEC 61000−4−2 (Level 4)
Low ESD Clamping Voltage
SZ Prefix for Automotive and Other Applications Requiring Unique
Site and Control Change Requirements; AEC−Q101 Qualified and
PPAP Capable
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
Typical Applications
USB 3.0/3.1
Thunderbolt
Display Port
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Operating Junction Temperature Range
TJ
−55 to +125
°C
Storage Temperature Range
Tstg
−55 to +150
°C
Lead Solder Temperature −
Maximum (10 Seconds)
TL
260
°C
IEC 61000−4−2 Contact (ESD)
IEC 61000−4−2 Air (ESD)
ESD
ESD
±15
±15
kV
kV
Stresses exceeding those listed in the Maximum Ratings table may damage the
device. If any of these limits are exceeded, device functionality should not be
assumed, damage may occur and reliability may be affected.
See Application Note AND8308/D for further description of
survivability specs.
MARKING
DIAGRAM
Device
Package
Shipping
ORDERING INFORMATION
www.onsemi.com
ESD8006MUTAG
UDFN8
(Pb−Free)
3000 / Tape &
Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
1
6T = Specific Device Code
M
= Date Code
G
= Pb−Free Package
6TMG
G
(Note: Microdot may be in either location)
PIN CONFIGURATION
UDFN8
CASE 517CB
I/O I/O GND I/O I/O
I/O
GND
GND
GND I/O
1
2
3
456
7
8
9
10
SZESD8006MUTAG
UDFN8
(Pb−Free)
3000 / Tape &
Reel


Similar Part No. - ESD8006

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ESD8004 ONSEMI-ESD8004 Datasheet
537Kb / 11P
   ESD Protection Diode
February, 2015 ??Rev. 5
ESD8004MUTAG ONSEMI-ESD8004MUTAG Datasheet
537Kb / 11P
   ESD Protection Diode
February, 2015 ??Rev. 5
ESD8008 ONSEMI-ESD8008 Datasheet
198Kb / 9P
   ESD Protection Diode
February, 2015 ??Rev. 4
ESD8008MUTAG ONSEMI-ESD8008MUTAG Datasheet
198Kb / 9P
   ESD Protection Diode
February, 2015 ??Rev. 4
More results

Similar Description - ESD8006

ManufacturerPart #DatasheetDescription
logo
Rohm
RSB6.8G ROHM-RSB6.8G Datasheet
160Kb / 3P
   ESD Protection diode
logo
AUK corp
SDT6D8EF AUK-SDT6D8EF Datasheet
255Kb / 3P
   ESD Protection Diode
logo
Pan Jit International I...
PJQA6V8C PANJIT-PJQA6V8C Datasheet
209Kb / 3P
   ESD Protection diode
logo
WILLAS ELECTRONIC CORP
SESD9DXXV WILLAS-SESD9DXXV Datasheet
387Kb / 4P
   ESD Protection Diode
logo
Rohm
RSB6.8STE61 ROHM-RSB6.8STE61 Datasheet
394Kb / 3P
   ESD Protection diode
logo
Leshan Radio Company
LESD7D5.0T5G LRC-LESD7D5.0T5G Datasheet
499Kb / 6P
   ESD PROTECTION DIODE
logo
Sanyo Semicon Device
DA473S6 SANYO-DA473S6 Datasheet
285Kb / 4P
   ESD Protection Diode
logo
AUK corp
SDT6B2Q AUK-SDT6B2Q Datasheet
52Kb / 3P
   ESD Protection Diode
logo
Dallas Semiconductor
DS9502 DALLAS-DS9502 Datasheet
67Kb / 3P
   ESD Protection Diode
logo
Socay Electornics Co., ...
ESD11D05V-A SOCAY-ESD11D05V-A Datasheet
387Kb / 3P
   ESD Protection Diode
ESD11D05V-C SOCAY-ESD11D05V-C Datasheet
377Kb / 3P
   ESD Protection Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com