Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SG120-15L Datasheet(PDF) 1 Page - Microsemi Corporation

Part # SG120-15L
Description  NEGATIVE FIXED VOLTAGE REGULATOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SG120-15L Datasheet(HTML) 1 Page - Microsemi Corporation

  SG120-15L Datasheet HTML 1Page - Microsemi Corporation SG120-15L Datasheet HTML 2Page - Microsemi Corporation SG120-15L Datasheet HTML 3Page - Microsemi Corporation SG120-15L Datasheet HTML 4Page - Microsemi Corporation SG120-15L Datasheet HTML 5Page - Microsemi Corporation SG120-15L Datasheet HTML 6Page - Microsemi Corporation SG120-15L Datasheet HTML 7Page - Microsemi Corporation SG120-15L Datasheet HTML 8Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
NEGATIVE FIXED VOLTAGE REGULATOR
DESCRIPTION
The SG120 series of negative regulators offer self-contained, fixed-voltage
capability with up to 1.5A of load current. With a variety of output voltages and four
package options this regulator series is an optimum complement to the SG7800A/
7800/120 line of three terminal regulators.
All protective features of thermal shutdown, current limiting, and safe-area control
have been designed into these units and since these regulators require only a
single output capacitor or a capacitor and 5mA minimum load for satisfactory
performance, ease of application is assured.
Although designed as fixed-voltage regulators, the output voltage can be in-
creased through the use of a simple voltage divider. The low quiescent drain
current of the device insures good regulation when this method is used, especially
for the SG120 series. Utilizing an improved Bandgap reference design, problems
have been eliminated that are normally associated with the zener diode refer-
ences, such as drift in output voltage and large changes in the line and load
regulation
These devices are available in TO-257 (hermetically sealed TO-220), both
isolated and non-isolated), TO-3, TO-39 and TO-66 power packages.
FEATURES
••••• Output current to 1.5A
••••• Excellent line and load regulation
••••• Foldback current limiting
••••• Thermal overload protection
••••• Voltages available: -5V, -12V, -15V
••••• Voltages Not Recommended For New
Designs: -5.2V, -8V, -18V, -20V
••••• Contact factory for other voltage
options
HIGH RELIABILITY FEATURES
- SG120
♦ Available to MIL-STD - 883
♦ Radiation data available
♦ LMI level "S" processing available
SG120
SCHEMATIC DIAGRAM
11/91 Rev 1.4 6/97
LINFINITY
Microelectronics
Inc.
Copyright
 1997
11861
Western
Avenue
Garden
Grove,
CA
92841
1
(714) 898-8121
FAX: (714) 893-2570


Similar Part No. - SG120-15L

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG120-XXIG MICROSEMI-SG120-XXIG Datasheet
379Kb / 8P
   NEGATIVE FIXED VOLTAGE REGULATOR
SG120-XXIG/883B MICROSEMI-SG120-XXIG/883B Datasheet
379Kb / 8P
   NEGATIVE FIXED VOLTAGE REGULATOR
SG120-XXK MICROSEMI-SG120-XXK Datasheet
379Kb / 8P
   NEGATIVE FIXED VOLTAGE REGULATOR
SG120-XXK/883B MICROSEMI-SG120-XXK/883B Datasheet
379Kb / 8P
   NEGATIVE FIXED VOLTAGE REGULATOR
SG120-XXL MICROSEMI-SG120-XXL Datasheet
379Kb / 8P
   NEGATIVE FIXED VOLTAGE REGULATOR
More results

Similar Description - SG120-15L

ManufacturerPart #DatasheetDescription
logo
AUK corp
S79XXPI AUK-S79XXPI Datasheet
270Kb / 8P
   Fixed-Negative-Voltage Regulator
logo
Micro Electronics
SG7900A MICRO-ELECTRONICS-SG7900A Datasheet
175Kb / 7P
   NEGATIVE FIXED VOLTAGE REGULATOR
logo
AUK corp
S79XXPIC AUK-S79XXPIC_1 Datasheet
301Kb / 8P
   Fixed-Negative-Voltage Regulator
logo
Microsemi Corporation
SG79XXA MICROSEMI-SG79XXA Datasheet
1Mb / 12P
   Negative Fixed Voltage Regulator
logo
AUK corp
S79XXPIC AUK-S79XXPIC Datasheet
271Kb / 8P
   Fixed-Negative-Voltage Regulator
logo
Microsemi Corporation
SG7912AR MICROSEMI-SG7912AR Datasheet
405Kb / 9P
   Negative Fixed Voltage Regulator
logo
AUK corp
S79XXPI AUK-S79XXPI_1 Datasheet
302Kb / 8P
   Fixed-Negative-Voltage Regulator
logo
Microsemi Corporation
SG7900A MICROSEMI-SG7900A Datasheet
375Kb / 7P
   NEGATIVE FIXED VOLTAGE REGULATOR
SG120 MICROSEMI-SG120_1 Datasheet
379Kb / 8P
   NEGATIVE FIXED VOLTAGE REGULATOR
SG79XXA MICROSEMI-SG79XXA_10 Datasheet
417Kb / 9P
   Negative Fixed Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com