Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SG2842DM Datasheet(PDF) 2 Page - Microsemi Corporation

Part # SG2842DM
Description  CURRENT MODE PWM CONTROLLER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SG2842DM Datasheet(HTML) 2 Page - Microsemi Corporation

  SG2842DM Datasheet HTML 1Page - Microsemi Corporation SG2842DM Datasheet HTML 2Page - Microsemi Corporation SG2842DM Datasheet HTML 3Page - Microsemi Corporation SG2842DM Datasheet HTML 4Page - Microsemi Corporation SG2842DM Datasheet HTML 5Page - Microsemi Corporation SG2842DM Datasheet HTML 6Page - Microsemi Corporation SG2842DM Datasheet HTML 7Page - Microsemi Corporation SG2842DM Datasheet HTML 8Page - Microsemi Corporation SG2842DM Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
C URRENT -M ODE PWM C ONTROLLER
SG1842/SG1843 Series
PRODUCT DA T ABOOK 1996/1997
Copyright © 2000
Rev. 1.6
4/00
2
P RODUCTION D ATA S HEET
ABSOLUTE MAXIMUM RATINGS
(Notes 1 & 2)
Supply Voltage (I
CC < 30mA) ............................................................... Self Limiting
Supply Voltage (Low Impedance Source) ........................................................ 30V
Output Current (Peak) ....................................................................................... ±1A
Output Current (Continuous) ....................................................................... 350mA
Output Energy (Capacitive Load) ....................................................................... 5µJ
Analog Inputs (Pins 2, 3) ................................................................. -0.3V to +6.3V
Error Amp Output Sink Current ..................................................................... 10mA
Power Dissipation at T
A = 25°C (DIL-8) ............................................................ 1W
Operating Junction Temperature
Hermetic (J, Y, F, L Packages) ................................................................... 150°C
Plastic (N, M, D, DM Packages) ................................................................ 150°C
Storage Temperature Range .......................................................... -65°C to +150°C
Lead Temperature (Soldering, 10 Seconds) .................................................. 300°C
PACKAGE PIN OUTS
V
REF
V
CC
OUTPUT
GND
COMP
V
FB
I
SENSE
R
T/CT
1
8
27
36
45
M & Y PACKAGE
(Top View)
DM PACKAGE
(Top View)
V
REF
V
CC
OUTPUT
GND
COMP
V
FB
I
SENSE
R
T/CT
1
8
27
36
45
V
REF
N.C.
V
CC
V
C
OUTPUT
GND
PWR GND
COMP
N.C.
V
FB
N.C.
I
SENSE
N.C.
R
T/CT
1
14
213
312
411
510
69
78
D PACKAGE
(Top View)
M PACKAGE:
THERMAL RESISTANCE-JUNCTION TO AMBIENT,
θθθθθ
JA
95°C/W
N PACKAGE:
THERMAL RESISTANCE-JUNCTION TO AMBIENT,
θθθθθ
JA
65°C/W
DM PACKAGE:
THERMAL RESISTANCE-JUNCTION TO AMBIENT,
θθθθθ
JA
165°C/W
D PACKAGE:
THERMAL RESISTANCE-JUNCTION TO AMBIENT,
θθθθθ
JA
120°C/W
Y PACKAGE:
THERMAL RESISTANCE-JUNCTION TO AMBIENT,
θθθθθ
JA
130°C/W
J PACKAGE:
THERMAL RESISTANCE-JUNCTION TO AMBIENT,
θθθθθ
JA
80°C/W
F PACKAGE:
THERMAL RESISTANCE-JUNCTION TO CASE,
θθθθθ
JC
80°C/W
THERMAL RESISTANCE-JUNCTION TO AMBIENT,
θθθθθ
JA
145°C/W
L PACKAGE:
THERMAL RESISTANCE-JUNCTION TO CASE,
θθθθθ
JC
35°C/W
THERMAL RESISTANCE-JUNCTION TO AMBIENT,
θθθθθ
JA
120°C/W
Junction Temperature Calculation: T
J = TA + (PD x θJA).
The
θ
JA numbers are guidelines for the thermal performance of the device/pc-board
system. All of the above assume no ambient airflow.
THERMAL D ATA
Note 1. Exceeding these ratings could cause damage to the device.
Note 2. All voltages are with respect to Pin 5. All currents are positive into the specified
terminal.
1
14
213
312
411
510
69
78
J & N PACKAGE
(Top View)
COMP
N.C.
V
FB
N.C.
I
SENSE
N.C.
R
T/CT
V
REF
N.C.
V
CC
V
C
OUTPUT
GROUND
POWER GND
F PACKAGE
(Top View)
10.V
REF
9. V
CC
8. V
C
7. OUTPUT
6. GND
1. COMP
2. V
FB
3. I
SENSE
4. R
T/CT
5. POWER GND
1
10
29
38
47
56
L PACKAGE
(Top View)
32
4
5
6
7
8
911
10
1. N.C.
2. COMP
3. N.C.
4. N.C.
5. V
FB
6. N.C.
7. I
SENSE
8. N.C.
9. N.C.
10. R
T/CT
120 19
18
17
16
15
14
12 13
11. N.C.
12. GROUND
13. N.C.
14. N.C.
15. OUTPUT
16. N.C.
17. V
CC
18. N.C.
19. N.C.
20. V
REF


Similar Part No. - SG2842DM

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG2842DM MICROSEMI-SG2842DM Datasheet
313Kb / 14P
   CURRENT MODE PWM CONTROLLER
More results

Similar Description - SG2842DM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UC3842 PHILIPS-UC3842 Datasheet
74Kb / 8P
   Current-mode PWM controller
August 31, 1994
logo
Daewoo Semiconductor
DBL3842 DAEWOO-DBL3842 Datasheet
467Kb / 8P
   CURRENT MODE PWM CONTROLLER
logo
BCD Semiconductor Manuf...
AP384XC BCDSEMI-AP384XC Datasheet
176Kb / 13P
   CURRENT MODE PWM CONTROLLER
logo
Cystech Electonics Corp...
MC7731N6 CYSTEKEC-MC7731N6 Datasheet
363Kb / 10P
   Current Mode PWM Controller
logo
BCD Semiconductor Manuf...
AP3842C BCDSEMI-AP3842C Datasheet
359Kb / 14P
   CURRENT MODE PWM CONTROLLER
logo
Texas Instruments
UC1846AJ TI-UC1846AJ Datasheet
3Mb / 13P
[Old version datasheet]   Current Mode PWM Controller
UC3844Q TI1-UC3844Q Datasheet
708Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC1843 TI-UC1843 Datasheet
937Kb / 3P
[Old version datasheet]   Current Mode PWM Controller
UC2846J TI-UC2846J Datasheet
463Kb / 8P
[Old version datasheet]   Current Mode PWM Controller
logo
List of Unclassifed Man...
AMC3842B ETC-AMC3842B Datasheet
365Kb / 10P
   CURRENT MODE PWM CONTROLLER
CM3842 ETC-CM3842 Datasheet
638Kb / 12P
   CURRENT MODE PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com