Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CVCSO-914-1000 Datasheet(PDF) 1 Page - Crystek Corporation

Part # CVCSO-914-1000
Description  True SineWave
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYSTEKCRYSTAL [Crystek Corporation]
Direct Link  http://www.crystekcrystals.com/crystal/default.asp
Logo CRYSTEKCRYSTAL - Crystek Corporation

CVCSO-914-1000 Datasheet(HTML) 1 Page - Crystek Corporation

  CVCSO-914-1000_15 Datasheet HTML 1Page - Crystek Corporation CVCSO-914-1000_15 Datasheet HTML 2Page - Crystek Corporation CVCSO-914-1000_15 Datasheet HTML 3Page - Crystek Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CVCSO-914-1000
True SineWave
SAW Based VCSO
9×14mm SMD
5 Volt
12730 Commonwealth Drive • Fort Myers, Florida 33913
Phone: 239-561-3311 • 800-237-3061
Fax: 239-561-1025 • www.crystek.com
CRYSTEK
CORPORATION
Model CVCSO-914-1000 is a 1 GHz voltage-controlled SAW (surface acoustic wave) Clock
Oscillator (VCSO). SAW crystal technology provides low-noise and low-jitter performance
with true sinewave output. Features include -138 dBc/Hz phase noise at 10 kHz offset, 5V
input voltage, -20°C to +70°C operating temperature, and 9×14 mm SMT package. The
CVCSO-914X offers an operating temperature range of -40°C to +85°C. The oscillator has
no sub-harmonic and the second harmonic is typically -20 dBc.
Applications include PLL frequency translation, test and measurement, avionics,
point-to-point radios, and multi-point radios.
Date: 25-Aug-2015
Rev: R
Page 1 of 3
Ultra-Low Phase Noise 1GHz SAW VCSO
CRY
STEK
CVC
SO-9
14
1000
MHz


Similar Part No. - CVCSO-914-1000_15

ManufacturerPart #DatasheetDescription
logo
Crystek Corporation
CVCSO-914-1000 CRYSTEKCRYSTAL-CVCSO-914-1000 Datasheet
505Kb / 3P
   Ultra-Low Phase Noise 1GHz SAW VCSO
More results

Similar Description - CVCSO-914-1000_15

ManufacturerPart #DatasheetDescription
logo
Crystek Corporation
CVCSO-914 CRYSTEKCRYSTAL-CVCSO-914 Datasheet
755Kb / 4P
   True SineWave
CCO-083 CRYSTEKCRYSTAL-CCO-083 Datasheet
421Kb / 2P
   True Sinewave Clock Oscillators
CVS575S-500 CRYSTEKCRYSTAL-CVS575S-500_15 Datasheet
160Kb / 3P
   True SineWave SAW Based VCSO
CVXO-085XC CRYSTEKCRYSTAL-CVXO-085XC Datasheet
782Kb / 2P
   True Sinewave Clock Oscillators and Voltage Controlled Crystal Oscillators
CVS575S-500 CRYSTEKCRYSTAL-CVS575S-500 Datasheet
455Kb / 3P
   True SineWave SAW Based VCSO 5x7.5mm SMD 3.3 Volts
CCO-083 CRYSTEKCRYSTAL-CCO-083 Datasheet
782Kb / 2P
   True Sinewave Clock Oscillators and Voltage Controlled Crystal Oscillators
CCSO-914X3-1000 CRYSTEKCRYSTAL-CCSO-914X3-1000 Datasheet
513Kb / 3P
   True SineWave SAW Based Clock Osc 9x14MM SMD 3.3 Volt
CCSO-914X-1000 CRYSTEKCRYSTAL-CCSO-914X-1000 Datasheet
518Kb / 3P
   True SineWave SAW Based Clock Osc 9x14MM SMD 5 Volt
CCSO-914X CRYSTEKCRYSTAL-CCSO-914X Datasheet
524Kb / 3P
   True SineWave SAW Based Clock Osc 9x14MM SMD 3.3 & 5.0 Volt
logo
Frequency Devices, Inc.
DX45 FREQUENCYDEVICES-DX45 Datasheet
496Kb / 3P
   Sinewave Oscillator
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com