Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SG29125 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # SG29125
Description  LOW DROPOUT DUAL REGULATOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SG29125 Datasheet(HTML) 1 Page - Microsemi Corporation

  SG29125 Datasheet HTML 1Page - Microsemi Corporation SG29125 Datasheet HTML 2Page - Microsemi Corporation SG29125 Datasheet HTML 3Page - Microsemi Corporation SG29125 Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SG29125/125A
12/90 Rev 1.1 2/94
LINFINITY Microelectronics Inc.
Copyright
© 1994
11861 Western Avenue
∞ Garden Grove, CA 92841
1
(714) 898-8121
∞ FAX: (714) 893-2570
FEATURES
••••• 2% Internally Trimmed Output
••••• Two regulated outputs
••••• Output current in excess of
1000mA
••••• Low quiescent current standby
regulator
••••• Input-output differential less than
0.6V at 0.5A
••••• Reverse battery protection
••••• 60V load dump protection
••••• -50V reverse transient protection
••••• Short circuit protection
••••• Internal thermal overload protec-
tion
••••• Available in plastic TO-220
••••• ON/OFF switch for high current
output
DESCRIPTION
The SG29125/125A is a dual 12V/5V positive voltage regulator. One output is a high
current (up to 1000 mA) regulator that can be turned on or off by a high impedance low
current TTL compatible switch. The second or standby output remains on regardless.
The on/off switch not only shuts off the high current output but actually puts the IC in
a micropower mode making possible a low quiescent current. This unique character-
istic coupled with an extremely low dropout, (.55V for output current of 10mA) makes
the SG29125/125A well suited for power systems that require standby memory. The
SG29125/125A includes other features which were originally designed for automotive
applications. These include protection from reverse battery installations and double
battery jumps. The high current regulator has overvoltage shutdown to protect both
the internal circuitry and the load during line transients, such as load dump (60V). In
addition, the high current regulator design also has built-in protection for short circuit
and thermal overload. During these fault conditions of the primary regulator the
standby regulator will continue to power its load.
The SG29125 is the 12 volt, ±5% version of a family of dual regulators with a standby
output voltage of 5V. Other high current outputs of 5 and 8.2 volts are available. Also
available is the SG29125A which offers an improved output voltage tolerance of ±2%.
They are available in the plastic TO-220 power package and are designed to function
over the automotive ambient temperature range of -40
°C to 85°C.
LOW DROPOUT DUAL REGULATOR
TYPICAL APPLICATION CIRCUIT
* Required if regulator is located far from power
supply filter.
** Required for stability. May be increased without
bound. Capacitor must be rated to operate at the
minimum temperature expected for the regulator
system.
OVERVOLTAGE
THERMAL
SHUTDOWN
REGULATOR
BIAS
1.23V
REFERENCE
5V STANDBY
REGULATOR
5.6V
OUTPUT VOLTAGE
(12V, 1000mA)
STANDBY OUTPUT
(5V, 50mA)
INPUT VOLTAGE
ON/OFF SWITCH
(for output voltage only)
GROUND
C1
*
0.1
µF
C3
**
10
µF
C2
**
10
µF
2
5
3
1
4
SG29125/125A


Similar Part No. - SG29125

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG29125 MICROSEMI-SG29125 Datasheet
254Kb / 4P
   LOW DROPOUT DUAL REGULATOR
SG29125A MICROSEMI-SG29125A Datasheet
254Kb / 4P
   LOW DROPOUT DUAL REGULATOR
SG29125AP MICROSEMI-SG29125AP Datasheet
254Kb / 4P
   LOW DROPOUT DUAL REGULATOR
SG29125P MICROSEMI-SG29125P Datasheet
254Kb / 4P
   LOW DROPOUT DUAL REGULATOR
SG29125 MICROSEMI-SG29125_1 Datasheet
254Kb / 4P
   LOW DROPOUT DUAL REGULATOR
More results

Similar Description - SG29125

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TAR8H05K TOSHIBA-TAR8H05K Datasheet
170Kb / 8P
   Dual Low-Dropout Regulator
TAR8D03K TOSHIBA-TAR8D03K Datasheet
169Kb / 8P
   Dual Low-Dropout Regulator
TAR8D06K TOSHIBA-TAR8D06K Datasheet
162Kb / 7P
   Dual Low-Dropout Regulator
TAR8D01K TOSHIBA-TAR8D01K Datasheet
170Kb / 8P
   Dual Low-Dropout Regulator
TAR8D08K TOSHIBA-TAR8D08K Datasheet
170Kb / 8P
   Dual Low-Dropout Regulator
TAR8H03K TOSHIBA-TAR8H03K Datasheet
170Kb / 8P
   Dual Low-Dropout Regulator
logo
ON Semiconductor
CS8135 ONSEMI-CS8135 Datasheet
88Kb / 8P
   Low Dropout Dual Regulator
December, 2001 - Rev. 3
logo
Microsemi Corporation
SG29055 MICROSEMI-SG29055 Datasheet
41Kb / 4P
   LOW DROPOUT DUAL REGULATOR
LX8942 MICROSEMI-LX8942 Datasheet
238Kb / 8P
   Low Dropout Dual Regulator
SG29055 MICROSEMI-SG29055_1 Datasheet
253Kb / 4P
   LOW DROPOUT DUAL REGULATOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com