Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P2P2304NZF-08TR Datasheet(PDF) 7 Page - ON Semiconductor

Part # P2P2304NZF-08TR
Description  Four Output PCI-X and General Purpose Buffer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

P2P2304NZF-08TR Datasheet(HTML) 7 Page - ON Semiconductor

  P2P2304NZF-08TR Datasheet HTML 1Page - ON Semiconductor P2P2304NZF-08TR Datasheet HTML 2Page - ON Semiconductor P2P2304NZF-08TR Datasheet HTML 3Page - ON Semiconductor P2P2304NZF-08TR Datasheet HTML 4Page - ON Semiconductor P2P2304NZF-08TR Datasheet HTML 5Page - ON Semiconductor P2P2304NZF-08TR Datasheet HTML 6Page - ON Semiconductor P2P2304NZF-08TR Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
ASM2P2304NZ
http://onsemi.com
7
Table 7. ORDERING INFORMATION
Part Number
Marking
Package Type
Temperature
P2P2304NZF−08ST
2P2304NZF
8−pin SOIC − Tube, Pb Free
Commercial
P2P2304NZF−08SR
2P2304NZF
8−pin SOIC − Tape and Reel, Pb Free
Commercial
ASM2I2304NZF−08−ST
2I2304NZF
8−pin SOIC − Tube, Pb Free
Industrial
ASM2I2304NZF−08−SR
2I2304NZF
8−pin SOIC − Tape and Reel, Pb Free
Industrial
ASM2P2304NZF−08−TT
2P2304NZF
8−pin TSSOP − Tube, Pb Free
Commercial
P2P2304NZF−08TR
2P2304NZF
8−pin TSSOP − Tape and Reel, Pb Free
Commercial
P2I2304NZF−08TT
2I2304NZF
8−pin TSSOP − Tube, Pb Free
Industrial
P2I2304NZF−08−TR
2I2304NZF
8−pin TSSOP − Tape and Reel, Pb Free
Industrial
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice
to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages.
“Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All
operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights
nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications
intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should
Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates,
and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal
Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
ASM2P2304NZ/D
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Europe, Middle East and Africa Technical Support:
Phone: 421 33 790 2910
Japan Customer Focus Center
Phone: 81−3−5773−3850
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 5163, Denver, Colorado 80217 USA
Phone: 303−675−2175 or 800−344−3860 Toll Free USA/Canada
Fax: 303−675−2176 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative


Similar Part No. - P2P2304NZF-08TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
P2PAK STMICROELECTRONICS-P2PAK Datasheet
525Kb / 26P
   3 A, very low drop voltage regulators
More results

Similar Description - P2P2304NZF-08TR

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM2P2304NZ ALSC-ASM2P2304NZ Datasheet
667Kb / 8P
   Four Output PCI-X and General Purpose Buffer
logo
Cypress Semiconductor
CY2304NZ CYPRESS-CY2304NZ Datasheet
71Kb / 5P
   Four Output PCI-X and General Purpose Buffer
CY2304NZ CYPRESS-CY2304NZ_12 Datasheet
345Kb / 8P
   Four Output PCI-X and General Purpose Buffer
logo
PulseCore Semiconductor
ASM2P2304NZ PULSECORE-ASM2P2304NZ Datasheet
175Kb / 9P
   Four Output PCI-X and General Purpose Buffer
logo
Cypress Semiconductor
CY2304NZ CYPRESS-CY2304NZ_13 Datasheet
377Kb / 8P
   Four Output PCI-X and General Purpose Buffer
CY2304NZ CYPRESS-CY2304NZ_05 Datasheet
118Kb / 5P
   Four Output PCI-X and General Purpose Buffer
CY2304NZ CYPRESS-CY2304NZ_11 Datasheet
345Kb / 8P
   Four Output PCI-X and General Purpose Buffer
logo
Integrated Circuit Syst...
ICS9DB104 ICST-ICS9DB104 Datasheet
105Kb / 13P
   Four Output Differential Buffer for PCI-Express
logo
Renesas Technology Corp
9DB401C RENESAS-9DB401C Datasheet
321Kb / 18P
   Four Output Differential Buffer for PCI Express
1/27/11
logo
Integrated Device Techn...
ICS9DB401C IDT-ICS9DB401C Datasheet
244Kb / 17P
   Four Output Differential Buffer for PCI Express
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com