Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SG2846 Datasheet(PDF) 10 Page - Microsemi Corporation

Part # SG2846
Description  CURRENT MODE PWM CONTROLLER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SG2846 Datasheet(HTML) 10 Page - Microsemi Corporation

Back Button SG2846 Datasheet HTML 2Page - Microsemi Corporation SG2846 Datasheet HTML 3Page - Microsemi Corporation SG2846 Datasheet HTML 4Page - Microsemi Corporation SG2846 Datasheet HTML 5Page - Microsemi Corporation SG2846 Datasheet HTML 6Page - Microsemi Corporation SG2846 Datasheet HTML 7Page - Microsemi Corporation SG2846 Datasheet HTML 8Page - Microsemi Corporation SG2846 Datasheet HTML 9Page - Microsemi Corporation SG2846 Datasheet HTML 10Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
SG1846
4/90 Rev 1.1 2/94
LINFINITY Microelectronics Inc.
Copyright
© 1994
11861 Western Avenue
∞ Garden Grove, CA 92841
10
(714) 898-8121
∞ FAX: (714) 893-2570
CONNECTION DIAGRAMS & ORDERING INFORMATION (See Notes Below)
Ambient
Temperature Range
Part No.
Connection Diagram
Package
16-PIN CERAMIC DIP
J - PACKAGE
SG1846J/883B
-55
°C to 125°C
SG1846J/DESC
-55
°C to 125°C
SG1846J
-55
°C to 125°C
SG2846J
-25
°C to 85°C
SG3846J
0
°C to 70°C
Notes:
1. Contact factory for JAN and DESC part availability.
2. All parts are viewed from the top.
3. Consult factory for product availability.
SHUTDOWN
+V
IN
OUTPUT B
V
C
GROUND
OUTPUT A
SYNC
R
T
C
T
COMPENSATION
(-) ERROR AMP
(+) ERROR AMP
(+) C.S.
(-) C.S.
V
REF
C.L./SOFTSTART
2
3
4
5
6
7
8
1
11
14
15
16
9
12
10
13
16-PIN PLASTIC DIP
N - PACKAGE
SG2846N
-25°C to 85°C
SG3846N
0°C to 70°C
2
3
4
5
6
7
8
1
13
12
11
14
15
10
9
16
11.N.C.
12.R
T
13.SYNC
14.OUTPUT A
15.GROUND
16.N.C.
17.V
C
18.OUTPUT B
19.V
IN
20.SHUTDOWN
C
T
COMPENSATION
(-) ERROR AMP
(+) ERROR AMP
(+) C.S.
(-) C.S.
V
REF
C.L./SOFTSTART
SHUTDOWN
+V
IN
OUTPUT B
V
C
GROUND
OUTPUT A
SYNC
R
T
2
3
4
5
6
7
8
1
13
12
11
14
15
10
9
16
C
T
COMPENSATION
(-) ERROR AMP
(+) ERROR AMP
(+) C.S.
(-) C.S.
V
REF
C.L./SOFTSTART
SHUTDOWN
+V
IN
OUTPUT B
V
C
GROUND
OUTPUT A
SYNC
R
T
4
5
6
7
8
321
911 12 13
10
14
15
16
17
18
20 19
1. N.C.
2. C.L./SOFTSTART
3. V
REF
4. (-) C.S.
5. (+) C.S.
6. N.C.
7. (+) ERROR AMP
8. (-) ERROR AMP
9. COMPENSATION
10. C
T
16-PIN WIDEBODY
PLASTIC S.O.I.C
DW - PACKAGE
SG2846DW
-25°C to 85°C
SG3846DW
0°C to 70°C
16-PIN CERAMIC
FLAT PACK
F - PACKAGE (Note 3)
20-PIN CERAMIC
LEADLESS CHIP CARRIER
L - PACKAGE (Note 3)
SG1846L/883B
-55°C to 125°C
SG1846L/DESC
-55°C to 125°C
SG1846L
-55°C to 125°C
SG1846F/DESC
-55°C to 125°C


Similar Part No. - SG2846

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG2846 MICROSEMI-SG2846 Datasheet
354Kb / 10P
   CURRENT MODE PWM CONTROLLER
SG2846DW MICROSEMI-SG2846DW Datasheet
354Kb / 10P
   CURRENT MODE PWM CONTROLLER
SG2846J MICROSEMI-SG2846J Datasheet
354Kb / 10P
   CURRENT MODE PWM CONTROLLER
SG2846N MICROSEMI-SG2846N Datasheet
354Kb / 10P
   CURRENT MODE PWM CONTROLLER
More results

Similar Description - SG2846

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UC3842 PHILIPS-UC3842 Datasheet
74Kb / 8P
   Current-mode PWM controller
August 31, 1994
logo
Daewoo Semiconductor
DBL3842 DAEWOO-DBL3842 Datasheet
467Kb / 8P
   CURRENT MODE PWM CONTROLLER
logo
BCD Semiconductor Manuf...
AP384XC BCDSEMI-AP384XC Datasheet
176Kb / 13P
   CURRENT MODE PWM CONTROLLER
logo
Cystech Electonics Corp...
MC7731N6 CYSTEKEC-MC7731N6 Datasheet
363Kb / 10P
   Current Mode PWM Controller
logo
BCD Semiconductor Manuf...
AP3842C BCDSEMI-AP3842C Datasheet
359Kb / 14P
   CURRENT MODE PWM CONTROLLER
logo
Texas Instruments
UC1846AJ TI-UC1846AJ Datasheet
3Mb / 13P
[Old version datasheet]   Current Mode PWM Controller
UC3844Q TI1-UC3844Q Datasheet
708Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC1843 TI-UC1843 Datasheet
937Kb / 3P
[Old version datasheet]   Current Mode PWM Controller
UC2846J TI-UC2846J Datasheet
463Kb / 8P
[Old version datasheet]   Current Mode PWM Controller
logo
List of Unclassifed Man...
AMC3842B ETC-AMC3842B Datasheet
365Kb / 10P
   CURRENT MODE PWM CONTROLLER
CM3842 ETC-CM3842 Datasheet
638Kb / 12P
   CURRENT MODE PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com